Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VBNG6SS1815ST39 Datasheet(PDF) 11 Page - ITT Industries

Part # VBNG6SS1815ST39
Description  Veam VBN Connectors
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

VBNG6SS1815ST39 Datasheet(HTML) 11 Page - ITT Industries

Back Button VBNG6SS1815ST39 Datasheet HTML 7Page - ITT Industries VBNG6SS1815ST39 Datasheet HTML 8Page - ITT Industries VBNG6SS1815ST39 Datasheet HTML 9Page - ITT Industries VBNG6SS1815ST39 Datasheet HTML 10Page - ITT Industries VBNG6SS1815ST39 Datasheet HTML 11Page - ITT Industries VBNG6SS1815ST39 Datasheet HTML 12Page - ITT Industries VBNG6SS1815ST39 Datasheet HTML 13Page - ITT Industries VBNG6SS1815ST39 Datasheet HTML 14Page - ITT Industries VBNG6SS1815ST39 Datasheet HTML 15Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 45 page
background image
VEAM VBN
11
www.ittcannon.com
Dimensions shown in mm
Specifications and dimensions subject to change
Electrical Contact Current Ratings
Electrical performance per NFF-61030
Electrical performance per MIL-DTL-5015
Contact arrangement service rating
Dielectric strength (standard sea level conditions)
Recommended current according
to the temperature
16
22A
15A
11,5A
12
41A
23A
20A
8
73A
46A
42A
Contact Size
AWG
* MAXIMUM
rated current
20º C
Rated current
85º C
*
De-rated
current
**
Contact size
Contact resistance
Rated voltage
Withstand voltage
Service rating
Operating Voltage DC
(at sea level)
Operating voltage AC
(at sea level)
Service rating
Minimum flashover
ac rms
*
Test voltage ac rms
16
2.5 m
Ω max.
12
1.3 m
Ω max.
8
0.9 m
Ω max.
A
700 V
500 V
D
1,250 V
900 V
A
2,800 V
2,000 V
D
3,600 V
2,800V
500 V.d.c. max
3250 V.a.c. (rms)
380 V.a.c. max.
3250 V.a.c. (rms)
250
200
100
20
40
60
80
100
120
50
22
(ºC)
(A)
500
0
135
150
74
160
25
8
245
41
0
TEMPERATURE
10
4
60
100
12
15
16
15S
16S
8
Insulation resistance =
≥ 5000 m
In mated conditions
Interfacial seal is in compression
Minimum creepage distance = Minimum
insulation distance in air: 12mm.
* according to MIL-DTL-5015
* single contact isolation
** grouped contacts


Similar Part No. - VBNG6SS1815ST39

ManufacturerPart #DatasheetDescription
logo
VBsemi Electronics Co.,...
VBNC1303 VBSEMI-VBNC1303 Datasheet
596Kb / 8P
   N-Channel 30-V (D-S) MOSFET
logo
Festo Corporation.
VBNF-LBA-G14-Q8 FESTO-VBNF-LBA-G14-Q8 Datasheet
104Kb / 1P
   Non return valve
4/11/22
VBNF-LBA-G18-Q6 FESTO-VBNF-LBA-G18-Q6 Datasheet
104Kb / 1P
   Non return valve
4/11/22
More results

Similar Description - VBNG6SS1815ST39

ManufacturerPart #DatasheetDescription
logo
ITT Industries
TNM6S10-0004P1L ITT-TNM6S10-0004P1L Datasheet
5Mb / 96P
   Interconnect Solutions Cannon, VEAM, BIW
logo
Switchcraft, Inc.
AAA3FPBAUZ SWITCH-AAA3FPBAUZ Datasheet
195Kb / 2P
   CONNECTORS & RECEPTACLES AAA CONNECTORS
logo
Adels-Contact
112003B1 ADELS-112003B1 Datasheet
118Kb / 1P
   Screwless Connectors Block Connectors
06/01/2020
040015 ADELS-040015 Datasheet
119Kb / 2P
   Screwless Connectors Luminaire Connectors
06/01/2020
108005 ADELS-108005 Datasheet
118Kb / 2P
   Screwless Connectors Block Connectors
06/01/2020
108307 ADELS-108307 Datasheet
117Kb / 1P
   Screwless Connectors Block Connectors
06/01/2020
logo
List of Unclassifed Man...
HDRA-E68MA1 ETC2-HDRA-E68MA1 Datasheet
84Kb / 2P
   CONNECTORS
logo
Precid-Dip Durtal SA
8PM-11-0004-02-131 PREDIP-8PM-11-0004-02-131 Datasheet
18Kb / 2P
   SPRING-LOADED CONNECTORS & PAD CONNECTORS
802-10-018-30-507101 PREDIP-802-10-018-30-507101 Datasheet
19Kb / 2P
   SPRING-LOADED CONNECTORS & PAD CONNECTORS
811-SS-008-30-006101 PREDIP-811-SS-008-30-006101 Datasheet
20Kb / 3P
   SPRING-LOADED CONNECTORS & PAD CONNECTORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com