Electronic Components Datasheet Search |
|
Y1001U2AF03NQE Datasheet(PDF) 4 Page - ITT Industries |
|
Y1001U2AF03NQE Datasheet(HTML) 4 Page - ITT Industries |
4 / 8 page M M–6 Dimensions are shown: Inch (mm) Specifications and dimensions subject to change www.ittcannon.com C&K Y Series 4, 5 & 6 Tumbler Switchlocks SWITCH AND LOCK FUNCTION KEYING LOCK TYPE . AVAILABLE OPTION COMBINATIONS LOCK TYPES TERMINATIONS MOUNTING/LOCK STYLES MODELS A B C R V W 01 02 03 07 WC D L N R YX0013 •• • • • • • • • •• YX001U •• •• • • • • • • • •• YX0082 • •• • •• • • • YX00AX •• • •• • • • • YX0113 •• •• • • • • • • •• YX011C •• • • • • • • •• YX01IU •• •• • • • • • • • •• Y141XX •• • •• • • • • YX0812 •• • • • • • • Y190XX •• • • • • • B 5 TUMBLER LOCK A 4 TUMBLER LOCK (MOMENTARY MODELS ONLY) V 6 TUMBLER TUBULAR LOCK C 4 TUMBLER LOCK WITH DETENT KEYING NOTE: Keys are available separately, see page M-10. Key head shape subject to change without notice. NOTE: All orders keyed alike, standard. For more than one key code, master keying, replacement keys, or other special features, consult Customer Service Center. YES YES 2 NICKEL PLATED BRASS KEYS, 4 & 5 TUMBLER ONLY 6 NO YES 2 NICKEL PLATED BRASS KEYS (4 & 5 TUMBLER) or 2 DIE CAST CHROME PLATED ZINC ALLOY KEYS (6 TUMBLER) 2 CODE NO. ON LOCK CODE NO. ON KEY KEYING OPTIONS OPTION CODE |
Similar Part No. - Y1001U2AF03NQE |
|
Similar Description - Y1001U2AF03NQE |