Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISTS832S Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # ISTS832S
Description  TRANSMISSIVE OPTO-ELECTRONIC DUAL CHANNEL SLOTTED INTERRUPTER SWITCHES WITH TRANSISTOR SENSORS
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

ISTS832S Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  ISTS832S Datasheet HTML 1Page - List of Unclassifed Manufacturers ISTS832S Datasheet HTML 2Page - List of Unclassifed Manufacturers ISTS832S Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
DB92003AAS/A1
24/9/97
25
-25
0
25
50
75
100
125
Ambient temperature T
A ( °C )
75
0
100
Ambient temperature T
A ( °C )
60
30
20
10
0
40
50
-25
0
25
50
75
100
125
Collector Power Dissipation vs. Ambient Temperature
Forward Current vs. Ambient Temperature
50
0
0.5
1.0
1.5
I
F = 20mA
V
CE = 10V
Ambient temperature T
A ( °C )
-25
0
25
50
75
100
-25
0
25
50
75
100
Ambient temperature T
A ( °C )
Collector-emitter Saturation
Voltage vs. Ambient Temperature
0
0.04
0.08
0.12
0.16
0.20
0.24
0.28
I
F = 20mA
I
C = 50µA
1
2
5
10
20
50
0
0.4
0.6
0.8
1.0
1.2
0.2
1.4
Normalized Output Current vs.
Forward Current
Forward current I
F (mA)
0.1
1
10
100
1
10
Normalized Output Current vs.
Collector-emitter Voltage
Collector-emitter voltage V
CE ( V )
0.1
0.01
T
A = 25°C
0.02
0.04
0.2
0.4
2
4
1.6
1.8
2.0
Normalized to
I
F = 20mA
V
CE = 10V
Pulsed
PW = 100
µs
PRR = 100pps
I
F = 50mA
30mA
20mA
5mA
10mA
Normalized Output Current
vs. Ambient Temperature
Normalized to
I
F = 20mA
V
CE = 0.4V
Pulsed
PW = 100
µs
PRR = 100pps
T
A = 25°C


Similar Part No. - ISTS832S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
ISTS802 ETC1-ISTS802 Datasheet
71Kb / 3P
   0.5mm APERTURE OPTO-ELECTRONIC SINGLE CHANNEL WIDE GAP SLOTTED INTERRUPTER SWITCHES WITH TRANSISTOR SENSORS
ISTS802A ETC1-ISTS802A Datasheet
71Kb / 3P
   0.5mm APERTURE OPTO-ELECTRONIC SINGLE CHANNEL WIDE GAP SLOTTED INTERRUPTER SWITCHES WITH TRANSISTOR SENSORS
ISTS802B ETC1-ISTS802B Datasheet
71Kb / 3P
   0.5mm APERTURE OPTO-ELECTRONIC SINGLE CHANNEL WIDE GAP SLOTTED INTERRUPTER SWITCHES WITH TRANSISTOR SENSORS
ISTS802C ETC1-ISTS802C Datasheet
71Kb / 3P
   0.5mm APERTURE OPTO-ELECTRONIC SINGLE CHANNEL WIDE GAP SLOTTED INTERRUPTER SWITCHES WITH TRANSISTOR SENSORS
More results

Similar Description - ISTS832S

ManufacturerPart #DatasheetDescription
logo
ISOCOM COMPONENTS
H21A1 ISOCOM-H21A1 Datasheet
75Kb / 3P
   1mm APERTURE OPTO-ELECTRONIC SINGLE CHANNEL SLOTTED INTERRUPTER SWITCHES WITH TRANSISTOR SENSORS
logo
List of Unclassifed Man...
ISTS100 ETC-ISTS100 Datasheet
56Kb / 3P
   1mm APERTURE OPTO-ELECTRONIC SINGLE CHANNEL SLOTTED INTERRUPTER SWITCHES WITH TRANSISTOR SENSORS
ISTS300 ETC1-ISTS300 Datasheet
59Kb / 3P
   1mm APERTURE OPTO-ELECTRONIC SINGLE CHANNEL SLOTTED INTERRUPTER SWITCHES WITH DARLINGTON SENSORS
ISTS802 ETC1-ISTS802 Datasheet
71Kb / 3P
   0.5mm APERTURE OPTO-ELECTRONIC SINGLE CHANNEL WIDE GAP SLOTTED INTERRUPTER SWITCHES WITH TRANSISTOR SENSORS
logo
ISOCOM COMPONENTS
ISTS105A ISOCOM-ISTS105A Datasheet
145Kb / 4P
   SINGLE CHANNEL SLOTTED INTERRUPTER SWITCH WITH TRANSISTOR SENSORS
logo
Everlight Electronics C...
ITR9909 EVERLIGHT-ITR9909 Datasheet
246Kb / 7P
   Opto Interrupter
ITR9809-F EVERLIGHT-ITR9809-F Datasheet
305Kb / 7P
   Opto Interrupter
ITR9813 EVERLIGHT-ITR9813 Datasheet
235Kb / 8P
   Opto Interrupter
EAITRBA2 EVERLIGHT-EAITRBA2 Datasheet
383Kb / 9P
   Opto Interrupter
EAITRCA1 EVERLIGHT-EAITRCA1 Datasheet
471Kb / 9P
   Opto Interrupter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com