Part Name
         Description
NCS2511

 1 GHz Current Feedback Op Amp ( 12 Page)


ONSEMI
100% 
Zoom Out Zoom In
 6 page
background image
NCS2511
http://onsemi.com
6
AC ELECTRICAL CHARACTERISTICS (VCC = +2.5 V, VEE = −2.5 V, TA = −40°C to +85°C, RL = 150 W to GND, RF = 270 W,
AV = +2.0, Enable is left open, unless otherwise specified).
Symbol
Characteristic
Conditions
Min
Typ
Max
Unit
FREQUENCY DOMAIN PERFORMANCE
BW
Bandwidth
3.0 dB Small Signal
3.0 dB Large Signal
AV = +2.0, VO = 0.5 Vp−p
AV = +2.0, VO = 1.0 Vp−p
800
500
MHz
GF0.1dB
0.1 dB Gain Flatness
Bandwidth
AV = +2.0
40
MHz
dG
Differential Gain
AV = +2.0, RL = 150 W, f = 3.58 MHz
0.01
%
dP
Differential Phase
AV = +2.0, RL = 150 W, f = 3.58 MHz
0.01
°
TIME DOMAIN RESPONSE
SR
Slew Rate
AV = +2.0, Vstep = 1.0 V
1500
V/ms
ts
Settling Time
0.1%
AV = +2.0, Vstep = 1.0 V
10
ns
tr tf
Rise and Fall Time
(10%−90%) AV = +2.0, Vstep = 1.0 V
1.2
ns
HARMONIC/NOISE PERFORMANCE
THD
Total Harmonic Distortion
f = 5.0 MHz, VO = 1.0 Vp−p
−57
dB
HD2
2nd Harmonic Distortion
f = 5.0 MHz, VO = 1.0 Vp−p
−62
dBc
HD3
3rd Harmonic Distortion
f = 5.0 MHz, VO = 1.0 Vp−p
−60
dBc
IP3
Third−Order Intercept
f = 10 MHz, VO = 0.5 Vp−p
28
dBm
SFDR
Spurious−Free Dynamic
Range
f = 5.0 MHz, VO = 1.0 Vp−p
60
dBc
eN
Input Referred Voltage Noise
f = 1.0 MHz
5.0
nV Hz
iN
Input Referred Current Noise
f = 1.0 MHz, Inverting
f = 1.0 MHz, Non−Inverting
20
30
pA Hz



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
AD8003Triple 1.5 GHz Op Amp 1 2 3 4 5 MoreAnalog Devices
PT78ST1001.5 Amp Positive Step-Down Integrated Switching Regulator 1 2 3 4 Texas Instruments
VAM-EV1VIDEO AMP MODULE EV-BOARD 1 Hitachi Semiconductor
ADA4862-3High Speed G = +2 Low Cost Triple Op Amp 1 2 3 4 5 MoreAnalog Devices
AP3842High Performance Current Mode PWM Controller 1 2 3 4 5 MoreAnachip Corp
FP125F12 500 V - 20 000 V Rectifier Stacks 2.2 A Forward Current 150 ns Recovery Time 1 2 List of Unclassifed Manufacturers
TPS3808G125Low Quiescent Current Programmable-Delay Supervisory Circuit 1 2 3 4 5 MoreTexas Instruments
SI6862DQDual N-Channel 20-V D-S MOSFET with Current Sense 1 2 3 4 5 MoreVishay Siliconix
4311111002452.45 GHz ISM-band antenna for Bluetooth and WLAN IEEE 802.11b 1 2 3 4 5 MoreList of Unclassifed Manufacturers
4311115002452.45 GHz ISM-band antenna for Bluetooth and WLAN IEEE 802.11b Long Shape 1 2 3 4 5 MoreList of Unclassifed Manufacturers

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl