Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AG403-86 Datasheet(PDF) 4 Page - WJ Communication. Inc.

Part # AG403-86
Description  InGaP HBT Gain Block
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

AG403-86 Datasheet(HTML) 4 Page - WJ Communication. Inc.

  AG403-86 Datasheet HTML 1Page - WJ Communication. Inc. AG403-86 Datasheet HTML 2Page - WJ Communication. Inc. AG403-86 Datasheet HTML 3Page - WJ Communication. Inc. AG403-86 Datasheet HTML 4Page - WJ Communication. Inc. AG403-86 Datasheet HTML 5Page - WJ Communication. Inc. AG403-86 Datasheet HTML 6Page - WJ Communication. Inc.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Specifications and information are subject to change without notice
WJ Communications, Inc
• Phone 1-800-WJ1-4401 • FAX: 408-577-6621 • e-mail: sales@wj.com • Web site: www.wj.com
Page 4 of 6 June 2005
AG403-86
InGaP HBT Gain Block
Product Information
Typical Device Data
S-Parameters (Vdevice = +4.91 V, ICC = 60 mA, T = 25
° C, calibrated to device leads)
Freq (MHz)
S11 (dB)
S11 (ang)
S21 (dB)
S21 (ang)
S12 (dB)
S12 (ang)
S22 (dB)
S22 (ang)
50
-19.96
178.96
21.80
177.11
-24.27
1.37
-21.87
-8.56
250
-20.03
161.79
21.67
166.40
-24.86
2.67
-22.38
-23.27
500
-18.29
144.41
21.43
153.03
-24.84
0.41
-25.34
-67.32
750
-18.69
125.75
21.04
140.39
-24.79
-1.97
-22.92
-96.88
1000
-19.75
103.57
20.57
128.52
-25.10
-3.56
-20.80
-115.67
1250
-19.49
85.86
20.05
117.01
-24.53
-2.87
-18.46
-127.17
1500
-19.96
65.61
19.46
106.46
-24.66
-1.05
-16.81
-135.05
1750
-19.67
44.52
18.86
96.58
-24.31
-3.28
-15.57
-140.07
2000
-19.19
25.46
18.23
87.12
-24.23
-1.86
-14.70
-145.08
2250
-16.47
9.39
17.63
78.94
-23.83
-5.82
-13.06
-133.83
2500
-16.76
-2.54
17.22
72.76
-24.03
-9.32
-13.34
-139.51
2750
-17.06
-12.50
16.73
64.27
-23.16
-8.40
-13.64
-145.79
3000
-17.44
-20.94
16.26
56.10
-23.28
-7.63
-14.45
-155.77
3250
-18.26
-28.52
15.82
48.49
-22.60
-9.15
-15.52
-165.77
3500
-19.67
-36.75
15.40
40.73
-22.73
-9.59
-16.75
176.91
3750
-21.24
-39.96
14.96
33.05
-22.14
-14.85
-17.04
153.24
4000
-23.74
-40.60
14.54
25.39
-21.60
-16.87
-16.55
133.43
4250
-26.07
-43.48
14.15
18.04
-21.30
-19.30
-15.11
117.23
4500
-28.72
-35.53
13.71
10.72
-20.86
-23.27
-13.98
107.90
4750
-30.07
-39.18
13.29
3.34
-20.83
-24.94
-13.01
104.62
5000
-30.66
-46.11
12.94
-3.45
-20.32
-28.30
-12.36
104.65
5250
-26.93
-62.38
12.57
-10.07
-20.17
-31.73
-12.34
104.43
5500
-24.53
-76.41
12.21
-16.59
-19.91
-33.92
-12.35
107.24
5750
-21.76
-89.71
11.99
-23.09
-19.75
-37.97
-12.98
112.15
6000
-20.29
-92.71
11.73
-29.36
-19.15
-42.19
-13.43
113.78
Device S-parameters are available for download off of the website at: http://www.wj.com


Similar Part No. - AG403-86

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AG403-86 ETC-AG403-86 Datasheet
212Kb / 3P
   InGaP HBT Gain Block
AG403-86 ETC-AG403-86 Datasheet
329Kb / 6P
   InGaP HBT Gain Block
logo
WJ Communication. Inc.
AG403-86 WJCI-AG403-86 Datasheet
435Kb / 6P
   InGaP HBT Gain Block
logo
List of Unclassifed Man...
AG403-86G ETC-AG403-86G Datasheet
329Kb / 6P
   InGaP HBT Gain Block
logo
WJ Communication. Inc.
AG403-86G WJCI-AG403-86G Datasheet
435Kb / 6P
   InGaP HBT Gain Block
More results

Similar Description - AG403-86

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
AG201-86 WJCI-AG201-86 Datasheet
452Kb / 6P
   InGaP HBT Gain Block
AG604-89 WJCI-AG604-89 Datasheet
295Kb / 5P
   InGaP HBT Gain Block
logo
TriQuint Semiconductor
AG201-63 TRIQUINT-AG201-63_15 Datasheet
500Kb / 5P
   InGaP HBT Gain Block
logo
WJ Communication. Inc.
AG201-63 WJCI-AG201-63 Datasheet
504Kb / 6P
   InGaP HBT Gain Block
ECG040 WJCI-ECG040 Datasheet
161Kb / 4P
   InGaP HBT Gain Block
AG402-86 WJCI-AG402-86 Datasheet
430Kb / 6P
   InGaP HBT Gain Block
AG503-89-RFID WJCI-AG503-89-RFID Datasheet
509Kb / 6P
   InGaP HBT Gain Block
AG302-86 WJCI-AG302-86 Datasheet
456Kb / 6P
   InGaP HBT Gain Block
AG402-86 WJCI-AG402-86_06 Datasheet
198Kb / 5P
   InGaP HBT Gain Block
logo
List of Unclassifed Man...
ECG006 ETC-ECG006 Datasheet
377Kb / 8P
   InGaP HBT Gain Block
ECG003 ETC-ECG003 Datasheet
192Kb / 5P
   InGaP HBT Gain Block
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com