Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AG402-89 Datasheet(PDF) 3 Page - WJ Communication. Inc.

Part # AG402-89
Description  InGaP HBT Gain Block
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WJCI [WJ Communication. Inc.]
Direct Link  http://www.wj.com
Logo WJCI - WJ Communication. Inc.

AG402-89 Datasheet(HTML) 3 Page - WJ Communication. Inc.

  AG402-89 Datasheet HTML 1Page - WJ Communication. Inc. AG402-89 Datasheet HTML 2Page - WJ Communication. Inc. AG402-89 Datasheet HTML 3Page - WJ Communication. Inc. AG402-89 Datasheet HTML 4Page - WJ Communication. Inc. AG402-89 Datasheet HTML 5Page - WJ Communication. Inc. AG402-89 Datasheet HTML 6Page - WJ Communication. Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Specifications and information are subject to change without notice
WJ Communications, Inc
• Phone 1-800-WJ1-4401 • FAX: 408-577-6621 • e-mail: sales@wj.com • Web site: www.wj.com
Page 3 of 6
June 2005
AG402-89
InGaP HBT Gain Block
Product Information
Typical Device RF Performance (cont’d)
Supply Bias = +8 V, Rbias = 51
Ω, Icc = 60 mA
Gain vs. Frequency
6
8
10
12
14
16
01
23
4
Frequency (GHz)
-40 C
+25 C
+85 C
Output IP3vs. Frequency
15
20
25
30
35
0
0.5
1
1.5
2
2.5
3
3.5
Frequency(GHz)
-40C
+25C
+85C
Output IP2vs. Frequency
30
35
40
45
50
0
200
400
600
800
1000
Frequency(MHz)
-40c
+25c
+85c
P1dBvs. Frequency
0
5
10
15
20
00.511.522.533.5
4
Frequency(GHz)
-40C
+25C
+85C
NoiseFigurevs. Frequency
0
1
2
3
4
5
00.511.522.5
3
Frequency(GHz)
-40C
+25C
+85C
Application Circuit
Recommended Component Values
Reference
Frequency (MHz)
Designator
50
500
900
1900
2200
2500
3500
L1
820 nH
220 nH
68 nH
27 nH
22 nH
18 nH
15 nH
C1, C2, C4
.018 µF
1000 pF
100 pF
68 pF
68 pF
56 pF
39 pF
1. The proper values for the components are dependent upon the intended frequency of operation.
2. The following values are contained on the evaluation board to achieve optimal broadband performance:
Ref. Desig.
Value / Type
Size
L1
39 nH wirewound inductor
0603
C1, C2
56 pF chip capacitor
0603
C3
0.018
µF chip capacitor
0603
C4
Do Not Place
R1
18.2
Ω 1% tolerance
0805
Recommended Bias Resistor Values
Supply
Voltage
R1 value
S ize
6 V
18.2 ohms
0805
7 V
34.8 ohms
1206
8 V
52 ohms
1210
9 V
68 ohms
1210
10 V
85 ohms
2010
12 V
118 ohms
2010
The proper value for R1 is dependent upon the supply
voltage and allows for bias stability over temperature.
WJ recommends a minimum supply bias of +6 V. A
1% tolerance resistor is recommended.
C1
Blocking
Capacitor
RF OUT
L1
RF Choke
C3
0.018 µF
R1
Bias
Resistor
RF IN
C4
Bypass
Capacitor
C2
Blocking
Capacitor
Vcc
Icc = 60 mA
AG402-89


Similar Part No. - AG402-89

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AG402-89 ETC-AG402-89 Datasheet
250Kb / 6P
   AG402-89 InGaP HBT Gain Block
logo
WJ Communication. Inc.
AG402-89 WJCI-AG402-89 Datasheet
288Kb / 5P
   InGaP HBT Gain Block
logo
List of Unclassifed Man...
AG402-89G ETC-AG402-89G Datasheet
250Kb / 6P
   AG402-89 InGaP HBT Gain Block
logo
WJ Communication. Inc.
AG402-89G WJCI-AG402-89G Datasheet
288Kb / 5P
   InGaP HBT Gain Block
logo
TriQuint Semiconductor
AG402-89G TRIQUINT-AG402-89G Datasheet
213Kb / 5P
   Lead-free / RoHS-compliant / Green SOT-89 package
More results

Similar Description - AG402-89

ManufacturerPart #DatasheetDescription
logo
WJ Communication. Inc.
AG201-86 WJCI-AG201-86 Datasheet
452Kb / 6P
   InGaP HBT Gain Block
AG604-89 WJCI-AG604-89 Datasheet
295Kb / 5P
   InGaP HBT Gain Block
logo
TriQuint Semiconductor
AG201-63 TRIQUINT-AG201-63_15 Datasheet
500Kb / 5P
   InGaP HBT Gain Block
logo
WJ Communication. Inc.
AG201-63 WJCI-AG201-63 Datasheet
504Kb / 6P
   InGaP HBT Gain Block
ECG040 WJCI-ECG040 Datasheet
161Kb / 4P
   InGaP HBT Gain Block
AG402-86 WJCI-AG402-86 Datasheet
430Kb / 6P
   InGaP HBT Gain Block
AG503-89-RFID WJCI-AG503-89-RFID Datasheet
509Kb / 6P
   InGaP HBT Gain Block
AG302-86 WJCI-AG302-86 Datasheet
456Kb / 6P
   InGaP HBT Gain Block
AG402-86 WJCI-AG402-86_06 Datasheet
198Kb / 5P
   InGaP HBT Gain Block
logo
List of Unclassifed Man...
ECG006 ETC-ECG006 Datasheet
377Kb / 8P
   InGaP HBT Gain Block
ECG003 ETC-ECG003 Datasheet
192Kb / 5P
   InGaP HBT Gain Block
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com