Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WMS7201050P Datasheet(PDF) 10 Page - Winbond

Part # WMS7201050P
Description  256-TAP QUAD-CHANNEL NON-VOLATILE DIGITAL POTENTIOMETER
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

WMS7201050P Datasheet(HTML) 10 Page - Winbond

Back Button WMS7201050P Datasheet HTML 6Page - Winbond WMS7201050P Datasheet HTML 7Page - Winbond WMS7201050P Datasheet HTML 8Page - Winbond WMS7201050P Datasheet HTML 9Page - Winbond WMS7201050P Datasheet HTML 10Page - Winbond WMS7201050P Datasheet HTML 11Page - Winbond WMS7201050P Datasheet HTML 12Page - Winbond WMS7201050P Datasheet HTML 13Page - Winbond WMS7201050P Datasheet HTML 14Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
WMS7204
- 10 -
7.5. DAISY CHAIN
Multiple devices can be controlled by the same bus without the need for extra CS lines from the
microcontroller by daisy chaining the devices with the SDO of the first device connected to SDI of the
next device as shown in figure 3
FIGURE 3 – DAISY CHAIN CONFIGURATION
A complete command is 24 bits including the instruction and the two data bytes. When shifting 24 bits
in to the first device in the chain, the 24 bits of the previous command will be shifted out. So to set up
two devices in a daisy chain, a total of 48 bits must be sent where the first 24 bits will be shifted out to
the second device and the 24 bits shifted in last will remain in the first device.
FIGURE 4 – DAISY CHAIN COMMAND EXAMPLE
CS
CLK
SDO
SDI SDO
SDI SDO
SDI SDO
Device
Device
Device
Micro
controller
CS
CS
CLK
CLK
CLK
CS
1. Command and data for device 2 is shifted into device 1; this will propagate to Device 2 when
the next 24 bits are shifted in.
Command 1
Data
2
Data
2
xx
xx
xx
Device
Device
2. Command and data for device 1 is shifted into device 1. Now Device 1 and 2 are correctly set
up
Command 2
Data
1
Data
1
Command A
Data
2
Data
2
Device
Device
VDD


Similar Part No. - WMS7201050P

ManufacturerPart #DatasheetDescription
logo
Winbond
WMS7201050P WINBOND-WMS7201050P Datasheet
318Kb / 29P
   256-TAP NON-VOLATILE DIGITAL POTENTIOMETER
WMS7201050P WINBOND-WMS7201050P Datasheet
282Kb / 30P
   256-TAP DUAL-CHANNEL NON-VOLATILE DIGITAL
More results

Similar Description - WMS7201050P

ManufacturerPart #DatasheetDescription
logo
Winbond
WMS7201 WINBOND-WMS7201 Datasheet
318Kb / 29P
   256-TAP NON-VOLATILE DIGITAL POTENTIOMETER
WMS7202 WINBOND-WMS7202 Datasheet
282Kb / 30P
   256-TAP DUAL-CHANNEL NON-VOLATILE DIGITAL
logo
Texas Instruments
TPL0102-100 TI1-TPL0102-100 Datasheet
591Kb / 24P
[Old version datasheet]   256-TAPS DUAL CHANNEL DIGITAL POTENTIOMETER WITH NON-VOLATILE MEMORY
MARCH2011
logo
Maxim Integrated Produc...
MAX5392 MAXIM-MAX5392 Datasheet
2Mb / 16P
   Dual, 256-Tap, Volatile, Low-Voltage, Linear Taper Digital Potentiometer
Rev 1; 4/10
MAX5389 MAXIM-MAX5389 Datasheet
2Mb / 13P
   Dual, 256-Tap, Volatile, Low-Voltage Linear Taper Digital Potentiometer
Rev 1; 4/10
MAX5387 MAXIM-MAX5387 Datasheet
2Mb / 15P
   Dual, 256-Tap, Volatile, Low-Voltage Linear Taper Digital Potentiometer
Rev 1; 4/10
MAX5394 MAXIM-MAX5394 Datasheet
2Mb / 15P
   Single, 256-Tap Volatile, SPI, Low-Voltage Linear Taper Digital Potentiometer
Rev 1; 9/12
logo
ON Semiconductor
CAT5140 ONSEMI-CAT5140_13 Datasheet
172Kb / 10P
   Single Channel 256 Tap Digital Potentiometer (POT)
July, 2013 ??Rev. 4
logo
Maxim Integrated Produc...
MAX5395 MAXIM-MAX5395 Datasheet
2Mb / 17P
   Single, 256-Tap Volatile, I2C, Low-Voltage Linear Taper Digital Potentiometer
Rev 0; 7/12
logo
Texas Instruments
TPL0102-EP TI-TPL0102-EP_15 Datasheet
1Mb / 36P
[Old version datasheet]   TPL0102-EP 256-Taps Dual-Channel Digital Potentiometer With Non-Volatile Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com