Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WMS7202050S Datasheet(PDF) 6 Page - Winbond

Part # WMS7202050S
Description  256-TAP QUAD-CHANNEL NON-VOLATILE DIGITAL POTENTIOMETER
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

WMS7202050S Datasheet(HTML) 6 Page - Winbond

Back Button WMS7202050S Datasheet HTML 2Page - Winbond WMS7202050S Datasheet HTML 3Page - Winbond WMS7202050S Datasheet HTML 4Page - Winbond WMS7202050S Datasheet HTML 5Page - Winbond WMS7202050S Datasheet HTML 6Page - Winbond WMS7202050S Datasheet HTML 7Page - Winbond WMS7202050S Datasheet HTML 8Page - Winbond WMS7202050S Datasheet HTML 9Page - Winbond WMS7202050S Datasheet HTML 10Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
WMS7204
- 6 -
6. PIN DESCRIPTION
TABLE 1 – PIN DESCRIPTION
PIN NAME
PIN NO
I/O
DESCRIPTION
CLK
2
I
Serial Clock pin. Data Shifts in one bit at a time on positive clock
(CLK) edges
CS
1
I
Chip Select pin. When CS is HIGH, WMS7204 is deselected and
the SDO pin is at high impedance, and (unless an internal write
cycle is underway) the device will be in the standby state. CS LOW
enables WMS7204, placing it in the active power mode. It should
be noted that after a power-up, a HIGH to LOW transition on CS is
required prior to the start of any operation.
SDI
3
I
Serial Data Input pin. All opcodes, byte addresses and data to be
written to the registers are input on this pin. Data is latched by the
rising edge of the serial clock.
SDO
18
O
Serial Data Output pin with open-drain output. During a read cycle,
data is shifted out on this pin. Data is clocked out by the falling
edge of the serial clock except for the 1
st bit , which is clocked out
by the falling edge of CS. Also can be used to daisy-chain several
parts.
R/B
6
O
Ready signal with active-LOW, open-drain output, and
acknowledges the completion of commands 2, 4, 5, 6, and 7.
WP
4
I
Hardware Write Protect pin. When active LOW WP prevents any
changes to the present contents except retrieving NVMEM
contents.
VDD
20
-
Power Supply
VSS
5
-
Ground pin, logic ground reference
VA1
18
-
A terminal of potentiometer ‘1’, equivalent to the HI terminal
connection on a mechanical potentiometer
VB1
16
-
B terminal of potentiometer ‘1’, equivalent to the LO terminal
connection on a mechanical potentiometer
VW1
17
O
Wiper terminal of potentiometer ‘1’, equivalent to the wiper terminal
of a mechanical potentiometer
VA2
13
-
A terminal of potentiometer ‘2’, equivalent to the HI terminal
connection on a mechanical potentiometer.
VB2
15
-
B terminal of potentiometer ‘2’, equivalent to the LO terminal
connection on a mechanical potentiometer.
VW2
14
O
Wiper terminal of potentiometer ‘2’, equivalent to the wiper terminal
of a mechanical potentiometer.
VA3
12
-
A terminal of potentiometer ‘3’, equivalent to the HI terminal


Similar Part No. - WMS7202050S

ManufacturerPart #DatasheetDescription
logo
Winbond
WMS7202050S WINBOND-WMS7202050S Datasheet
318Kb / 29P
   256-TAP NON-VOLATILE DIGITAL POTENTIOMETER
WMS7202050S WINBOND-WMS7202050S Datasheet
282Kb / 30P
   256-TAP DUAL-CHANNEL NON-VOLATILE DIGITAL
More results

Similar Description - WMS7202050S

ManufacturerPart #DatasheetDescription
logo
Winbond
WMS7201 WINBOND-WMS7201 Datasheet
318Kb / 29P
   256-TAP NON-VOLATILE DIGITAL POTENTIOMETER
WMS7202 WINBOND-WMS7202 Datasheet
282Kb / 30P
   256-TAP DUAL-CHANNEL NON-VOLATILE DIGITAL
logo
Texas Instruments
TPL0102-100 TI1-TPL0102-100 Datasheet
591Kb / 24P
[Old version datasheet]   256-TAPS DUAL CHANNEL DIGITAL POTENTIOMETER WITH NON-VOLATILE MEMORY
MARCH2011
logo
Maxim Integrated Produc...
MAX5392 MAXIM-MAX5392 Datasheet
2Mb / 16P
   Dual, 256-Tap, Volatile, Low-Voltage, Linear Taper Digital Potentiometer
Rev 1; 4/10
MAX5389 MAXIM-MAX5389 Datasheet
2Mb / 13P
   Dual, 256-Tap, Volatile, Low-Voltage Linear Taper Digital Potentiometer
Rev 1; 4/10
MAX5387 MAXIM-MAX5387 Datasheet
2Mb / 15P
   Dual, 256-Tap, Volatile, Low-Voltage Linear Taper Digital Potentiometer
Rev 1; 4/10
MAX5394 MAXIM-MAX5394 Datasheet
2Mb / 15P
   Single, 256-Tap Volatile, SPI, Low-Voltage Linear Taper Digital Potentiometer
Rev 1; 9/12
logo
ON Semiconductor
CAT5140 ONSEMI-CAT5140_13 Datasheet
172Kb / 10P
   Single Channel 256 Tap Digital Potentiometer (POT)
July, 2013 ??Rev. 4
logo
Maxim Integrated Produc...
MAX5395 MAXIM-MAX5395 Datasheet
2Mb / 17P
   Single, 256-Tap Volatile, I2C, Low-Voltage Linear Taper Digital Potentiometer
Rev 0; 7/12
logo
Texas Instruments
TPL0102-EP TI-TPL0102-EP_15 Datasheet
1Mb / 36P
[Old version datasheet]   TPL0102-EP 256-Taps Dual-Channel Digital Potentiometer With Non-Volatile Memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com