Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WMS7201050S Datasheet(PDF) 10 Page - Winbond

Part # WMS7201050S
Description  256-TAP DUAL-CHANNEL NON-VOLATILE DIGITAL
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINBOND [Winbond]
Direct Link  http://www.winbond.com
Logo WINBOND - Winbond

WMS7201050S Datasheet(HTML) 10 Page - Winbond

Back Button WMS7201050S Datasheet HTML 6Page - Winbond WMS7201050S Datasheet HTML 7Page - Winbond WMS7201050S Datasheet HTML 8Page - Winbond WMS7201050S Datasheet HTML 9Page - Winbond WMS7201050S Datasheet HTML 10Page - Winbond WMS7201050S Datasheet HTML 11Page - Winbond WMS7201050S Datasheet HTML 12Page - Winbond WMS7201050S Datasheet HTML 13Page - Winbond WMS7201050S Datasheet HTML 14Page - Winbond Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
WMS7202
- 10 -
7.6. SERIAL DATA INTERFACE
The WMS7202 contains a four-wire SPI interface:
SDO (Serial Data Output) Used for reading out the internal register contents and for daisy
chaining multiple devices.
SDI (Serial Data Input) Used for clocking in commands and potentiometer settings.
CS (Chip Select) This pin must be pulled LOW before starting to send a command and pulled
HIGH to signal the end of the command. This pin can be used to control multiple devices on
the bus.
CLK (Clock) The SDI bits are shifted in on the rising edge of the clock and SDO data is
shifted out on the falling edge of the clock.
The key features of this interface include:
Independently programmable Read & Write to all registers
Direct parallel refresh of all Tap registers from corresponding internal NVMEM registers
Increment and decrement instruction for each Tap register
Nonvolatile storage of the present Tap register values into one of the four NVMEM registers
available to each channel
Configurable output buffer amplifier to allow both the functions of a potentiometer and a
variable resistor
Four 9-bit non-volatile registers store four preset wiper positions and the first one will be
recalled to set the wiper position during power up.
The serial interface uses an SPI compatible uniform 24-bit word format as shown below. This format is
used for all members of the WMS720x family. The data is sent MSB first.
TABLE 2 – 24-BIT DATA WORD FORMAT
MSB
LSB
C3
C2
C1
C0
A3
A2
A1
A0
X
X
X
X
X
X
X
D8
D7
D6
D5
D4
D3
D2
D1
D0
C3-C0 are the command bits that control the operation of the digital potentiometer according to the
command instructions shown in the Instruction Set in Table 5 in Section 7.7.
A1 and A0 are the address bits that determine which channel is activated, as shown in the table
below. For the WMS7202 only the first two codes are used.


Similar Part No. - WMS7201050S

ManufacturerPart #DatasheetDescription
logo
Winbond
WMS7201050S WINBOND-WMS7201050S Datasheet
318Kb / 29P
   256-TAP NON-VOLATILE DIGITAL POTENTIOMETER
WMS7201050S WINBOND-WMS7201050S Datasheet
320Kb / 32P
   256-TAP QUAD-CHANNEL NON-VOLATILE DIGITAL POTENTIOMETER
More results

Similar Description - WMS7201050S

ManufacturerPart #DatasheetDescription
logo
Winbond
WMS7201 WINBOND-WMS7201 Datasheet
318Kb / 29P
   256-TAP NON-VOLATILE DIGITAL POTENTIOMETER
WMS7204 WINBOND-WMS7204 Datasheet
320Kb / 32P
   256-TAP QUAD-CHANNEL NON-VOLATILE DIGITAL POTENTIOMETER
logo
Texas Instruments
TPL0102-100 TI1-TPL0102-100 Datasheet
591Kb / 24P
[Old version datasheet]   256-TAPS DUAL CHANNEL DIGITAL POTENTIOMETER WITH NON-VOLATILE MEMORY
MARCH2011
logo
Maxim Integrated Produc...
MAX5389 MAXIM-MAX5389 Datasheet
2Mb / 13P
   Dual, 256-Tap, Volatile, Low-Voltage Linear Taper Digital Potentiometer
Rev 1; 4/10
MAX5387 MAXIM-MAX5387 Datasheet
2Mb / 15P
   Dual, 256-Tap, Volatile, Low-Voltage Linear Taper Digital Potentiometer
Rev 1; 4/10
MAX5391 MAXIM-MAX5391_10 Datasheet
2Mb / 14P
   Dual 256-Tap, Volatile, Low-Voltage Linear Taper Digital Potentiometers
Rev 1; 4/10
MAX5392 MAXIM-MAX5392 Datasheet
2Mb / 16P
   Dual, 256-Tap, Volatile, Low-Voltage, Linear Taper Digital Potentiometer
Rev 1; 4/10
MAX5386 MAXIM-MAX5386 Datasheet
1Mb / 12P
   Dual, 256-Tap, Volatile Low-Voltage Linear Taper Digital Potentiometers
Rev 0; 4/09
MAX5391 MAXIM-MAX5391 Datasheet
2Mb / 13P
   Dual 256-Tap, Volatile, Low-Voltage Linear Taper Digital Potentiometers
Rev 0; 10/09
MAX5386 MAXIM-MAX5386_10 Datasheet
2Mb / 13P
   Dual, 256-Tap, Volatile, Low-Voltage Linear Taper Digital Potentiometers
Rev 2; 1/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com