Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MPC89E58A Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # MPC89E58A
Description  8-bit micro-controller
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

MPC89E58A Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  MPC89E58A Datasheet HTML 1Page - List of Unclassifed Manufacturers MPC89E58A Datasheet HTML 2Page - List of Unclassifed Manufacturers MPC89E58A Datasheet HTML 3Page - List of Unclassifed Manufacturers MPC89E58A Datasheet HTML 4Page - List of Unclassifed Manufacturers MPC89E58A Datasheet HTML 5Page - List of Unclassifed Manufacturers MPC89E58A Datasheet HTML 6Page - List of Unclassifed Manufacturers MPC89E58A Datasheet HTML 7Page - List of Unclassifed Manufacturers MPC89E58A Datasheet HTML 8Page - List of Unclassifed Manufacturers MPC89E58A Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
4
MPC89E58A Technical Summary
MEGAWIN
Pin Description
Pin Definition
Pin Number
Pin Name
DIP-40
PLCC-44
PQFP-44
Type
Description
P0.0 (AD0)
P0.1 (AD1)
P0.2 (AD2)
P0.3 (AD3)
P0.4 (AD4)
P0.5 (AD5)
P0.6 (AD6)
P0.7 (AD7)
39
38
37
36
35
34
33
32
43
42
41
40
39
38
37
36
37
36
35
34
33
32
31
30
B
Port0 is an open-drain, bi-directional IO
port. When 1s are written to Port0, they
become high-impedance inputs. Port0 is
also multiplexed with low-order address
or data bus during accesses to external
program and data memory.
P1.0 (T2)
P1.1 (T2EX)
P1.2
P1.3
P1.4
P1.5
P1.6
P1.7
1
2
3
4
5
6
7
8
2
3
4
5
6
7
8
9
40
41
42
43
44
1
2
3
BU
General-purposed I/O with weak pull-up
resistance inside. When 1s are written
into Port1, the strong output driving
PMOS only turn-on two clock periods
and then the weak pull-up resistance
keep the port high.
P1.0 is also used as one of event
sources for timer2, or output carrier of
timer2, alias T2.
P1.1
is
also
used
as
one
of
interrupt-controlling sources for time2,
alias T2EX.
P2.0 (A8)
P2.1 (A9)
P2.2 (A10)
P2.3 (A11)
P2.4 (A12)
P2.5 (A13)
P2.6 (A14)
P2.7 (A15)
21
22
23
24
25
26
27
28
24
25
26
27
28
29
30
31
18
19
20
21
22
23
24
25
BU
Port2 is an 8-bit bi-directional I/O port
with pull-up resistance. Except being as
GPIO,
Port2
emits
the
high-order
address
byte
during
accessing
to
external program and data memory.
P3.0 (RXD)
P3.1 (TXD)
P3.2 (INT0)
P3.3 (INT1)
P3.4 (T0)
10
11
12
13
14
11
13
14
15
16
5
7
8
9
10
BU
General-purposed I/O with weak pull-up
resistance inside. When 1s are written
into Port1, the strong output driving
PMOS only turn-on two clock periods
and then the weak pull-up resistance
keep the port high
Port3 also serves


Similar Part No. - MPC89E58A

ManufacturerPart #DatasheetDescription
logo
Megawin Technology Co.,...
MPC89E58A MEGAWIN-MPC89E58A Datasheet
240Kb / 36P
   8-bit micro-controller
MPC89E58AE MEGAWIN-MPC89E58AE Datasheet
240Kb / 36P
   8-bit micro-controller
MPC89E58AE MEGAWIN-MPC89E58AE Datasheet
527Kb / 38P
   8-bit micro-controller
MPC89E58AF MEGAWIN-MPC89E58AF Datasheet
240Kb / 36P
   8-bit micro-controller
MPC89E58AF MEGAWIN-MPC89E58AF Datasheet
527Kb / 38P
   8-bit micro-controller
More results

Similar Description - MPC89E58A

ManufacturerPart #DatasheetDescription
logo
Mosel Vitelic, Corp
MSU2956 MOSEL-MSU2956 Datasheet
68Kb / 1P
   8-Bit Micro-controller
MSU2955 MOSEL-MSU2955 Datasheet
71Kb / 1P
   8-Bit Micro-controller
MSU2957 MOSEL-MSU2957 Datasheet
70Kb / 1P
   8-Bit Micro-controller
logo
Micon Design Technology...
MDT10P57 MDTIC-MDT10P57 Datasheet
156Kb / 13P
   8-bit micro-controller
logo
RAIO Technology Inc.
RA8900 RAIO-RA8900 Datasheet
158Kb / 9P
   8-Bit Micro-Controller
RA8917 RAIO-RA8917 Datasheet
124Kb / 11P
   8-Bit Micro-Controller
logo
Micon Design Technology...
MDT10P05 MDTIC-MDT10P05 Datasheet
151Kb / 16P
   8-bit micro-controller
MDT2030CF MDTIC-MDT2030CF Datasheet
225Kb / 14P
   8-bit micro-controller
MDT10P7401 MDTIC-MDT10P7401 Datasheet
246Kb / 24P
   8-bit micro-controller
MDT10P7212 MDTIC-MDT10P7212 Datasheet
100Kb / 14P
   8-bit micro-controller
MDT10P73BA MDTIC-MDT10P73BA Datasheet
145Kb / 22P
   8-bit micro-controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com