Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NX25F021B-5S Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # NX25F021B-5S
Description  1M-BIT, 2M-BIT, AND 4M-BIT SERIAL FLASH MEMORIES WITH 4-PIN SPI INTERFACE
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

NX25F021B-5S Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button NX25F021B-5S Datasheet HTML 6Page - List of Unclassifed Manufacturers NX25F021B-5S Datasheet HTML 7Page - List of Unclassifed Manufacturers NX25F021B-5S Datasheet HTML 8Page - List of Unclassifed Manufacturers NX25F021B-5S Datasheet HTML 9Page - List of Unclassifed Manufacturers NX25F021B-5S Datasheet HTML 10Page - List of Unclassifed Manufacturers NX25F021B-5S Datasheet HTML 11Page - List of Unclassifed Manufacturers NX25F021B-5S Datasheet HTML 12Page - List of Unclassifed Manufacturers NX25F021B-5S Datasheet HTML 13Page - List of Unclassifed Manufacturers NX25F021B-5S Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
10
NexFlash Technologies, Inc.
PRELIMINARY NXSF016F-1201
12/12/01 ©
NX25F011B
NX25F021B
NX25F041B
The factory default setting for the configuration register is
CF8-CF0 is: 0 0000 1001 B (write protect range = none, read
uses falling edge of the clock, and pin 1 = no connect). Bits
CF15-CF9 are reserved. When writing to the configuration
register CF15-CF9 should be 0. When reading, the settings
of CF15-CF9 should be ignored.
Write Protect Range and Direction, WR[3:0], WD
The write protect range and direction bits WR[3:0] and WD
are located at configuration bits CF[7:4] and CF[3] respec-
tively. The write protect range and direction bits select how
the array is protected. They work in conjunction with the
WP input pin, valid only if WP is inactive (high). WR[3:0]
can select write protection of all sectors, none of the
sectors, or specific sectors grouped in blocks of 32
(~8 KB). The WD bit specifies whether the protected block
range starts from the first sector, address 0 (000H), or from
the last sector (1FFH for the NX25F011B, 3FFH for the
NX25F021B, and 7FF for the NX25F041B). Table 2A, 2B
and 2C lists the write protect sector range for the devices.
Once protected, all further writes to sectors within the
range will be ignored. The factory default setting is with no
write protected sectors, WR=[0,0,0,0] and WD=1.
Read Clock Edge, RCE
The Read Clock Edge bit (RCE) is located at configuration
bit location CF[2]. It selects which edge of the clock (SCK)
is used while reading data out of the device. Although the
SPI protocol specifies that data is written during the rising
edge and read on the falling edge of the clock, if required,
the output can be driven on the rising edge of the clock by
setting the configuration registers RCE bit to a 1. Using the
rising edge of clock for data reads may be beneficial to the
timing of some high-speed systems. The factory default
setting is the falling edge of SCK for standard SPI.
RCE=0 Read data is output on the falling edge of SCK
(Standard SPI).
RCE=1 Read data is output on the rising edge of SCK
(Fast SPI).
CF15:8
(RESERVED)
CF7
CF6
CF5
CF4
CF3
CF2
CF1
CF0
WR3
WR2
WR1
WR0
WD
RCE
HR1
HR0
WRITE PROTECT
RANGE
WRITE PROTECT
DIRECTION
READ DATA
CLOCK EDGE
HOLD-READY/BUSY
PIN FUNCTION
Figure 7. Configuration Register Bit Locations


Similar Part No. - NX25F021B-5S

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
NX251 PERICOM-NX251 Datasheet
630Kb / 2P
   2.5V/3.3V CMOS XO
NX2511A PERICOM-NX2511A Datasheet
630Kb / 2P
   2.5V/3.3V CMOS XO
NX2511B PERICOM-NX2511B Datasheet
630Kb / 2P
   2.5V/3.3V CMOS XO
NX2511C PERICOM-NX2511C Datasheet
630Kb / 2P
   2.5V/3.3V CMOS XO
NX2511D PERICOM-NX2511D Datasheet
630Kb / 2P
   2.5V/3.3V CMOS XO
More results

Similar Description - NX25F021B-5S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NX25P40 ETC-NX25P40 Datasheet
533Kb / 28P
   1M BIT 2M BIT AND 4M BIT SERIAL FLASH MEMORY WITH 10MHZ SPI
logo
Winbond
W25P10 WINBOND-W25P10 Datasheet
1Mb / 35P
   1M-BIT, 2M-BIT AND 4M-BIT SERIAL FLASH MEMORY WITH 40MHZ SPI
logo
List of Unclassifed Man...
NX26F011A ETC1-NX26F011A Datasheet
243Kb / 14P
   1M-BIT AND 4M-BIT SERIAL FLASH MEMORY WITH 2-PIN NXS INTERFACE
logo
Winbond
W25X10 WINBOND-W25X10_08 Datasheet
1Mb / 48P
   1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
W25X10 WINBOND-W25X10 Datasheet
1Mb / 45P
   1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
W25X10A WINBOND-W25X10A Datasheet
1Mb / 45P
   1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
W25X10 WINBOND-W25X10_07 Datasheet
1Mb / 48P
   1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
W25X10A WINBOND-W25X10A_09 Datasheet
1Mb / 45P
   1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
W25X10BV WINBOND-W25X10BV Datasheet
1Mb / 51P
   1M-BIT, 2M-BIT AND 4M-BIT SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL I/O SPI
W25X10AL WINBOND-W25X10AL Datasheet
1Mb / 45P
   1M-BIT, 2M-BIT, 4M-BIT AND 8M-BIT 2.5V SERIAL FLASH MEMORY WITH 4KB SECTORS AND DUAL OUTPUT SPI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com