Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN1262 Datasheet(PDF) 11 Page - STMicroelectronics

Part # AN1262
Description  APPLICATION NOTE
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN1262 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button AN1262 Datasheet HTML 7Page - STMicroelectronics AN1262 Datasheet HTML 8Page - STMicroelectronics AN1262 Datasheet HTML 9Page - STMicroelectronics AN1262 Datasheet HTML 10Page - STMicroelectronics AN1262 Datasheet HTML 11Page - STMicroelectronics AN1262 Datasheet HTML 12Page - STMicroelectronics AN1262 Datasheet HTML 13Page - STMicroelectronics AN1262 Datasheet HTML 14Page - STMicroelectronics AN1262 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 42 page
background image
11/42
AN1262 APPLICATION NOTE
Due to the moderate switching frequency, Bmax will be limited by core saturation and not by core losses. This
means that transformer's power losses will be located mostly in the windings.
As shown in table 9, ferrites saturate above 0.3 T thus a value of Bmax equal to 0.28-0.30 T may be selected to
maximize core utilization, or Bmax = 0.25 T can be chosen for a more conservative design.
This maximum peak flux density will occur when the peak primary current is maximum. However, it is not suffi-
cient to consider the peak current Ippkx resulting from table 6. To guarantee that the transformer does not sat-
urate even under short circuit conditions, the maximum peak primary current to be considered is the maximum
value of the OCP threshold (Ilim = 0.7A, from the datasheet).
Now a step-by-step procedure for the design of the transformer will be given.
Table 10. Core list and significant design data
1) Choose core size. Transformer's core must be able to handle the power throughput PinT without saturating
and with acceptable power losses, with the minimum size. Determining its optimum size is a trial-and-error
process and a proper starting point may reduce considerably the number of iterations needed.
A most common way of describing core size is the so-called Area Product (AP), which is the product of the
effective cross-sectional area of the core times the window area available to accommodate the windings. It
is possible to define the minimum AP required by a specific application.
The following equation can be useful to estimate the minimum AP (in cm4) required:
Core
Ve
[cm3]
Ae
[cm2]
Aw
[cm2]
AP
[cm4]
K1
K2
Lt
[cm]
WB
[cm]
Rth
[°C/W]
THOMSON (B2)
EF1505A
0.51
0.15
0.15
0.022
29.7
-0.68
2.63
0.92
75
EF2007A
1.46
0.31
0.26
0.081
61.1
-0.7
3.65
1.32
45
EF2509A
3.3
0.58
0.4
0.232
103
-0.73
4.64
1.64
30
E2006A
1.5
0.32
0.35
0.112
62.2
-0.7
3.9
1.18
46
E2507A
3.2
0.55
0.6
0.33
90
-0.73
5.2
1.54
40
PHILIPS (3C85)
E16/8/5
0.75
0.201
0.216
0.043
42.2
-0.7
3.3
0.94
65
E20/10/6
1.49
0.32
0.35
0.112
62.2
-0.69
3.9
1.18
46
E25/13/7
2.99
0.52
0.56
0.291
90
-0.73
4.9
1.56
40
EPCOS (ex S+M) (N67)
E16/8/5
0.76
0.2
0.22
0.044
42.2
-0.7
3.4
1
65
E20/10/6
1.49
0.32
0.34
0.109
62.2
-0.69
4.12
1.25
46
E25/13/7
3.02
0.52
0.61
0.317
90
-0.73
5
1.56
40
TDK (PC30)
EI16-Z
0.67
0.198
0.267
0.053
66
-0.57
3.31
0.86
44
EI22-Z
1.63
0.42
0.2
0.084
85.4
-0.71
3.86
0.845
33
EI25-Z
1.93
0.41
0.425
0.174
119
-0.57
4.94
0.98
31
MMG - NEOSID (F44)
EF16
0.754
0.225
0.216
0.049
42.2
-0.7
3.3
1
65
EF20
1.5
0.314
0.348
0.109
62.2
-0.69
3.9
1.2
46
EF25
3.02
0.515
0.564
0.29
90
-0.73
4.8
1.6
40


Similar Part No. - AN1262

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
AN1269 MICROCHIP-AN1269 Datasheet
1Mb / 16P
   A broad portfolio of high performance, best-in-class Serial Memory Products to meet all your design requirements.
3/10
More results

Similar Description - AN1262

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AN-236 AD-AN-236 Datasheet
164Kb / 3P
   APPLICATION NOTE
AN-686 AD-AN-686 Datasheet
55Kb / 2P
   APPLICATION NOTE
REV. 0
logo
Vectron International, ...
TFS211C VECTRON-TFS211C_03 Datasheet
40Kb / 2P
   Application Note
TFS199D VECTRON-TFS199D_08 Datasheet
25Kb / 1P
   Application Note
TFS380K VECTRON-TFS380K Datasheet
28Kb / 1P
   Application Note
TFS433K VECTRON-TFS433K_01 Datasheet
25Kb / 1P
   Application Note
logo
International Rectifier
AN-1070 IRF-AN-1070 Datasheet
241Kb / 14P
   Application Note
AN-1086 IRF-AN-1086 Datasheet
181Kb / 9P
   Application Note
logo
Vectron International, ...
TFS248E_0208 VECTRON-TFS248E_0208 Datasheet
13Kb / 1P
   Application Note
TFS321_0106 VECTRON-TFS321_0106 Datasheet
43Kb / 3P
   Application Note
logo
International Rectifier
AN-1204 IRF-AN-1204 Datasheet
916Kb / 11P
   Application Note
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com