Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CE71K6 Datasheet(PDF) 1 Page - Fujitsu Component Limited.

Part # CE71K6
Description  0.25um CMOS Technology
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

CE71K6 Datasheet(HTML) 1 Page - Fujitsu Component Limited.

  CE71K6 Datasheet HTML 1Page - Fujitsu Component Limited. CE71K6 Datasheet HTML 2Page - Fujitsu Component Limited. CE71K6 Datasheet HTML 3Page - Fujitsu Component Limited. CE71K6 Datasheet HTML 4Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
CE71 Series Embedded Array
0.25µm CMOS Technology
Features
Embedded
Hard
Macro
Fixed
Layout
Soft Macro
Fixed
Layout
Soft Macro
Clock Tree
Clk
PCI
5V Tol.
3V
PCML
• 0.18µm Leff (0.24µm drawn)
• Propagation delay of 61 ps
• Separate core and I/O supply voltages
• Mixed-signal macros–A/D and D/A converters
• I/Os: 2.5V, 3.3V, 5V tolerant
• Core power supply voltage: 2.5V, 1.8V, 1.5V
• Junction temperature: -40ºC~125ºC
• High performance and special I/Os–PCML, LVDS, PCI,
SSTL, GTL+,AGP, USB
• Analog and digital PLLs
• Packaging options: QFP, HQFP, BGA,TBGA
• Support for major third-party EDA tools
Description
Fujitsu’s CE71 is a series of high-performance, 0.18µm Leff
CMOS embedded arrays that include full support of diffused
high-speed RAMs, ROMs, mixed-signal macros, and a
variety of other embedded functions.
The CE71 series offers density and performance similar to
those of standard cells, yet provides the time-to-market
advantage of gate arrays.The CE71 series devices include
44µm, 66µm, or 88µm pad pitch for a cost-effective
solution for both pad-limited and core-limited designs.
With a nominal 1.5V to 2.5V core operation and with 2.5V
and 3.3V/5V tolerant I/Os, the CE71 series features a very
low-power consumption of 0.06µW/gate/MHz. Potential
applications for the CE71 series include computing, graphics,
communications, networking, wireless, and consumer designs.
J-Series with 66µm Stagger Pad Pitch and Wire Bonding
Frame
Total Gates
Total Pads
Signals
CE71J1
216K
192
152
CE71J2
312K
224
152
CE71J3
488K
272
178
CE71J4
703K
320
206
CE71J5
911K
360
264
CE71J6
1,098K
392
304
CE71J7
1,302K
424
360
CE71J8
1,524K
456
360
CE71J9
2.020K
520
360
CE71JA
2,586K
584
472
CE71JB
3,055K
632
472
CE71JC
3,564K
680
506
CE71JD
4,113K
728
506
CE71JE
5,114K
808
506
CE71JF
6,698K
920
506
CE71JG
8,096K
1,008
506
K-Series with 88µm Inline Pad Pitch and Wire Bonding
Frame
Total Gates
Total Pads
Signals
CE71K1
167K
100
88
CE71K2
237K
120
102
CE71K3
348K
144
126
CE71K4
524K
176
152
CE71K5
734K
208
178
CE71K6
963K
240
206
CE71K7
1,110K
256
220
CE71K8
1,559K
304
264


Similar Part No. - CE71K6

ManufacturerPart #DatasheetDescription
logo
CamdenBoss Ltd.
CE70 CAMDENBOSS-CE70 Datasheet
874Kb / 1P
   30mm wide pre-wired limit switches
CE70.0.AM CAMDENBOSS-CE70.0.AM Datasheet
874Kb / 1P
   30mm wide pre-wired limit switches
CE70.0.BLM CAMDENBOSS-CE70.0.BLM Datasheet
874Kb / 1P
   30mm wide pre-wired limit switches
CE70.0.BM CAMDENBOSS-CE70.0.BM Datasheet
874Kb / 1P
   30mm wide pre-wired limit switches
CE70.0.EM CAMDENBOSS-CE70.0.EM Datasheet
874Kb / 1P
   30mm wide pre-wired limit switches
More results

Similar Description - CE71K6

ManufacturerPart #DatasheetDescription
logo
IK Semicon Co., Ltd
IK2107DW IKSEMICON-IK2107DW Datasheet
297Kb / 17P
   CMOS Technology
logo
Shenzhen Titan Micro El...
TM1628 TITAN-TM1628 Datasheet
418Kb / 14P
   CMOS Technology
logo
HB Electronic Component...
5XRGB-F2-F HB-5XRGB-F2-F Datasheet
159Kb / 3P
   CMOS Technology
5XRGB-F2-S HB-5XRGB-F2-S Datasheet
160Kb / 3P
   CMOS Technology
logo
Fujitsu Component Limit...
CE66 FUJITSU-CE66 Datasheet
29Kb / 2P
   0.35um CMOS Technology
CS200 FUJITSU-CS200 Datasheet
603Kb / 2P
   65nm CMOS Technology
logo
M/A-COM Technology Solu...
MADR-009190 MA-COM-MADR-009190 Datasheet
772Kb / 10P
   High Voltage CMOS Technology
logo
Micon Design Technology...
MDT75C272 MDTIC-MDT75C272 Datasheet
47Kb / 5P
   OTP Encoder using CMOS technology.
MDT75C273 MDTIC-MDT75C273 Datasheet
47Kb / 5P
   OTP Encoder using CMOS technology.
logo
Texas Instruments
TMS320C242 TI1-TMS320C242_09 Datasheet
902Kb / 74P
[Old version datasheet]   High-Performance Static CMOS Technology
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com