Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FTR-P3CP012W1-05 Datasheet(PDF) 5 Page - Fujitsu Component Limited.

Part # FTR-P3CP012W1-05
Description  COMPACT POWER RELAY 1 POLE-25 A FOR AUTOMOTIVE APPLICATIONS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [Fujitsu Component Limited.]
Direct Link  http://edevice.fujitsu.com/fmd/en/index.html
Logo FUJITSU - Fujitsu Component Limited.

FTR-P3CP012W1-05 Datasheet(HTML) 5 Page - Fujitsu Component Limited.

  FTR-P3CP012W1-05 Datasheet HTML 1Page - Fujitsu Component Limited. FTR-P3CP012W1-05 Datasheet HTML 2Page - Fujitsu Component Limited. FTR-P3CP012W1-05 Datasheet HTML 3Page - Fujitsu Component Limited. FTR-P3CP012W1-05 Datasheet HTML 4Page - Fujitsu Component Limited. FTR-P3CP012W1-05 Datasheet HTML 5Page - Fujitsu Component Limited. FTR-P3CP012W1-05 Datasheet HTML 6Page - Fujitsu Component Limited. FTR-P3CP012W1-05 Datasheet HTML 7Page - Fujitsu Component Limited. FTR-P3CP012W1-05 Datasheet HTML 8Page - Fujitsu Component Limited. FTR-P3CP012W1-05 Datasheet HTML 9Page - Fujitsu Component Limited.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
5
FTR-P3 SERIES
2. MAXIMUM BREAK CAPACITY
3. COIL TEMPERATURE RISE
0
0
10
20
30
20
40
60
80
120
100
0.6 W
0.6 W
0.6 W
Ambient temperature: 20C
Contact carry current: 20A
Contact carry current: 10A
Applied time (minutes)
Contact carry current: 0.0A
4. OPERATING COIL VOLTAGE RANGE
-40
-20
0
20
40
60
80
100
40
60
80
100
120
140
Must-operate
voltage
Ambient temperature C
Continuous operating range
at 10A carry current


Similar Part No. - FTR-P3CP012W1-05

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-P3CP012W1-05 FUJITSU-FTR-P3CP012W1-05 Datasheet
538Kb / 9P
   COMPACT POWER RELAY 1 POLE-25 A FOR AUTOMOTIVE APPLICATIONS
More results

Similar Description - FTR-P3CP012W1-05

ManufacturerPart #DatasheetDescription
logo
Fujitsu Component Limit...
FTR-P3 FUJITSU-FTR-P3_09 Datasheet
538Kb / 9P
   COMPACT POWER RELAY 1 POLE-25 A FOR AUTOMOTIVE APPLICATIONS
FBR51ND12 FUJITSU-FBR51ND12 Datasheet
77Kb / 8P
   COMPACT POWER RELAY 1 POLE-25 A (FOR AUTOMOTIVE APPLICATIONS) FBR51, 52 SERIES
FBR-53 FUJITSU-FBR-53 Datasheet
61Kb / 5P
   COMPACT POWER RELAY 1 POLE-20 A (For Automotive Applications)
FBR53 FUJITSU-FBR53 Datasheet
315Kb / 5P
   COMPACT POWER RELAY 1 POLE-20 A (For Automotive Applications)
FBR53 FUJITSU-FBR53_08 Datasheet
532Kb / 5P
   COMPACT POWER RELAY 1 POLE-30 A(For Automotive Applications)
FBR51 FUJITSU-FBR51 Datasheet
622Kb / 8P
   COMPACT POWER RELAY 1 POLE-30 A(FOR AUTOMOTIVE APPLICATIONS)
FTR-P5 FUJITSU-FTR-P5_08 Datasheet
605Kb / 8P
   SILENT RELAY FOR AUTOMOTIVE APPLICATIONS 1 POLE-25 A
FTR-P5 FUJITSU-FTR-P5 Datasheet
672Kb / 8P
   SILENT RELAY FOR AUTOMOTIVE APPLICATIONS 1 POLE-25 A
FBR161 FUJITSU-FBR161 Datasheet
469Kb / 6P
   POWER RELAY 1 POLE-15 to 25 A (FOR AUTOMOTIVE APPLICATIONS)
FBR53-HW FUJITSU-FBR53-HW Datasheet
588Kb / 5P
   COMPACT HIGH POWER RELAY 1 POLE-40 A(For Automotive Applications)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com