Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LPT-3535-2R5LA Datasheet(PDF) 1 Page - Vishay Siliconix

Part # LPT-3535-2R5LA
Description  Inductors/Transformers Customizable, Surface Mount Torodial, Kool-Mu, Powered Iron and MPP Cores
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

LPT-3535-2R5LA Datasheet(HTML) 1 Page - Vishay Siliconix

  LPT-3535-2R5LA Datasheet HTML 1Page - Vishay Siliconix LPT-3535-2R5LA Datasheet HTML 2Page - Vishay Siliconix LPT-3535-2R5LA Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
LPT-3535-xxxLA, LB, LC
Vishay Dale
Document Number: 34068
For technical questions, contact: magnetics@vishay.com
www.vishay.com
Revision: 10-Aug-06
163
Inductors/Transformers Customizable, Surface Mount
Torodial, Kool-Mu®, Powered Iron and MPP Cores
DIMENSIONS in inches [millimeters]
Pad Layout
0.160
[4.06]
0.392 sq.
[9.96 sq.]
0.120
[3.05]
0.392 sq.
[9.96 sq.]
Dimensional Outline
2
3
1
4
Vishay Dale
LPT-3535-
xxxLX
0.362 ± 0.005 Dia.
[9.19 ± 0.127]
0.450 [11.43]
Max.
0.350 ± 0.005 Dia.
[8.89 ± 0.127]
0.235
[5.97]
Max.
FEATURES
Toroidal design for minimal EMI radiation in DC to DC converter
applications
• Designed to support the growing need for efficient DC to DC
converters in battery operated equipment
• Two separate windings provide versatility by ability to connect
windings in series or parallel
• Operating Temperature Range: - 40 °C to + 125 °C
• Supplied on tape and reel and is designed to be pick and place compatible
• Custom versions and turns ratios available. Contact the factory with your
specifications
STANDARD ELECTRICAL SPECIFICATIONS
MODEL
LA = KOOL-MU® CORE
STANDARD
IND. VALUES
ACTUAL IND. - µH
(LOC) ± 15 %
RATED IDC
(40 °C)
IND. AT IDC
(LBIAS) [30 %]
DCR
Ω
LPT-3535-1R0LA
LPT-3535-1R5LA
LPT-3535-2R5LA
LPT-3535-3R3LA
LPT-3535-5R0LA
LPT-3535-100LA
LPT-3535-150LA
LPT-3535-250LA
LPT-3535-330LA
LPT-3535-500LA
LPT-3535-101LA
LPT-3535-151LA
LPT-3535-251LA
LPT-3535-331LA
1.0
1.5
2.5
3.3
5.0
10
15
25
33
50
100
150
250
330
0.800
1.80
2.45
3.20
5.00
11.3
16.2
26.5
33.8
51.2
101
151
252
328
6.42
4.77
4.45
3.73
3.01
1.95
1.59
1.25
1.05
0.84
0.63
0.57
0.40
0.33
0.48 at 7.05
1.07 at 4.70
1.46 at 4.03
1.90 at 3.52
2.98 at 2.82
6.69 at 1.88
9.64 at 1.57
15.7 at 1.23
20.1 at 1.08
30.5 at 0.88
60.2 at 0.63
90.0 at 0.51
150.0 at 0.40
195.0 at 0.35
0.005
0.009
0.011
0.015
0.023
0.055
0.081
0.131
0.182
0.280
0.514
0.775
1.279
1.837
LB = POWDER IRON
LPT-3535-1R0LB
LPT-3535-1R5LB
LPT-3535-2R5LB
LPT-3535-3R3LB
LPT-3535-5R0LB
LPT-3535-100LB
LPT-3535-150LB
LPT-3535-250LB
LPT-3535-330LB
LPT-3535-500LB
LPT-3535-101LB
LPT-3535-151LB
LPT-3535-251LB
LPT-3535-331LB
1.0
1.5
2.5
3.3
5.0
10
15
25
33
50
100
150
250
330
0.882
1.57
2.45
3.53
4.80
10.8
15.3
25.1
33.5
51.8
104
153
250
330
5.10
4.48
3.58
2.96
2.41
1.58
1.29
1.03
0.85
0.68
0.51
0.41
0.33
0.27
0.56 at 4.29
0.99 at 3.21
1.54 at 2.57
2.22 at 2.14
3.03 at 1.84
6.81 at 1.22
9.65 at 1.03
15.8 at 0.80
21.1 at 0.70
32.7 at 0.56
65.2 at 0.40
96.3 at 0.33
157.0 at 0.25
208.0 at 0.22
0.004
0.005
0.009
0.013
0.018
0.043
0.064
0.103
0.147
0.230
0.424
0.645
1.031
1.463
LC = MPP
LPT-3535-1R0LC
LPT-3535-1R5LC
LPT-3535-2R5LC
LPT-3535-3R3LC
LPT-3535-5R0LC
LPT-3535-100LC
LPT-3535-150LC
LPT-3535-250LC
LPT-3535-330LC
LPT-3535-500LC
LPT-3535-101LC
LPT-3535-151LC
LPT-3535-251LC
LPT-3535-331LC
1.0
1.5
2.5
3.3
5.0
10
15
25
33
50
100
150
250
330
0.800
1.80
2.45
3.20
5.00
11.3
16.2
26.5
33.8
51.2
101
151
252
328
6.45
4.80
4.46
3.73
3.02
1.94
1.59
1.26
1.05
0.84
0.64
0.52
0.40
0.33
0.52 at 7.05
1.16 at 4.70
1.58 at 4.03
2.06 at 3.52
3.22 at 2.82
7.25 at 1.88
10.43 at 1.57
17.0 at 1.23
21.8 at 1.08
33.0 at 0.88
97.4 at 0.51
65.2 at 0.63
162.0 at 0.51
211.0 at 0.35
0.005
0.009
0.011
0.015
0.023
0.055
0.081
0.131
0.182
0.280
0.514
0.775
1.279
1.837
RoHS
COMPLIANT
GLOBAL PART NUMBER
DESCRIPTION
TOL.
L
5
3
T
P3
1
R
E
50
K
L
1
PRODUCT FAMILY
PACKAGE
CODE
INDUCTANCE
VALUE
CORE
LA/LB/LC
CORE/HEIGHT
LA = KOOL-MU®
LB = POWER IRON
LC = MPP
± 15 %
INDUCTANCE
TOLERANCE
100 µH
INDUCTANCE
VALUE
3535
SIZE
LPT
MODEL
ER
PACKAGE CODE
e2
JEDEC LEAD (Pb)-FREE
STANDARD
SIZE


Similar Part No. - LPT-3535-2R5LA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LPT-3535 VISHAY-LPT-3535 Datasheet
95Kb / 3P
   Inductors/Transformers Customizable, Surface Mount Torodial, Kool Mu®*, Powdered Iron and MPP Cores
Revision: 10-Oct-08
LPT-3535 VISHAY-LPT-3535 Datasheet
85Kb / 3P
   Inductors/Transformers Customizable, Surface Mount Torodial, Kool Mu, Powdered Iron and MPP Cores
Revision: 24-Feb-11
LPT-3535 VISHAY-LPT-3535 Datasheet
244Kb / 2P
   SMD Magnetics Packaging Methods
Revision: 15-Jan-14
LPT-3535 VISHAY-LPT-3535 Datasheet
91Kb / 3P
   Inductors/Transformers Customizable, Surface Mount Torodial, Kool-Mu®, Powdered Iron and MPP Cores
Revision: 22-Aug-17
LPT-3535 VISHAY-LPT-3535 Datasheet
74Kb / 3P
   Inductors/Transformers Customizable, Surface Mount Torodial, Kool-Mu®, Powdered Iron and MPP Cores
01-Jan-2022
More results

Similar Description - LPT-3535-2R5LA

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
LPT4545 VISHAY-LPT4545 Datasheet
247Kb / 2P
   Inductors/Transformers, Customizable, Surface Mount Torodial, Kool-Mu, Powdered Iron and MPP Cores
Revision 28-Aug-02
LPT-3535 VISHAY-LPT-3535_11 Datasheet
85Kb / 3P
   Inductors/Transformers Customizable, Surface Mount Torodial, Kool Mu, Powdered Iron and MPP Cores
Revision: 24-Feb-11
LPT-4545 VISHAY-LPT-4545_11 Datasheet
85Kb / 3P
   Inductors/Transformers Customizable, Surface Mount Torodial, Kool Mu, Powdered Iron and MPP Cores
Revision: 24-Feb-11
LPT-3535 VISHAY-LPT-3535_17 Datasheet
91Kb / 3P
   Inductors/Transformers Customizable, Surface Mount Torodial, Kool-Mu®, Powdered Iron and MPP Cores
Revision: 22-Aug-17
LPT-4545 VISHAY-LPT-4545 Datasheet
94Kb / 3P
   Inductors/Transformers, Customizable, Surface Mount Torodial, Kool Mu®*, Powdered Iron and MPP Cores
Revision: 10-Oct-08
LPT-3535 VISHAY-LPT-3535 Datasheet
95Kb / 3P
   Inductors/Transformers Customizable, Surface Mount Torodial, Kool Mu®*, Powdered Iron and MPP Cores
Revision: 10-Oct-08
LPT-3535 VISHAY-LPT-3535_V01 Datasheet
74Kb / 3P
   Inductors/Transformers Customizable, Surface Mount Torodial, Kool-Mu®, Powdered Iron and MPP Cores
01-Jan-2022
LPT-4545 VISHAY-LPT-4545_V01 Datasheet
74Kb / 3P
   Inductors/Transformers Customizable, Surface Mount Torodial, Kool-Mu®, Powdered Iron and MPP Cores
01-Jan-2022
LPT-4545 VISHAY-LPT-4545_17 Datasheet
91Kb / 3P
   Inductors/Transformers Customizable, Surface Mount Torodial, Kool-Mu®, Powdered Iron and MPP Cores
Revision: 22-Aug-17
logo
Magnetics, a division o...
0076381A7 MAGNETICS-0076381A7 Datasheet
682Kb / 1P
   FERRITE CORE TOROID 43NH KOOL MU
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com