Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS21352 Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # DS21352
Description  T1/E1/J1 Single-Chip Transceiver
Download  240 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

DS21352 Datasheet(HTML) 1 Page - Maxim Integrated Products

  DS21352 Datasheet HTML 1Page - Maxim Integrated Products DS21352 Datasheet HTML 2Page - Maxim Integrated Products DS21352 Datasheet HTML 3Page - Maxim Integrated Products DS21352 Datasheet HTML 4Page - Maxim Integrated Products DS21352 Datasheet HTML 5Page - Maxim Integrated Products DS21352 Datasheet HTML 6Page - Maxim Integrated Products DS21352 Datasheet HTML 7Page - Maxim Integrated Products DS21352 Datasheet HTML 8Page - Maxim Integrated Products DS21352 Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 240 page
background image
1 of 240
100903
Note: Some revisions of this device may incorporate deviations from published specifications known as errata. Multiple revisions of any device
may be simultaneously available through various sales channels. For information about device errata, click here:www.maxim-ic.com/errata.
GENERAL DESCRIPTION
The DS2155 is a software-selectable T1, E1, or J1
single-chip transceiver (SCT) for short-haul and
long-haul applications. The DS2155 is composed of
a line interface unit (LIU), framer, HDLC controllers,
and a TDM backplane interface, and is controlled by
an 8-bit parallel port configured for Intel or Motorola
bus operations. The DS2155 is pin and software
compatible with the DS2156.
The LIU is composed of transmit and receive
interfaces and a jitter attenuator. The transmit
interface is responsible for generating the necessary
waveshapes for driving the network and providing
the correct source impedance depending on the type
of media used. T1 waveform generation includes
DSX-1 line buildouts as well as CSU line buildouts
of -7.5dB, -15dB, and -22.5dB. E1 waveform
generation includes G.703 waveshapes for both 75Ω
coax and 120Ω twisted cables. The receive interface
provides network termination and recovers clock and
data from the network.
APPLICATIONS
T1/E1/J1 Line Cards
Switches and Routers
Add-Drop Multiplexers
FEATURES
§ Complete T1/DS1/ISDN-PRI/J1 Transceiver
Functionality
§ Complete E1 (CEPT) PCM-30/ISDN-PRI
Transceiver Functionality
§ Long-Haul and Short-Haul Line Interface for
Clock/Data Recovery and Waveshaping
§ CMI Coder/Decoder for Optical I/F
§ Crystal-Less Jitter Attenuator
§ Fully Independent Transmit and Receive
Functionality
§ Dual HDLC Controllers
§ Programmable BERT Generator and Detector
§ Internal Software-Selectable Receive and
Transmit-Side Termination Resistors for
75Ω/100Ω/120Ω T1 and E1 Interfaces
§ Dual Two-Frame Elastic-Store Slip Buffers that
Connect to Asynchronous Backplanes Up to
16.384MHz
§ 16.384MHz, 8.192MHz, 4.096MHz, or
2.048MHz Clock Output Synthesized to
Recovered Network Clock
Features continued on page 2.
ORDERING INFORMATION
PART
TEMP RANGE
PIN-PACKAGE
DS2155L
0°C to +70°C
100 LQFP
DS2155LN
-40°C to +85°C
100 LQFP
DS2155G
0°C to +70°C
10mm CSBGA
DS2155GN
-40°C to +85°C
10mm CSBGA
DS2155
T1/E1/J1 Single-Chip Transceiver
www.maxim-ic.com
DS2155
T1/E1/J1
SCT
T1/E1/J1
NETWORK
BACKPLANE
TDM


Similar Part No. - DS21352

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS21352 DALLAS-DS21352 Datasheet
1Mb / 137P
   3.3V DS21352 and 5V DS21552 T1 Single-Chip Transceivers
logo
Pulse A Technitrol Comp...
DS21352 PULSE-DS21352 Datasheet
1Mb / 5P
   T1/E1/CEPT/ISDN-PRI TRANSFORMERS
logo
Maxim Integrated Produc...
DS21352DK MAXIM-DS21352DK Datasheet
1Mb / 21P
   T1 Single-Chip Transceiver Design Kit Daughter Card
REV: 110106
logo
Dallas Semiconductor
DS21352L DALLAS-DS21352L Datasheet
1Mb / 137P
   3.3V DS21352 and 5V DS21552 T1 Single-Chip Transceivers
logo
Maxim Integrated Produc...
DS21352L MAXIM-DS21352L Datasheet
1Mb / 137P
   T1 Single-Chip Transceivers
120501
More results

Similar Description - DS21352

ManufacturerPart #DatasheetDescription
logo
Zarlink Semiconductor I...
MT9074 ZARLINK-MT9074_05 Datasheet
1Mb / 151P
   T1/E1/J1 Single Chip Transceiver
logo
Mitel Networks Corporat...
MT9074 MITEL-MT9074 Datasheet
372Kb / 122P
   T1/E1/J1 Single Chip Transceiver
logo
Dallas Semiconductor
DS2155 DALLAS-DS2155_06 Datasheet
1Mb / 238P
   T1/E1/J1 Single-Chip Transceiver
logo
Maxim Integrated Produc...
DS2155 MAXIM-DS2155_V01 Datasheet
1Mb / 238P
   T1/E1/J1 Single-Chip Transceiver
REV: 080607
DS26521 MAXIM-DS26521 Datasheet
1Mb / 258P
   Single T1/E1/J1 Transceiver
REV: 111606
logo
Mitel Networks Corporat...
MT9076 MITEL-MT9076 Datasheet
416Kb / 160P
   T1/E1/J1 3.3V Single Chip Transceiver
logo
Zarlink Semiconductor I...
MT9076B ZARLINK-MT9076B Datasheet
1Mb / 172P
   T1/E1/J1 3.3 V Single Chip Transceiver
logo
Maxim Integrated Produc...
DS26528 MAXIM-DS26528 Datasheet
1Mb / 269P
   Octal T1/E1/J1 Transceiver
REV: 012405
DS26524 MAXIM-DS26524_07 Datasheet
1Mb / 273P
   Quad T1/E1/J1 Transceiver
REV: 112907
DS21Q55 MAXIM-DS21Q55 Datasheet
1Mb / 237P
   Quad T1/E1/J1 Transceiver
REV: 042204
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com