Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BLV920 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # BLV920
Description  UHF power transistor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLV920 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button BLV920 Datasheet HTML 3Page - NXP Semiconductors BLV920 Datasheet HTML 4Page - NXP Semiconductors BLV920 Datasheet HTML 5Page - NXP Semiconductors BLV920 Datasheet HTML 6Page - NXP Semiconductors BLV920 Datasheet HTML 7Page - NXP Semiconductors BLV920 Datasheet HTML 8Page - NXP Semiconductors BLV920 Datasheet HTML 9Page - NXP Semiconductors BLV920 Datasheet HTML 10Page - NXP Semiconductors BLV920 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
1997 Nov 17
7
Philips Semiconductors
Product specification
UHF power transistor
BLV920
Notes
1. American Technical Ceramics type 100B or capacitor of same quality.
2. American Technical Ceramics type 100A or capacitor of same quality.
3. The striplines are on double-clad PCB with PTFE fibre-glass dielectric (
εr = 2.2); thickness 132".
L4
stripline; note 3
43
length 3.5 mm
width 3 mm
L5
stripline; note 3
43
length 6.4 mm
width 3 mm
L6
stripline; note 3
43
length 5.8 mm
width 3 mm
L7
stripline; note 3
43
length 2.4 mm
width 3 mm
L8
stripline; note 3
50
length 3 mm
width 2.4 mm
L9
stripline; note 3
50
length 15.5 mm
width 2.4 mm
L10
stripline; note 3
50
length 20 mm
width 2.4 mm
L11
4 turns enamelled 0.8 mm
copper wire
45 nH
int. diameter 4mm
length 5 mm
leads 2
× 5mm
L12
3 turns enamelled 0.8 mm
copper wire
30 nH
int. diameter 3mm
length 5 mm
leads 2
× 5mm
L13, L14
grade 3B Ferroxcube
wideband RF choke
4312 020 36642
R1, R2
metal film resistor
10
Ω, 0.4 W
2322 151 71009
COMPONENT
DESCRIPTION
VALUE
DIMENSIONS
CATALOGUE No.


Similar Part No. - BLV920

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLV92 PHILIPS-BLV92 Datasheet
63Kb / 11P
   UHF power transistor
March 1993
More results

Similar Description - BLV920

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLU60-12 PHILIPS-BLU60-12 Datasheet
59Kb / 10P
   UHF power transistor
March 1986
logo
Motorola, Inc
MRA0510-50H MOTOROLA-MRA0510-50H Datasheet
60Kb / 4P
   UHF POWER TRANSISTOR
logo
NXP Semiconductors
BFG21W PHILIPS-BFG21W Datasheet
116Kb / 12P
   UHF power transistor
1998 Jul 06
BLT61 PHILIPS-BLT61 Datasheet
55Kb / 8P
   UHF power transistor
1998 Jan 28
BLV193 PHILIPS-BLV193 Datasheet
108Kb / 14P
   UHF power transistor
March 1993
BLV934 PHILIPS-BLV934 Datasheet
75Kb / 12P
   UHF power transistor
1995 Apr 11
BLV98CE PHILIPS-BLV98CE Datasheet
62Kb / 11P
   UHF power transistor
March 1993
BLW90 PHILIPS-BLW90 Datasheet
58Kb / 11P
   UHF power transistor
August 1986
logo
Motorola, Inc
TP3021 MOTOROLA-TP3021 Datasheet
88Kb / 4P
   UHF Power Transistor
logo
New Jersey Semi-Conduct...
BLT53 NJSEMI-BLT53 Datasheet
123Kb / 4P
   UHF power transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com