Electronic Components Datasheet Search |
|
PI49FCT806BTS Datasheet(PDF) 3 Page - Pericom Semiconductor Corporation |
|
PI49FCT806BTS Datasheet(HTML) 3 Page - Pericom Semiconductor Corporation |
3 / 8 page 3 PS7006C 06/27/01 12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012 12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012 PI49FCT805T PI49FCT2805T/PI49FCT806T Fast CMOS Buffer/Clock Driver DC Electrical Characteristics (OvertheOperating Range, TA =40°Cto+85°C,VCC =5.0V±5%) Parameters Description TestConditions(1) Min. Typ(2) Max. Units VOH OutputHIGHVoltage VCC = Min., VIN = VIH or VIL IOH=24.0mA 2.4 3.3 V VOL Output LOW Current VCC = Min., VIN = VIH or VIL IOL=64mA 0.3 0.55 V IOL=12mA(25Ω) 0.3 0.50 V VIH InputHIGHVoltage GuaranteedLogicHIGHLevel 2.0 V VIL Input LOW Voltage GuaranteedLogicLOWLevel 0.8 V IIH InputHIGHCurrent VCC=Max. VIN=VCC 1µA IIL Input LOW Current VCC=Max. VIN=GND 1 µA IOZH High Impedance VCC=Max. VOUT=VCC 1µA IOZL Output Current VOUT=GND 1 µA II InputHIGHCurrent VCC=Max.,VIN=VCC(Max.) 20 µA VIK ClampDiodeVoltage VCC = Min., IIN = 18mA 0.7 1.2 V IOS Short Circuit Current VCC=Max.(3),VOUT=GND 60 120 225 mA VH Input Hysteresis VCC=5V 200 mV Storage Temperature ............................................................. 65°Cto+150°C Ambient Temperature with Power Applied .............................. -40°Cto+85°C Supply Voltage to Ground Potential (Inputs & Vcc Only) ....... 0.5Vto+7.0V Supply Voltage to Ground Potential (Outputs & D/O Only) .... 0.5Vto+7.0V DC Input Voltage ..................................................................... 0.5Vto+7.0V DC Output Current ............................................................................... 120mA Power Dissipation ................................................................................... 0.5W Note: Stresses greater than those listed under MAXIMUM RATINGS may cause permanent damage to the de- vice. This is a stress rating only and functional opera- tion of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affectreliability. Capacitance (TA=25°C,f=1MHz) Parameters(4) Description TestConditions Typ Max. Units CIN Input Capacitance VIN=0V 6 10 pF COUT Output Capacitance VOUT=0V 8 12 pF Notes: 1. For Max. or Min. conditions, use appropriate value specified under Electrical Characteristics for the applicable device type. 2. Typical values are at VCC = 5.0V, +25°C ambient and maximum loading. 3. Not more than one output should be shorted at one time. Duration of the test should not exceed one second. 4. This parameter is determined by device characterization but is not production tested. MaximumRatings (Above which the useful life may be impaired. For user guidelines, not tested.) |
Similar Part No. - PI49FCT806BTS |
|
Similar Description - PI49FCT806BTS |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |