Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS87000 Datasheet(PDF) 4 Page - Dallas Semiconductor

Part # DS87000
Description  Microcontroller Programmer
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor

DS87000 Datasheet(HTML) 4 Page - Dallas Semiconductor

  DS87000 Datasheet HTML 1Page - Dallas Semiconductor DS87000 Datasheet HTML 2Page - Dallas Semiconductor DS87000 Datasheet HTML 3Page - Dallas Semiconductor DS87000 Datasheet HTML 4Page - Dallas Semiconductor DS87000 Datasheet HTML 5Page - Dallas Semiconductor DS87000 Datasheet HTML 6Page - Dallas Semiconductor DS87000 Datasheet HTML 7Page - Dallas Semiconductor DS87000 Datasheet HTML 8Page - Dallas Semiconductor DS87000 Datasheet HTML 9Page - Dallas Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
DS87000
4 of 10
Edit
This command provides full screen edit capability of the programmer’s encryption vector. All bytes of the
vector are displayed on the screen, and each can be individually edited. The vector is presented in hex format
in the center of the screen, and the ASCII representation is to the right. If the hex value cannot be represented
in printable ASCII, a period (.) is displayed. The cursor may be placed over either the hex or ASCII value and
a new value entered. When exiting the edit function after modifying one or more bytes of the vector, the user
will be asked if the changes are to be saved. If yes, the new vector will be stored in the programmer.
The user may clear the entire encryption vector by entering an ALT-C. Note that a cleared encryption vector
is all ones, and if a cleared vector is stored in the device, there will be no encryption. A series of random
numbers will be used to fill the encryption vector if an ALT-R is entered. A randomly selected encryption
vector provides a more secure device.
DEVICE MENU
Blank Check
This command reads the device to confirm that it is completely erased (all 1’s). The user is prompted to enter
the beginning and ending address of the range to be checked. The default range is displayed, and may be
modified or accepted as is.
Read
This command will read all or part of the device's EPROM and store it in the programmer's buffer memory.
The user is prompted to enter the beginning and ending address of the range to be read. The default range is
displayed, and may be modified or accepted as is.
If an encryption vector has been stored in the device, the data will be encrypted as it is read. If the intent is to
read non-encrypted data, the read must be performed before the encryption array is written to the device. The
lock bits also have an effect on this function. If either of the two highest levels of lock are written to the
device, the data read will be all ones.
Verify
Verify that the device's EPROM contains the same information as the programmer's buffer. The user is
prompted to enter the beginning and ending address of the range to be verified. The default range is
displayed, and may be modified or accepted as is.
Since the verify function actually reads data from the device, verify must be performed before the device’s
encryption array, lock bits, and/or serial number are written. After the encryption array is written to the
device, all data that is read will be encrypted as a standard function of this security measure. After the lock
bits are written, it may not be possible to read the device at all, depending on the level of lock. The serial
number is unique for every device programmed, so it will not verify from one device to another.
IBlank Check
This command reads the device to confirm that it can be programmed with the contents of the buffer. This
mode makes use of the fact that a completely blank device is not required for proper programming. For
instance, if the device contains a 0 bit where a 0 bit is to be programmed, then it does not matter that the bit
is not "blank" (i.e., 1). Also, if a byte already contains the byte to be programmed, then it does not need to be
re-programmed, and it does not matter that it is not blank. The user is prompted to enter the beginning and


Similar Part No. - DS87000

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS87000 MAXIM-DS87000 Datasheet
47Kb / 10P
   Microcontroller Programmer
030700
More results

Similar Description - DS87000

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS87000 MAXIM-DS87000 Datasheet
47Kb / 10P
   Microcontroller Programmer
030700
logo
Micronas
HAL-APV-V5.1 MICRONAS-HAL-APV-V5.1 Datasheet
752Kb / 102P
   Programmer Board
logo
Renesas Technology Corp
R20UT2921EJ0100 RENESAS-R20UT2921EJ0100 Datasheet
159Kb / 19P
   Renesas Flash Programmer
RL78 RENESAS-RL78 Datasheet
976Kb / 61P
   Renesas Flash Programmer
logo
Xilinx, Inc
DS019 XILINX-DS019 Datasheet
103Kb / 3P
   HW-130 Programmer
logo
ATMEL Corporation
AT89ISP ATMEL-AT89ISP Datasheet
106Kb / 4P
   AT89ISP Programmer Cable
logo
STMicroelectronics
STVP STMICROELECTRONICS-STVP Datasheet
53Kb / 3P
   ST Visual Programmer
logo
Linear Technology
LTC1706-19 LINER-LTC1706-19_15 Datasheet
203Kb / 8P
   VID Voltage Programmer
logo
NEC
PGFPL2 NEC-PGFPL2 Datasheet
1Mb / 73P
   Flash Memory Programmer
logo
STMicroelectronics
FL-101 STMICROELECTRONICS-FL-101 Datasheet
50Kb / 3P
   FlashLINK JTAG Programmer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com