Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RSF5WS Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # RSF5WS
Description  FLAME-PROOF TYPE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

RSF5WS Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  RSF5WS Datasheet HTML 1Page - List of Unclassifed Manufacturers RSF5WS Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Note :
ELECTRICAL CHARACTERISTICS
STYLE
RSF50S
RSF-50
RSF1WS
RSF100
RSF2WS
RSF200
RSF3WS/ RSF300
RSF5SS/
RSF500
RSF3WM
RSF5WS
Power Rating at 70ºC
1/2W
1W
2W
3W
5W
Operating Temp. Range
-55ºC to +155ºC
Maximum Working Voltage
250V
250V
300V
350V
350V
350V
400V/450V 500V
500V/600V 750V
Maximum Overload Voltage
400V
400V
500V
600V
600V
600V
700V/700V 800V
800V/800V 1000V
Dielectric WithstandingVoltage 350V
350V
400V
500V
500V
500V
600V/600V 700V
700V/800V 800V
Value Range
± 5%
1
Ω~510KΩ
Temperature Coefficient
± 300ppm/ºC
* Standard resistance is 1
Ω~510KΩ, below or over this resistance on request.
10
ENVIRONMENTAL CHARACTERISTICS
PERFORMANCE TEST
TEST METHOD
APPRAISE
Short Time Overload
JIS-C-5202 5.5
2.5 Times RCW V for 5 Seconds
± (1%+0.05Ω)
Dielectric Withstanding Voltage
JIS-C-5202 5.7
in V-Block for 60 Seconds
by Type
Temperature Coefficient of Resistance
JIS-C-5202 5.2
-55ºC to +155ºC
± 200ppm/ºC
Insulation Resistance
JIS-C-5202 5.6
in V-Block
>1000M
Solderability
JIS-C-5202 6.5
235ºC for 5
± 0.5 Seconds
95% Min. Coverage
Resistance to Solvent
JIS-C-5202 6.9
Trichroethane for 1 Min. with Ultrasonic
No Deterioration of
Coatings and Markings
Terminal Strength
Direct Load for 10 Sec. in The Direction of The Terminal Leads
≥2.5kg (24.5N)
Pulse Overload
JIS-C-5202 5.8
4 Times RCW V 10000 Cycles (1 Sec. on , 25 Sec. off)
± (2%+0.05Ω)
Load Life in Humidity
JIS-C-5202 7.9
40
± 2ºC, 90~95% RH at RCW V for 1000 Hrs.
± (5%+0.05Ω)
(1.5 Hrs. on , 0.5 Hrs. off )
Load Life
JIS-C-5202 7.10
70ºC at RCWV for 1000 Hrs. (1.5 Hrs. on , 0.5 Hrs. off)
± (5%+0.05Ω)
Temperature Cycling
JIS-C-5202 7.4
-55ºC ➞ Room Temp. ➞ +155ºC➞ Room Temp. for 5 Cycles
± (1%+0.05Ω)
Resistance to Soldering Heat
JIS-C-5202 6.4
350ºC
± 10ºC for 3± 0.5 Seconds
± (1%+0.05Ω)
* Rated Continuous Working Voltage (RCW V)=
Power Rating x Resistance Value


Similar Part No. - RSF5WS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RSF5 ETC2-RSF5 Datasheet
209Kb / 4P
   Lower-cost alternative to carbon comps and wirewounds
RSF5 ETC2-RSF5 Datasheet
205Kb / 4P
   General Purpose Metal Oxide Resistor
logo
Stackpole Electronics, ...
RSF5 SEI-RSF5 Datasheet
597Kb / 9P
   General Purpose Metal Oxide Resistor
3/3/2022
logo
Cynergy3 Co
RSF50 CYNERGY3-RSF50 Datasheet
416Kb / 1P
   miniature single switch
RSF53H100R1/8 CYNERGY3-RSF53H100R1/8 Datasheet
223Kb / 2P
   Available in Nylon, Polypropylene, PPS & PVDF
More results

Similar Description - RSF5WS

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
FMP-50 YAGEO-FMP-50 Datasheet
122Kb / 2P
   High Power Flame-Proof type
logo
MERITEK ELECTRONICS COR...
FRN MERITEK-FRN Datasheet
110Kb / 1P
   Flame-Proof Fusible Resistors
logo
Tyco Electronics
FRN25J100R MACOM-FRN25J100R Datasheet
99Kb / 3P
   Flame-Proof Fusible Resistors
logo
Dubilier
DFR DUBILIER-DFR Datasheet
718Kb / 5P
   Power Flame Proof Resistors
logo
YAGEO Corporation
FKN2WSJT73-0R5 YAGEO-FKN2WSJT73-0R5 Datasheet
296Kb / 2P
   Flame-Proof Type Normal & Miniature Style [ FKN Series ]
logo
Dubilier
DHVR DUBILIER-DHVR Datasheet
404Kb / 2P
   High Voltage Flame Proof Resistors
DHVR25J100KT DUBILIER-DHVR25J100KT Datasheet
404Kb / 2P
   Resistors High Voltage Flame Proof Resistors
logo
YAGEO Corporation
FKN300FR-73-15R YAGEO-FKN300FR-73-15R Datasheet
247Kb / 2P
   Fusible & Flame-Proof Type Normal & Miniature Style [ FKN Series ]
logo
Tyco Electronics
1773271 MACOM-1773271 Datasheet
122Kb / 2P
   Flame-Proof Power Metal Oxide Film Resistors
ROX3SJ82R MACOM-ROX3SJ82R Datasheet
122Kb / 2P
   Flame-Proof Power Metal Oxide Film Resistors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com