Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADA4004-4ACPZ-R7 Datasheet(PDF) 8 Page - Analog Devices

Part # ADA4004-4ACPZ-R7
Description  1.8 nV/root Hz, 36 V Precision Quad Amplifier
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADA4004-4ACPZ-R7 Datasheet(HTML) 8 Page - Analog Devices

Back Button ADA4004-4ACPZ-R7 Datasheet HTML 4Page - Analog Devices ADA4004-4ACPZ-R7 Datasheet HTML 5Page - Analog Devices ADA4004-4ACPZ-R7 Datasheet HTML 6Page - Analog Devices ADA4004-4ACPZ-R7 Datasheet HTML 7Page - Analog Devices ADA4004-4ACPZ-R7 Datasheet HTML 8Page - Analog Devices ADA4004-4ACPZ-R7 Datasheet HTML 9Page - Analog Devices ADA4004-4ACPZ-R7 Datasheet HTML 10Page - Analog Devices ADA4004-4ACPZ-R7 Datasheet HTML 11Page - Analog Devices ADA4004-4ACPZ-R7 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
ADA4004-4
Rev. A | Page 8 of 12
1600
1200
800
400
0
–50
150
100
50
0
TEMPERATURE (°C)
ADA4004-4
RL = 2kΩ
VS = ±5V
VS = ±15V
Figure 15. Open-Loop Gain vs. Temperature
50
40
30
20
10
–10
0
10k
100M
10M
1M
100k
FREQUENCY (Hz)
VS = ±5V
G = +1
G = +10
G = +100
Figure 16. Closed-Loop Gain vs. Frequency
1k
100
10
1
0.1
10
1k
100
100M
10M
1M
100k
10k
FREQUENCY (Hz)
VS = ±5V
G = +100
G = +10
G = +1
Figure 17. Output Impedance vs. Frequency
50
40
30
20
10
–10
0
10k
100M
10M
1M
100k
FREQUENCY (Hz)
VS = ±15V
G = +1
G = +10
G = +100
Figure 18. Closed-Loop Gain vs. Frequency
1k
100
10
1
0.1
10
1k
100
100M
10M
1M
100k
10k
FREQUENCY (Hz)
VS = ±15V
G = +100
G = +10
G = +1
Figure 19. Output Impedance vs. Frequency
120
100
80
60
40
0
20
10
1k
100
10M
1M
100k
10k
FREQUENCY (Hz)
–PSRR
+PSRR
VS = ±15V, ±5V
VIN = 50mV
Figure 20. PSRR vs. Frequency


Similar Part No. - ADA4004-4ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4004-4ACPZ-R7 AD-ADA4004-4ACPZ-R7 Datasheet
370Kb / 12P
   1.8 nV/?숰z, 36 V Precision Quad Amplifier
REV. B
ADA4004-4ACPZ-R7 AD-ADA4004-4ACPZ-R7 Datasheet
373Kb / 16P
   1.8 nV/?숰z, 36 V Precision Amplifiers
Rev. E
ADA4004-4ACPZ-R7 AD-ADA4004-4ACPZ-R7 Datasheet
388Kb / 16P
   1.8 nV/?숰z, 36 V Precision Amplifiers
More results

Similar Description - ADA4004-4ACPZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADA4004-4 AD-ADA4004-4_07 Datasheet
370Kb / 12P
   1.8 nV/?숰z, 36 V Precision Quad Amplifier
REV. B
ADA4004-1 AD-ADA4004-1 Datasheet
135Kb / 4P
   1.8 nV/Hz, 36 V Precision Single and Dual Amplifier
Rev. PrA
ADA4004-1 AD-ADA4004-1_08 Datasheet
376Kb / 16P
   1.8 nV/?숰z, 36 V Precision Quad Amplifiers
REV. C
ADA4004-1 AD-ADA4004-1_09 Datasheet
373Kb / 16P
   1.8 nV/?숰z, 36 V Precision Amplifiers
Rev. E
ADA4004-1 AD-ADA4004-1_15 Datasheet
388Kb / 16P
   1.8 nV/?숰z, 36 V Precision Amplifiers
AD8675 AD-AD8675 Datasheet
296Kb / 12P
   36 V Precision, 2.8 nV/Hz Rail-to-Rail Output Op Amp
REV. 0
AD8675ARMZ AD-AD8675ARMZ Datasheet
303Kb / 12P
   36 V Precision, 2.8 nV/Hz Rail-to-Rail Output Op Amp
Rev. E
logo
Texas Instruments
OPA2210 TI1-OPA2210 Datasheet
562Kb / 23P
[Old version datasheet]   2.2-nV/?숰z, Precision, Low-Power, 36-V Operational Amplifier
OPA2210 TI1-OPA2210_V01 Datasheet
1Mb / 32P
[Old version datasheet]   OPA2210 2.2-nV/?숰z Precision, Low-Power, 36-V Operational Amplifier
OPA2210 TI1-OPA2210_V02 Datasheet
1Mb / 36P
[Old version datasheet]   OPA2210 2.2-nV/?숰z Precision, Low-Power, 36-V Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com