Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BLV92 Datasheet(PDF) 5 Page - NXP Semiconductors

Part # BLV92
Description  UHF power transistor
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLV92 Datasheet(HTML) 5 Page - NXP Semiconductors

  BLV92 Datasheet HTML 1Page - NXP Semiconductors BLV92 Datasheet HTML 2Page - NXP Semiconductors BLV92 Datasheet HTML 3Page - NXP Semiconductors BLV92 Datasheet HTML 4Page - NXP Semiconductors BLV92 Datasheet HTML 5Page - NXP Semiconductors BLV92 Datasheet HTML 6Page - NXP Semiconductors BLV92 Datasheet HTML 7Page - NXP Semiconductors BLV92 Datasheet HTML 8Page - NXP Semiconductors BLV92 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
March 1993
5
Philips Semiconductors
Product specification
UHF power transistor
BLV92
APPLICATION INFORMATION
R.F. performance in c.w. operation (common-emitter circuit; class-B): f = 900 MHz; Th =25 °C.
MODE OF OPERATION
VCE
V
PL
W
PS
W
GP
dB
IC
A
ηC
%
12,5
4
<
0,71
>
7,5
<
0,64
>
50
narrow band; c.w.
typ.
0,57
typ. 8,5
typ.
0,56
typ. 57
9,6
3
typ.
0,56
typ. 7,3
typ.
0,56
typ. 56
Fig.6 IE =ie = 0; f = 1 MHz; typical values.
handbook, halfpage
04
8
VCB (V)
Cc
(pF)
16
16
12
4
0
8
12
MDA412
Fig.7 Class-B test circuit at f = 900 MHz.
handbook, full pagewidth
MDA413
,,,,,,
,,,,,,
,,,,,,,
,,,,,,,
T.U.T.
C2
C5
L1
L2
C1
L4
L5
L11
R2
L3
L6
L7
C12
C11
50
50
+VCC
C10
C8
C6
C4
C9
R1
L10
L8
L9
C13
C14
C15
C3
C7


Similar Part No. - BLV92

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLV920 PHILIPS-BLV920 Datasheet
109Kb / 12P
   UHF power transistor
1997 Nov 17
More results

Similar Description - BLV92

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BLU60-12 PHILIPS-BLU60-12 Datasheet
59Kb / 10P
   UHF power transistor
March 1986
logo
Motorola, Inc
MRA0510-50H MOTOROLA-MRA0510-50H Datasheet
60Kb / 4P
   UHF POWER TRANSISTOR
logo
NXP Semiconductors
BFG21W PHILIPS-BFG21W Datasheet
116Kb / 12P
   UHF power transistor
1998 Jul 06
BLT61 PHILIPS-BLT61 Datasheet
55Kb / 8P
   UHF power transistor
1998 Jan 28
BLV193 PHILIPS-BLV193 Datasheet
108Kb / 14P
   UHF power transistor
March 1993
BLV920 PHILIPS-BLV920 Datasheet
109Kb / 12P
   UHF power transistor
1997 Nov 17
BLV934 PHILIPS-BLV934 Datasheet
75Kb / 12P
   UHF power transistor
1995 Apr 11
BLV98CE PHILIPS-BLV98CE Datasheet
62Kb / 11P
   UHF power transistor
March 1993
BLW90 PHILIPS-BLW90 Datasheet
58Kb / 11P
   UHF power transistor
August 1986
logo
Motorola, Inc
TP3021 MOTOROLA-TP3021 Datasheet
88Kb / 4P
   UHF Power Transistor
logo
New Jersey Semi-Conduct...
BLT53 NJSEMI-BLT53 Datasheet
123Kb / 4P
   UHF power transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com