Electronic Components Datasheet Search
Selected language     English  ▼
Part Name
         Description


PJLC1V5 Datasheet(PDF) 1 Page - Pan Jit International Inc.

Part No. PJLC1V5
Description  LOW CAPACITANCE ESD / TRANSIENT DATA LINE PROTECTOR FOR 1.5V SYSTEMS
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  PANJIT [Pan Jit International Inc.]
Homepage  http://www.panjit.com.tw
Logo 

   
 1 page
background image
PAGE . 1
STAD-FEB.03.2005
PJLC1V5
.083(2.10)
.020(.50)
.006(.15)
.119(3.00)
.066(1.70)
.006(.15)MAX
.013(.35)
.002(.05)
.110(2.80)
SOT- 23
Unit: inch (mm)
LOW CAPACITANCE ESD / TRANSIENT DATA LINE PROTECTOR FOR 1.5V SYSTEMS
VOLTAGE
1.5 Volts
50 Watts
FEATURES
• Off-State Capacitance typical of 6pF, max 10pF @ 1MHz 0Vdc
• Maximum Leakage Current of 1
µ A @ 1.5V
• Breakdown Voltage of 2.2V @ 1mA
• IEC61000-4-2 Compliance (8kV Air, 15kV Contact Discharge)
• Industry Standard Surface Mount Package SOT23
APPLICATIONS
• High Speed Data Lines
• Microcontroller and Microprocessor I/O interfaces
• Mobile Phone and PDA's
• LAN/WAN Equipment
• Instrumentation Equipment
3(GND)
1(N.C.)
2(LINE)
MECHANICALDATA
• Case: Molded Plastic SOT-23
• Marking : T1L
POWER
• Pb free product are available : 99% Sn above can meet RoHS environment substance
directive request
MAXIMUM RATINGS
PATING
SYMBOL
VALUE
UNITS
Peak Pulse Power ( 8/20
µs Waveform )
PPK
50
W
ESD Voltage (per IEC61000-4-2)
VESD
25
kV
Lead Soldering Temperature ( max 10 seconds )
TL
260
OC
Operating Temperature Range
TJ
-50 to 150
OC
Storage Temperature Range
TSTG
-50 to 150
OC
Maximum Peak Pluse Current
IPP
1
A




Html Pages

1  2  3  4 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
TSOP32230IR Receiver Modules for Remote Control Systems 1 2 3 4 5 MoreVishay Siliconix
ADN28824.25 Gbps 3.3V Low Noise Transimpedance Amplifier 1 2 3 4 5 MoreAnalog Devices
VSC7121Quad Port Bypass Circuit for 1.0625 Gbit/sec Fibre Channel Arbitrated Loop Disk Arrays 1 2 3 4 5 MoreVitesse Semiconductor Corporation
CY7C4282V64K/128Kx9 Low Voltage Deep Sync FIFOs w/ Retransmit & Depth Expansion 1 2 3 4 5 MoreCypress Semiconductor
ADA4412-3Integrated Triple Video Filter with Selectable Cutoff Frequencies for RGB HD/SD 1 2 3 4 5 MoreAnalog Devices
IDT8535-01LOW SKEW 1-TO-4 LVCMOS-TO-3.3V LVPECL FANOUT BUFFER 1 2 3 4 5 MoreIntegrated Device Technology
JDV2S05EVCO for UHF band 1 Toshiba Semiconductor
WS628128VERY LOW POWER / VOLTAGE COMS SRAM 128K X 8 BIT 1 2 3 4 5 MoreWing Shing Computer Components
MA27V07Silicon epitaxial planar type For VCO 1 2 3 Panasonic Semiconductor
ZXTDCM832MPPS Miniature Package Power Solutions DUAL 50V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR 1 2 3 4 5 MoreZetex Semiconductors

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2017    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl