Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT18LD472AG-6 Datasheet(PDF) 2 Page - Micron Technology

Part # MT18LD472AG-6
Description  2, 4 MEG x 72 NONBUFFERED DRAM DIMMs
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT18LD472AG-6 Datasheet(HTML) 2 Page - Micron Technology

  MT18LD472AG-6 Datasheet HTML 1Page - Micron Technology MT18LD472AG-6 Datasheet HTML 2Page - Micron Technology MT18LD472AG-6 Datasheet HTML 3Page - Micron Technology MT18LD472AG-6 Datasheet HTML 4Page - Micron Technology MT18LD472AG-6 Datasheet HTML 5Page - Micron Technology MT18LD472AG-6 Datasheet HTML 6Page - Micron Technology MT18LD472AG-6 Datasheet HTML 7Page - Micron Technology MT18LD472AG-6 Datasheet HTML 8Page - Micron Technology MT18LD472AG-6 Datasheet HTML 9Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 30 page
background image
2, 4 Meg x 72 Nonbuffered DRAM DIMMs
Micron Technology, Inc., reserves the right to change products or specifications without notice.
DM60.p65 – Rev. 6/98
©1998, Micron Technology, Inc.
2
2, 4 MEG x 72
NONBUFFERED DRAM DIMMs
OBSOLETE
PART NUMBERS
EDO Operating Mode
PART NUMBER
CONFIGURATION
SPEED
MT9LD272AG-5 X
2 Meg x 72 ECC
50ns
MT9LD272AG-6 X
2 Meg x 72 ECC
60ns
MT18LD472AG-5 X
4 Meg x 72 ECC
50ns
MT18LD472AG-6 X
4 Meg x 72 ECC
60ns
FPM Operating Mode
PART NUMBER
CONFIGURATION
SPEED
MT9LD272AG-6
2 Meg x 72 ECC
60ns
MT18LD472AG-6
4 Meg x 72 ECC
60ns
EDO PAGE MODE
EDO PAGE MODE, designated by the “X” version, is an
accelerated FAST-PAGE-MODE cycle. The primary advan-
tage of EDO is the availability of data-out even after CAS#
goes back HIGH. EDO provides for CAS# precharge time
(tCP) to occur without the output data going invalid. This
elimination of CAS# output control provides for pipelined
READs.
FAST-PAGE-MODE modules have traditionally turned
the output buffers off (High-Z) with the rising edge of
CAS#. EDO-PAGE-MODE DRAMs operate like FAST-
PAGE-MODE DRAMs, except data will remain valid or
become valid after CAS# goes HIGH during READs, pro-
vided RAS# and OE# are held LOW. If OE# is pulsed while
RAS# and CAS# are LOW, data will toggle from valid data
to High-Z and back to the same valid data. If OE# is toggled
or pulsed after CAS# goes HIGH while RAS# remains
LOW, data will transition to and remain High-Z.
During an application, if the DQ outputs are wire OR’d,
OE# must be used to disable idle banks of DRAMs. Alterna-
tively, pulsing WE# to the idle banks during CAS# HIGH
time will also High-Z the outputs. Independent of OE#
control, the outputs will disable after tOFF, which is refer-
enced from the rising edge of RAS# or CAS#, whichever
occurs last. (Refer to the 4 Meg x 4 [MT4LC4M4E8] DRAM
data sheet for additional information on EDO functional-
ity.)
REFRESH
Returning RAS# and CAS# HIGH terminates a memory
cycle and decreases chip current to a reduced standby level.
Also, the chip is preconditioned for the next cycle during
the RAS# HIGH time. Correct memory cell data is pre-
served by maintaining power and executing any RAS#
cycle (READ, WRITE) or RAS# REFRESH cycle (RAS#-
ONLY, CBR or HIDDEN) so that all combinations of RAS#
addresses (A0-A9/A10) are executed at least every tREF,
regardless of sequence. The CBR REFRESH cycle will in-
voke the internal refresh counter for automatic RAS# ad-
dressing.
SERIAL PRESENCE-DETECT OPERATION
This module family incorporates serial presence-detect
(SPD). The SPD function is implemented using a 2,048-bit
EEPROM. This nonvolatile storage device contains 256
bytes. The first 128 bytes can be programmed by Micron to
identify the module type and various DRAM organizations
and timing parameters. The remaining 128 bytes of storage
are available for use by the customer. System READ/
WRITE operations between the master (system logic) and
the slave EEPROM device (DIMM) occur via a standard IIC
bus using the DIMM’s SCL (clock) and SDA (data) signals,
GENERAL DESCRIPTION
The MT9LD272A(X) and MT18LD472A(X) are randomly
accessed 16MB and 32MB memories organized in a x72
configuration. They are specially processed to operate from
3V to 3.6V for low-voltage memory systems.
During READ or WRITE cycles, each bit is uniquely
addressed through the 21/22 address bits, which are en-
tered 11 bits (A0 -A10) at RAS# time and 10/11 bits (A0-
A10) at CAS# time.
READ and WRITE cycles are selected with the WE#
input. A logic HIGH on WE# dictates read mode, while a
logic LOW on WE# dictates write mode. During a WRITE
cycle, data-in (D) is latched by the falling edge of WE# or
CAS#, whichever occurs last. An EARLY WRITE occurs
when WE# is taken LOW prior to CAS# falling. A LATE
WRITE or READ-MODIFY-WRITE occurs when WE# falls
after CAS# was taken LOW. During EARLY WRITE cycles,
the data-outputs (Q) will remain High-Z regardless of the
state of OE#. During LATE WRITE or READ-MODIFY-
WRITE cycles, OE# must be taken HIGH to disable the data-
outputs prior to applying input data. If a LATE WRITE or
READ-MODIFY-WRITE is attempted while keeping OE#
LOW, no WRITE will occur, and the data-outputs will drive
read data from the accessed location.
FAST PAGE MODE
FAST-PAGE-MODE operations allow faster data opera-
tions (READ or WRITE) within a row-address-defined
page boundary. The FAST-PAGE-MODE cycle is always
initiated with a row address strobed in by RAS#, followed
by a column address strobed in by CAS#. Additional col-
umns may be accessed by providing valid column
addresses, strobing CAS# and holding RAS# LOW , thus
executing faster memory cycles. Returning RAS# HIGH
terminates the FAST-PAGE-MODE operation.


Similar Part No. - MT18LD472AG-6

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT18LSDT12872A MICRON-MT18LSDT12872A Datasheet
979Kb / 29P
   Synchronous DRAM Module
MT18LSDT12872AG MICRON-MT18LSDT12872AG Datasheet
979Kb / 29P
   Synchronous DRAM Module
MT18LSDT3272A(I) MICRON-MT18LSDT3272A(I) Datasheet
677Kb / 26P
   SYNCHRONOUS DRAM MODULE
More results

Similar Description - MT18LD472AG-6

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT4C40005 MICRON-MT4C40005 Datasheet
140Kb / 1P
   4 MEG x 4 DRAM
MT16D232 MICRON-MT16D232 Datasheet
1Mb / 9P
   2 MEG x 32 DRAM
logo
Austin Semiconductor
AS4LC4M16 AUSTIN-AS4LC4M16 Datasheet
519Kb / 25P
   4 MEG x 16 DRAM
logo
Micron Technology
MT4C4003J MICRON-MT4C4003J Datasheet
796Kb / 12P
   1 MEG x 4 DRAM
MT4LC4M4E8 MICRON-MT4LC4M4E8 Datasheet
291Kb / 23P
   4 MEG x 4 EDO DRAM
MT8D132 MICRON-MT8D132 Datasheet
1Mb / 23P
   1 MEG, 2 MEG x 32 DRAM MODULES
logo
List of Unclassifed Man...
MEM4X16E43VTW-5 ETC-MEM4X16E43VTW-5 Datasheet
598Kb / 9P
   4 MEG x 16 EDO DRAM
logo
Austin Semiconductor
MT4C4001J AUSTIN-MT4C4001J Datasheet
251Kb / 20P
   1 MEG x 4 DRAM Fast Page Mode DRAM
logo
Micron Technology
MT8LSDT864A MICRON-MT8LSDT864A Datasheet
1Mb / 20P
   8,16 MEG x 64 SDRAM DIMMs
logo
Austin Semiconductor
MT4C4001J AUSTIN-MT4C4001J_05 Datasheet
1Mb / 21P
   1 MEG x 4 DRAM Fast Page Mode DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com