Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT18LD472AG-6X Datasheet(PDF) 3 Page - Micron Technology

Part # MT18LD472AG-6X
Description  2, 4 MEG x 72 NONBUFFERED DRAM DIMMs
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT18LD472AG-6X Datasheet(HTML) 3 Page - Micron Technology

  MT18LD472AG-6X Datasheet HTML 1Page - Micron Technology MT18LD472AG-6X Datasheet HTML 2Page - Micron Technology MT18LD472AG-6X Datasheet HTML 3Page - Micron Technology MT18LD472AG-6X Datasheet HTML 4Page - Micron Technology MT18LD472AG-6X Datasheet HTML 5Page - Micron Technology MT18LD472AG-6X Datasheet HTML 6Page - Micron Technology MT18LD472AG-6X Datasheet HTML 7Page - Micron Technology MT18LD472AG-6X Datasheet HTML 8Page - Micron Technology MT18LD472AG-6X Datasheet HTML 9Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 30 page
background image
2, 4 Meg x 72 Nonbuffered DRAM DIMMs
Micron Technology, Inc., reserves the right to change products or specifications without notice.
DM60.p65 – Rev. 6/98
©1998, Micron Technology, Inc.
3
2, 4 MEG x 72
NONBUFFERED DRAM DIMMs
OBSOLETE
together with SA(2:0), which provide eight unique DIMM/
EEPROM addresses.
SPD CLOCK AND DATA CONVENTIONS
Data states on the SDA line can change only during SCL
LOW. SDA state changes during SCL HIGH are reserved
for indicating start and stop conditions (Figures 1 and 2).
SPD START CONDITION
All commands are preceded by the start condition, which
is a HIGH-to-LOW transition of SDA when SCL is HIGH.
The SPD device continuously monitors the SDA and SCL
lines for the start condition and will not respond to any
command until this condition has been met.
SPD STOP CONDITION
All communications are terminated by a stop condition,
which is a LOW-to-HIGH transition of SDA when SCL is
HIGH. The stop condition is also used to place the SPD
device into standby power mode.
SPD ACKNOWLEDGE
Acknowledge is a software convention used to indicate
successful data transfers. The transmitting device, either
master or slave, will release the bus after transmitting eight
bits. During the ninth clock cycle, the receiver will pull the
SDA line LOW to acknowledge that it received the eight bits
of data (Figure 3).
The SPD device will always respond with an acknowl-
edge after recognition of a start condition and its slave
address. If both the device and a write operation have been
selected, the SPD device will respond with an acknowledge
after the receipt of each subsequent eight-bit word. In the
read mode the SPD device will transmit eight bits of data,
release the SDA line and monitor the line for an acknowl-
edge. If an acknowledge is detected and no stop condition
is generated by the master, the slave will continue to trans-
mit data. If an acknowledge is not detected, the slave will
terminate further data transmissions and await the stop
condition to return to standby power mode.
SCL
SDA
DATA STABLE
DATA STABLE
DATA
CHANGE
Figure 1
DATA VALIDITY
SCL
SDA
START
BIT
STOP
BIT
Figure 2
DEFINITION OF START AND STOP
SCL from Master
Data Output
from Transmitter
Data Output
from Receiver
9
8
Acknowledge
Figure 3
ACKNOWLEDGE RESPONSE FROM RECEIVER


Similar Part No. - MT18LD472AG-6X

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT18LSDT12872A MICRON-MT18LSDT12872A Datasheet
979Kb / 29P
   Synchronous DRAM Module
MT18LSDT12872AG MICRON-MT18LSDT12872AG Datasheet
979Kb / 29P
   Synchronous DRAM Module
MT18LSDT3272A(I) MICRON-MT18LSDT3272A(I) Datasheet
677Kb / 26P
   SYNCHRONOUS DRAM MODULE
More results

Similar Description - MT18LD472AG-6X

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT4C40005 MICRON-MT4C40005 Datasheet
140Kb / 1P
   4 MEG x 4 DRAM
MT16D232 MICRON-MT16D232 Datasheet
1Mb / 9P
   2 MEG x 32 DRAM
logo
Austin Semiconductor
AS4LC4M16 AUSTIN-AS4LC4M16 Datasheet
519Kb / 25P
   4 MEG x 16 DRAM
logo
Micron Technology
MT4C4003J MICRON-MT4C4003J Datasheet
796Kb / 12P
   1 MEG x 4 DRAM
MT4LC4M4E8 MICRON-MT4LC4M4E8 Datasheet
291Kb / 23P
   4 MEG x 4 EDO DRAM
MT8D132 MICRON-MT8D132 Datasheet
1Mb / 23P
   1 MEG, 2 MEG x 32 DRAM MODULES
logo
List of Unclassifed Man...
MEM4X16E43VTW-5 ETC-MEM4X16E43VTW-5 Datasheet
598Kb / 9P
   4 MEG x 16 EDO DRAM
logo
Austin Semiconductor
MT4C4001J AUSTIN-MT4C4001J Datasheet
251Kb / 20P
   1 MEG x 4 DRAM Fast Page Mode DRAM
logo
Micron Technology
MT8LSDT864A MICRON-MT8LSDT864A Datasheet
1Mb / 20P
   8,16 MEG x 64 SDRAM DIMMs
logo
Austin Semiconductor
MT4C4001J AUSTIN-MT4C4001J_05 Datasheet
1Mb / 21P
   1 MEG x 4 DRAM Fast Page Mode DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com