Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MT18LD472A Datasheet(PDF) 11 Page - Micron Technology

Part # MT18LD472A
Description  2, 4 MEG x 72 NONBUFFERED DRAM DIMMs
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT18LD472A Datasheet(HTML) 11 Page - Micron Technology

Back Button MT18LD472A Datasheet HTML 7Page - Micron Technology MT18LD472A Datasheet HTML 8Page - Micron Technology MT18LD472A Datasheet HTML 9Page - Micron Technology MT18LD472A Datasheet HTML 10Page - Micron Technology MT18LD472A Datasheet HTML 11Page - Micron Technology MT18LD472A Datasheet HTML 12Page - Micron Technology MT18LD472A Datasheet HTML 13Page - Micron Technology MT18LD472A Datasheet HTML 14Page - Micron Technology MT18LD472A Datasheet HTML 15Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
2, 4 Meg x 72 Nonbuffered DRAM DIMMs
Micron Technology, Inc., reserves the right to change products or specifications without notice.
DM60.p65 – Rev. 6/98
©1998, Micron Technology, Inc.
11
2, 4 MEG x 72
NONBUFFERED DRAM DIMMs
OBSOLETE
FAST PAGE MODE
AC ELECTRICAL CHARACTERISTICS
(Notes: 5, 6, 7, 8, 9, 12, 29) (VDD = +3.3V
±0.3V)
AC CHARACTERISTICS - FAST PAGE MODE OPTION
-6
PARAMETER
SYMBOL
MIN
MAX
UNITS
NOTES
FAST-PAGE-MODE READ-WRITE cycle time
tPRWC
85
ns
Access time from RAS#
tRAC
60
ns
13
RAS# to column-address delay time
tRAD
15
ns
17
Row-address hold time
tRAH
10
ns
RAS# pulse width
tRAS
60
10,000
ns
RAS# pulse width (FAST PAGE MODE)
tRASP
60
125,000
ns
Random READ or WRITE cycle time
tRC
110
ns
RAS# to CAS# delay time
tRCD
20
ns
16
READ command hold time (referenced to CAS#)
tRCH
0
ns
18
READ command setup time
tRCS
0
ns
Refresh period (2,048 cycles)
tREF
32
ms
RAS# precharge time
tRP
40
ns
RAS# to CAS# precharge time
tRPC
0
ns
READ command hold time (referenced to RAS#)
tRRH
0
ns
18
RAS# hold time
tRSH
15
ns
READ-WRITE cycle time
tRWC
155
ns
RAS# to WE# delay time
tRWD
85
ns
23
WRITE command to RAS# lead time
tRWL
15
ns
Transition time (rise or fall)
tT2
50
ns
WRITE command hold time
tWCH
10
ns
WRITE command hold time (referenced to RAS#)
tWCR
45
ns
WE# command setup time
tWCS
0
ns
23
WRITE command pulse width
tWP
10
ns
WE# hold time (CBR Refresh)
tWRH
10
ns
WE# setup time (CBR Refresh)
tWRP
10
ns


Similar Part No. - MT18LD472A

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT18LSDT12872A MICRON-MT18LSDT12872A Datasheet
979Kb / 29P
   Synchronous DRAM Module
MT18LSDT12872AG MICRON-MT18LSDT12872AG Datasheet
979Kb / 29P
   Synchronous DRAM Module
MT18LSDT3272A(I) MICRON-MT18LSDT3272A(I) Datasheet
677Kb / 26P
   SYNCHRONOUS DRAM MODULE
More results

Similar Description - MT18LD472A

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT4C40005 MICRON-MT4C40005 Datasheet
140Kb / 1P
   4 MEG x 4 DRAM
MT16D232 MICRON-MT16D232 Datasheet
1Mb / 9P
   2 MEG x 32 DRAM
logo
Austin Semiconductor
AS4LC4M16 AUSTIN-AS4LC4M16 Datasheet
519Kb / 25P
   4 MEG x 16 DRAM
logo
Micron Technology
MT4C4003J MICRON-MT4C4003J Datasheet
796Kb / 12P
   1 MEG x 4 DRAM
MT4LC4M4E8 MICRON-MT4LC4M4E8 Datasheet
291Kb / 23P
   4 MEG x 4 EDO DRAM
MT8D132 MICRON-MT8D132 Datasheet
1Mb / 23P
   1 MEG, 2 MEG x 32 DRAM MODULES
logo
List of Unclassifed Man...
MEM4X16E43VTW-5 ETC-MEM4X16E43VTW-5 Datasheet
598Kb / 9P
   4 MEG x 16 EDO DRAM
logo
Austin Semiconductor
MT4C4001J AUSTIN-MT4C4001J Datasheet
251Kb / 20P
   1 MEG x 4 DRAM Fast Page Mode DRAM
logo
Micron Technology
MT8LSDT864A MICRON-MT8LSDT864A Datasheet
1Mb / 20P
   8,16 MEG x 64 SDRAM DIMMs
logo
Austin Semiconductor
MT4C4001J AUSTIN-MT4C4001J_05 Datasheet
1Mb / 21P
   1 MEG x 4 DRAM Fast Page Mode DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com