Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPV0C12G61LPN Datasheet(PDF) 3 Page - ITT Industries

Part # TPV0C12G61LPN
Description  1 Filter Connectors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

TPV0C12G61LPN Datasheet(HTML) 3 Page - ITT Industries

  TPV0C12G61LPN Datasheet HTML 1Page - ITT Industries TPV0C12G61LPN Datasheet HTML 2Page - ITT Industries TPV0C12G61LPN Datasheet HTML 3Page - ITT Industries TPV0C12G61LPN Datasheet HTML 4Page - ITT Industries TPV0C12G61LPN Datasheet HTML 5Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
www.ittcannon.com
310
Dimensions are shown in inches (millimeters).
Dimensions subject to change.
MIL-C-26482 Series 2/-83723 Series 1 Filter Connectors
TPV
Performance and Material Specification
MATERIALS AND FINISHES
Material:
Finish:
Material:
Finish:
Material:
Finish:
Material:
Finish:
Material:
Finish:
Material:
Finish:
Material:
Finish:
Jam Nut
Coupling Pins
Contacts
Insulator
Interfacial and
Peripheral Seals
O ring
(Jam Nut Mounting Only)
Ground Spring
Filter Description
Catalog Indicator
Voltage Rating
Current Rating (amp DC)
Capacitance at 1 KHz 0.1V rms Picofarads
Low Freq.
L
Mid Freq.
M
200 VDC - 120 VAC rms 400 Hz
15 amp, size 16/7.5 amp, size 20
5000, megohms min. @ 100 VDC
500 VDC size 16 & 20
500 VDC
32000
45000
Freq. MHz
0.1
1.0
2
10
100
500 to 1000
2 min.
10 min.
16 min.
40 min.
60 min.
70 min.
Pi
-
2 min.
7 min.
18 min.
55 min.
60 min.
Pi
-
-
2 min.
8 min.
45 min.
55 min.
Pi
-
-
-
2 min.
30 min.
50 min.
Pi
8000
12000
3300
5000
850
1300
Std. Freq
T
High Freq.
H
Insulation Resistance, 2 min. electrification
time max. at 25˚C
DWV, sea level, with 500 microamps max.
charge/discharge
Attenuation per MIL-STD-220
@ 25˚C with no applied
voltage or current.
Filter Type/Construction
Consult factory for higher or mixed attenuation values and higher voltage ratings.
Aluminum Alloy
Copper Alloy
Passivated
Copper Alloy
Gold plated per MIL-G-45204, Type 1 Class 1 with nickel underplate per QQ-N-290
Suitable high termperature plastic/epoxy
none
Fluorosilicone rubber (ITT Cannon blend)
none
Silicone rubber (ITT Cannon blend)
none
Beryllium Copper
Silver Plated
Class "B" Series
Olive drab chromeplate over
cadimium finish per QQ-P-416
Class "G" Series
Electroless nickel plating
Per MIl-C-26074
ELECTRICAL (Size #16 and #20 Contacts)


Similar Part No. - TPV0C12G61LPN

ManufacturerPart #DatasheetDescription
logo
Toppower Electronic Tec...
TPV0303DA TOPPOWER-TPV0303DA Datasheet
659Kb / 3P
   1W 3KVDC Isolated Single & Dual Output DC/DC Converters
TPV0303DA TOPPOWER-TPV0303DA Datasheet
234Kb / 3P
   1W 3KVDC Isolated Single & Dual Output DC/DC Converters
TPV0303DA-W1 TOPPOWER-TPV0303DA-W1 Datasheet
215Kb / 3P
   0.11W 3KVDC Isolated Single & Dual Output DC/DC Converters
TPV0303DA-W1 TOPPOWER-TPV0303DA-W1 Datasheet
814Kb / 3P
   0.1W 3KVDC Isolated Single & Dual Output DC/DC Converters
TPV0303DA-W25 TOPPOWER-TPV0303DA-W25 Datasheet
790Kb / 3P
   0.25W 3KVDC Isolated Single & Dual Output DC/DC Converters
More results

Similar Description - TPV0C12G61LPN

ManufacturerPart #DatasheetDescription
logo
ITT Industries
TKJLOC0ALPN ITT-TKJLOC0ALPN Datasheet
231Kb / 3P
   Filter Connectors
TD1E9LPH-C ITT-TD1E9LPH-C Datasheet
81Kb / 3P
   Filter Connectors
logo
List of Unclassifed Man...
ARINC404 ETC2-ARINC404 Datasheet
967Kb / 2P
   ARINC Filter Connectors
logo
Glenair, Inc.
240-032-1-9PPA GLENAIR-240-032-1-9PPA Datasheet
475Kb / 2P
   Micro-D Filter Connectors
240-033-1-9P GLENAIR-240-033-1-9P Datasheet
380Kb / 2P
   Micro-D Filter Connectors
240-031-1-25PP GLENAIR-240-031-1-25PP Datasheet
426Kb / 4P
   Micro-D Filter Connectors
240-030 GLENAIR-240-030 Datasheet
152Kb / 2P
   Micro-D Filter Connectors
240-034-1-9PC GLENAIR-240-034-1-9PC_08 Datasheet
499Kb / 4P
   Micro-D Filter Connectors
240-030-1-25PP GLENAIR-240-030-1-25PP Datasheet
475Kb / 2P
   Micro-D Filter Connectors
logo
KR Electronics, Inc.
2297-1-BNC KR-2297-1-BNC Datasheet
57Kb / 3P
   1 MHz Lowpass Filter
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com