Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM79L24 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # LM79L24
Description  100mA Negative Voltage Regulator
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

LM79L24 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  LM79L24 Datasheet HTML 1Page - List of Unclassifed Manufacturers LM79L24 Datasheet HTML 2Page - List of Unclassifed Manufacturers LM79L24 Datasheet HTML 3Page - List of Unclassifed Manufacturers LM79L24 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Bay Linear, Inc
2478 Armstrong Street, Livermore, CA 94550 Tel: (925) 989-7144, Fax: (925) 940-9556
www.baylinear.com
LM79LXX
Absolute Maximum Rating
Parameter
LM79L05
LM78L12…LM78L18
LM78L24
Unit
Input Voltage
-30
-35
-40
V
Operating Free-Air, Case, Virtual
Junction Temp.
0 to 150
0 to 150
0 to 150
Storage Temperature Range
-65 to 150
-65 to 150
-65 to 150
Lead temperature 1.6 mm from case
for sec.
260
260
260
°C
Electrical Characteristics (LM79L05)
(VI=10V, IO=40mA, 0°C ≤TJ≤125 °C, CI = 0.33µF, CO = 0.1µF, unless otherwise specified. (Note 1)
Parameter
Symbol
Conditions
MIN
TYP
MAX
UNIT
Output Voltage
VO
TJ = 25
°C
-4.8
-5.0
-5.2
V
VI = -7V to -20V TJ = 25
°C
15
150
Line Regulation
∆V
O
VI = -7V to -20V TJ = 25
°C
100
mV
IO = 1mA to 100mA, 25
°C
20
60
Load Regulation
∆V
O
IO = 1mA to 40mA, 25
°C
10
30
mV
Ripple Rejection
RR
VI = -8V to -18V, f=120Hz
41
49
dB
Output Noise Voltage
VN
F= 10Hz to 100Hz TJ = 25
°C
46
µV
Dropout Voltage
VD
TJ = 25
°C
1.7
V
Quiescent Current
TJ = 25
°C
6mA
mA
VI = -8V to -20V, TJ = 25
°C
1.5
Quiescent Current
Change
∆I
Q
IO = 1mA to 40mA, TJ = 25
°C
0.1
mA
Electrical Characteristics (LM79L12)
(VI=10V, IO=40mA, 0°C ≤TJ≤125 °C, CI = 0.33µF, CO = 0.1µF, unless otherwise specified. (Note 1)
Parameter
Symbol
Conditions
MIN
TYP
MAX
UNIT
Output Voltage
VO
TJ = 25
°C
-11.50
-12
-12.5
V
VI =-14.5V to -27V TJ = 25
°C
50
250
Line Regulation
∆V
O
VI =- 14.5V to -27V TJ = 25
°C
40
200
mV
IO = 1mA to 100mA, 25
°C
24
100
Load Regulation
∆V
O
IO = 1mA to 40mA, 25
°C
15
50
mV
Ripple Rejection
RR
VI = -16V to -27V, f=120Hz
37
42
dB
Output Noise Voltage
VN
F= 10Hz to 100Hz TJ = 25
°C
80
µV
Dropout Voltage
VD
TJ = 25
°C
1.7
V
Quiescent Current
TJ = 25
°C
6.5mA
mA
VI = -16V to -27V, TJ = 25
°C
1.5
Quiescent Current
Change
∆I
Q
IO = 1mA to 40mA, TJ = 25
°C
0.1
mA


Similar Part No. - LM79L24

ManufacturerPart #DatasheetDescription
logo
Boca Semiconductor Corp...
LM79L24 BOCA-LM79L24 Datasheet
246Kb / 6P
   3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATORS
logo
First Components Intern...
LM79L24 FCI-LM79L24 Datasheet
395Kb / 6P
   LM79L00 Series 3-Terminal Negative Output voltage Regulators
logo
HTC Korea TAEJIN Techno...
LM79L24 HTC-LM79L24 Datasheet
235Kb / 10P
   3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR
logo
First Components Intern...
LM79L24 FCI-LM79L24 Datasheet
2Mb / 7P
   LM79L00 Series 3-Terminal Negative Output Voltage Regulators
logo
Boca Semiconductor Corp...
LM79L24ACZ BOCA-LM79L24ACZ Datasheet
246Kb / 6P
   3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATORS
More results

Similar Description - LM79L24

ManufacturerPart #DatasheetDescription
logo
Gamma Microelectronics ...
GM79L00 GAMMA-GM79L00 Datasheet
159Kb / 9P
   100mA NEGATIVE VOLTAGE REGULATOR
logo
Taiwan Semiconductor Co...
TS79L00 TSC-TS79L00_14 Datasheet
165Kb / 7P
   3-Terminal 100mA Negative Voltage Regulator
TS79L00 TSC-TS79L00_08 Datasheet
133Kb / 9P
   3-Terminal 100mA Negative Voltage Regulator
logo
ADDtek Corp
AMC79L05 ADDTEK-AMC79L05 Datasheet
90Kb / 6P
   100mA / 3-TERMINAL NEGATIVE VOLTAGE REGULATOR
JUNE 2006
logo
List of Unclassifed Man...
AMC79L05 ETC1-AMC79L05 Datasheet
387Kb / 6P
   100mA / 3-TERMINAL NEGATIVE VOLTAGE REGULATOR
logo
KODENSHI_AUK CORP.
SN79L05 KODENSHI-SN79L05 Datasheet
511Kb / 16P
   3 Terminal Negative Voltage Regulator [100mA]
logo
Panasonic Semiconductor
AN79L00 PANASONIC-AN79L00 Datasheet
66Kb / 9P
   3-pin Negative Output Voltage Regulator 100mA Type
logo
NTE Electronics
NTE1903 NTE-NTE1903 Datasheet
23Kb / 2P
   Integrated Circuit Negative 3 Terminal Voltage Regulator, -12V, 100mA
NTE1979 NTE-NTE1979 Datasheet
28Kb / 2P
   Integrated Circuit Negative 3 Terminal Voltage Regulator,-8V, 100mA
NTE1909 NTE-NTE1909 Datasheet
23Kb / 2P
   Integrated Circuit Negative 3 Terminal Voltage Regulator, -24V, 100mA
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com