Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TMX320C6454ZTZ Datasheet(PDF) 1 Page - Texas Instruments

Part # TMX320C6454ZTZ
Description  Fixed-Point Digital Signal Processor
Download  225 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMX320C6454ZTZ Datasheet(HTML) 1 Page - Texas Instruments

  TMX320C6454ZTZ Datasheet HTML 1Page - Texas Instruments TMX320C6454ZTZ Datasheet HTML 2Page - Texas Instruments TMX320C6454ZTZ Datasheet HTML 3Page - Texas Instruments TMX320C6454ZTZ Datasheet HTML 4Page - Texas Instruments TMX320C6454ZTZ Datasheet HTML 5Page - Texas Instruments TMX320C6454ZTZ Datasheet HTML 6Page - Texas Instruments TMX320C6454ZTZ Datasheet HTML 7Page - Texas Instruments TMX320C6454ZTZ Datasheet HTML 8Page - Texas Instruments TMX320C6454ZTZ Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 225 page
background image
www.ti.com
1
TMS320C6454 Fixed-Point Digital Signal Processor
1.1 Features
TMS320C6454
Fixed-Point Digital Signal Processor
SPRS311A – APRIL 2006 – REVISED DECEMBER 2006
• 32-Bit DDR2 Memory Controller (DDR2-533
• High-Performance Fixed-Point DSP (C6454)
SDRAM)
1.39-, 1.17-, and 1-ns Instruction Cycle Time
• EDMA3 Controller (64 Independent Channels)
720-MHz, 850-MHz, and 1-GHz Clock Rate
Eight 32-Bit Instructions/Cycle
• 32-/16-Bit Host-Port Interface (HPI)
8000 MIPS/MMACS (16-Bits)
• 32-Bit 33-/66-MHz, 3.3-V Peripheral Component
Commercial Temperature [0°C to 90°C]
Interconnect (PCI) Master/Slave Interface
Conforms to PCI Specification 2.3
• TMS320C64x+™ DSP Core
Dedicated SPLOOP Instruction
• One Inter-Integrated Circuit (I2C) Bus
Compact Instructions (16-Bit)
• Two McBSPs
Instruction Set Enhancements
• 10/100/1000 Mb/s Ethernet MAC (EMAC)
Exception Handling
IEEE 802.3 Compliant
• TMS320C64x+ Megamodule L1/L2 Memory
Supports Multiple Media Independent
Architecture:
Interfaces (MII, GMII, RMII, and RGMII)
256K-Bit (32K-Byte) L1P Program Cache
8 Independent Transmit (TX) and
[Direct Mapped]
8 Independent Receive (RX) Channels
256K-Bit (32K-Byte) L1D Data Cache
• Two 64-Bit General-Purpose Timers,
[2-Way Set-Associative]
Configurable as Four 32-Bit Timers
8M-Bit (1048K-Byte) L2 Unified Mapped
• 16 General-Purpose I/O (GPIO) Pins
RAM/Cache [Flexible Allocation]
• System PLL and PLL Controller
256K-Bit (32K-Byte) L2 ROM
• Secondary PLL and PLL Controller, Dedicated
Time Stamp Counter
to EMAC and DDR2 Memory Controller
• Endianess: Little Endian, Big Endian
• IEEE-1149.1 (JTAG™)
• 64-Bit External Memory Interface (EMIFA)
Boundary-Scan-Compatible
Glueless Interface to Asynchronous
• 697-Pin Ball Grid Array (BGA) Package
Memories (SRAM, Flash, and EEPROM) and
(ZTZ or GTZ Suffix), 0.8-mm Ball Pitch
Synchronous Memories (SBSRAM and ZBT
SRAM)
• 0.09-µm/7-Level Cu Metal Process (CMOS)
Supports Interface to Standard Sync
• 3.3-/1.8-/1.5-V I/Os, 1.25-/1.2-V Internal
Devices and Custom Logic (FPGA, CPLD,
• Pin-Compatible with the TMS320C6455
ASICs, etc.)
Fixed-Point Digital Signal Processor
32M-Byte Total Addressable External
Memory Space
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this document.
All trademarks are the property of their respective owners.
PRODUCT PREVIEW information concerns products in the
Copyright © 2006–2006, Texas Instruments Incorporated
formative or design phase of development. Characteristic data and
other specifications are design goals. Texas Instruments reserves
the right to change or discontinue these products without notice.


Similar Part No. - TMX320C6454ZTZ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMX320C6454BZTZ TI1-TMX320C6454BZTZ Datasheet
1Mb / 232P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMX320C6454BZTZ TI-TMX320C6454BZTZ Datasheet
1Mb / 233P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMX320C6454BZTZ7 TI1-TMX320C6454BZTZ7 Datasheet
1Mb / 232P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMX320C6454BZTZ7 TI-TMX320C6454BZTZ7 Datasheet
1Mb / 233P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMX320C6454BZTZ8 TI-TMX320C6454BZTZ8 Datasheet
1Mb / 233P
[Old version datasheet]   Fixed-Point Digital Signal Processor
More results

Similar Description - TMX320C6454ZTZ

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMS320C6455 TI1-TMS320C6455_17 Datasheet
1Mb / 256P
[Old version datasheet]   Fixed-Point Digital Signal Processor
SM320VC5507-EP TI1-SM320VC5507-EP_14 Datasheet
1Mb / 109P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320C6424 TI1-TMS320C6424_17 Datasheet
1Mb / 249P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5441 TI1-TMS320VC5441_17 Datasheet
1Mb / 91P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5504 TI1-TMS320VC5504_13 Datasheet
742Kb / 123P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5505 TI1-TMS320VC5505_13 Datasheet
865Kb / 136P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320VC5441 TI1-TMS320VC5441_15 Datasheet
1Mb / 91P
[Old version datasheet]   Fixed-Point Digital Signal Processor
TMS320UC5409 TI1-TMS320UC5409_16 Datasheet
1Mb / 81P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMS320C6203B TI1-TMS320C6203B_15 Datasheet
1Mb / 109P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
SM320C6201-EP TI1-SM320C6201-EP Datasheet
876Kb / 59P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
TMS320LC549PGE-80 TI1-TMS320LC549PGE-80 Datasheet
818Kb / 63P
[Old version datasheet]   FIXED-POINT DIGITAL SIGNAL PROCESSOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com