Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS40140RHHR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # TPS40140RHHR
Description  DUAL OR 2-PHASE, STACKABLE CONTROLLER
Download  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS40140RHHR Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS40140RHHR Datasheet HTML 2Page - Texas Instruments TPS40140RHHR Datasheet HTML 3Page - Texas Instruments TPS40140RHHR Datasheet HTML 4Page - Texas Instruments TPS40140RHHR Datasheet HTML 5Page - Texas Instruments TPS40140RHHR Datasheet HTML 6Page - Texas Instruments TPS40140RHHR Datasheet HTML 7Page - Texas Instruments TPS40140RHHR Datasheet HTML 8Page - Texas Instruments TPS40140RHHR Datasheet HTML 9Page - Texas Instruments TPS40140RHHR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 65 page
background image
www.ti.com
3
TYPICAL CHARACTERISTICS
TJ − Junction Temperature − °C
−40 −25 −10
5
20
35
50
65
80
95 110 125
229.0
229.2
229.4
229.6
229.8
230.0
230.2
230.4
TJ − Junction Temperature − °C
−40 −25 −10
5
20
35
50
65
80
95 110 125
4.2610
4.2615
4.2620
4.2625
4.2630
4.2645
4.2650
4.2655
4.2660
4.2635
4.2640
TPS40140
DUAL OR 2-PHASE, STACKABLE CONTROLLER
SLUS660A – SEPTEMBER 2005 – REVISED JULY 2006
ELECTRICAL CHARACTERISTICS (continued)
T
J = –40°C to 85°C, (unless otherwise noted), VVDD = 7 V, VBP5 = 5 V, UVLO_CE1, UCLO_CE2: 10 kΩ, Pullup to BP5,
f
SW = 300 kHz, unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
RAMP
Ramp Amplitude(1)
0.421
0.5
0.526
V
VIN BALANCE
VIN Balance Gain, AVB
0.23
0.25
0.27
V/V
THERMAL SHUTDOWN
Shutdown Temperature(1)
155
°C
Hysteresis(1)
30
DIGITAL CLOCK SIGNAL (CLKIO)
Pull-up resistance(1)
IOH = 5 mA
27
Pull-down resistance(1)
IOL = 10 mA
27
Output leakage(1)
Three-state
1
µA
(1)
Ensured by design. Not 100% production tested.
BP5 TURNOFF HYSTERESIS VOLTAGE
BP5 TURNON THRESHOLD VOLTAGE
vs
vs
TEMPERATURE
TEMPERATURE
Figure 3-1.
Figure 3-2.
TYPICAL CHARACTERISTICS
6
Submit Documentation Feedback


Similar Part No. - TPS40140RHHR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40140RHHR TI1-TPS40140RHHR Datasheet
2Mb / 68P
[Old version datasheet]   Dual or 2-Phase, Stackable Controller
TPS40140RHHRG4 TI1-TPS40140RHHRG4 Datasheet
2Mb / 68P
[Old version datasheet]   Dual or 2-Phase, Stackable Controller
More results

Similar Description - TPS40140RHHR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS40140 TI1-TPS40140_16 Datasheet
2Mb / 68P
[Old version datasheet]   Dual or 2-Phase, Stackable Controller
TPS53851 TI1-TPS53851 Datasheet
1Mb / 64P
[Old version datasheet]   DUAL OR 2-PHASE, STACKABLE CONTROLLER
TPS40140 TI-TPS40140_15 Datasheet
2Mb / 71P
[Old version datasheet]   TPS40140 Dual or 2-Phase, Stackable Controller
TPS40180 TI-TPS40180 Datasheet
1Mb / 52P
[Old version datasheet]   SINGLE PHASE STACKABLE CONTROLLER
logo
Microchip Technology
MIC21LV32 MICROCHIP-MIC21LV32 Datasheet
1Mb / 50P
   36V Dual Phase, Advanced COT Buck Controller Stackable for Multiphase Operation
02/28/20
logo
ON Semiconductor
NCP81243 ONSEMI-NCP81243_17 Datasheet
341Kb / 26P
   Dual Output 3 & 2 Phase Controller
June, 2017 ??Rev. 2
NCP81243 ONSEMI-NCP81243 Datasheet
338Kb / 26P
   Dual Output 3 & 2 Phase Controller
February, 2016 ??Rev. 0
logo
Texas Instruments
TPS40322 TI1-TPS40322_16 Datasheet
1Mb / 47P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI1-TPS40322 Datasheet
1,023Kb / 40P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
TPS40322 TI-TPS40322_15 Datasheet
1Mb / 42P
[Old version datasheet]   Dual Output or Two-Phase Synchronous Buck Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com