Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

JL140-15BYA Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # JL140-15BYA
Description  Three Terminal Positive Regulators
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

JL140-15BYA Datasheet(HTML) 2 Page - National Semiconductor (TI)

  JL140-15BYA Datasheet HTML 1Page - National Semiconductor (TI) JL140-15BYA Datasheet HTML 2Page - National Semiconductor (TI) JL140-15BYA Datasheet HTML 3Page - National Semiconductor (TI) JL140-15BYA Datasheet HTML 4Page - National Semiconductor (TI) JL140-15BYA Datasheet HTML 5Page - National Semiconductor (TI) JL140-15BYA Datasheet HTML 6Page - National Semiconductor (TI) JL140-15BYA Datasheet HTML 7Page - National Semiconductor (TI) JL140-15BYA Datasheet HTML 8Page - National Semiconductor (TI) JL140-15BYA Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Absolute Maximum Ratings (Note 1)
DC Input Voltage
35V
Internal Power Dissipation (Note 2)
Internally Limited
Maximum Junction Temperature (T
Jmax)
150˚C
Storage Temperature Range
-65˚C
≤ T
A
≤ +150˚C
Operating Temperature Range
-55˚C
≤ T
A
≤ +125˚C
Lead Temperature (Soldering 10 seconds)
300˚C
Thermal Resistance
θ
JA
T0−5 (Still Air)
232˚C/W
T0−5 (500 LF/Min Air Flow)
77˚C/W
T0−3 (Still Air)
35˚C/W
T0−3 (500 LF/Min Air Flow)
TBD
θ
JC
T0−5
15˚C/W
T0−3
4˚C/W
ESD Susceptibility (Note 3)
2KV
Quality Conformance Inspection
MIL-Std-883, Method 5005 - Group A
Subgroup
Description
Temp ˚C
1
Static tests at
25
2
Static tests at
125
3
Static tests at
-55
4
Dynamic tests at
25
5
Dynamic tests at
125
6
Dynamic tests at
-55
7
Functional tests at
25
8A
Functional tests at
125
8B
Functional tests at
-55
9
Switching tests at
25
10
Switching tests at
125
11
Switching tests at
-55
12
Settling time at
25
13
Settling time at
125
14
Settling time at
-55
www.national.com
2


Similar Part No. - JL140-15BYA

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
JL147BCA TI1-JL147BCA Datasheet
837Kb / 18P
[Old version datasheet]   LF147JAN Wide Bandwidth Quad JFET Input Operational Amplifier
JL147BCA TI1-JL147BCA Datasheet
968Kb / 18P
[Old version datasheet]   Wide Bandwidth Quad JFET Input Operational Amplifier
JL147BCA TI1-JL147BCA Datasheet
1Mb / 20P
[Old version datasheet]   LF147JAN Wide Bandwidth Quad JFET Input Operational Amplifier
logo
National Semiconductor ...
JL148BCA NSC-JL148BCA Datasheet
806Kb / 18P
   Quad 741 Op Amps
logo
Texas Instruments
JL148BCA TI1-JL148BCA Datasheet
710Kb / 21P
[Old version datasheet]   Quad 741 Op Amps
More results

Similar Description - JL140-15BYA

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TA78L005AP TOSHIBA-TA78L005AP_06 Datasheet
674Kb / 22P
   Three-Terminal Positive Regulators
logo
Micro Commercial Compon...
MC7809CT MCC-MC7809CT Datasheet
490Kb / 3P
   Three-Terminal Positive Voltage Regulators
logo
KEC(Korea Electronics)
KIA7805AP KEC-KIA7805AP Datasheet
382Kb / 20P
   THREE TERMINAL POSITIVE VOLTAGE REGULATORS
logo
Cystech Electonics Corp...
LM7806J3 CYSTEKEC-LM7806J3 Datasheet
503Kb / 12P
   Three Terminal Positive Voltage Regulators
LM7810J3 CYSTEKEC-LM7810J3 Datasheet
503Kb / 12P
   Three Terminal Positive Voltage Regulators
logo
Micro Commercial Compon...
MC78M05CT MCC-MC78M05CT Datasheet
583Kb / 4P
   Three-Terminal Positive Voltage Regulators
MC78M15CDT MCC-MC78M15CDT Datasheet
612Kb / 3P
   Three-Terminal Positive Voltage Regulators
logo
New Jersey Semi-Conduct...
MC7800 NJSEMI-MC7800 Datasheet
427Kb / 6P
   THREE-TERMINAL POSITIVE VOLTAGE REGULATORS
logo
First Silicon Co., Ltd
LM7805P FS-LM7805P Datasheet
306Kb / 12P
   THREE TERMINAL POSITIVE VOLTAGE REGULATORS
logo
Toshiba Semiconductor
TA78L05S TOSHIBA-TA78L05S_07 Datasheet
666Kb / 15P
   Three-Terminal Positive Voltage Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com