Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

431311500260 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # 431311500260
Description  2.45 GHz ISM-band antenna for Bluetooth and WLAN IEEE 802.11b (Long Shape)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

431311500260 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

  431311500260 Datasheet HTML 1Page - List of Unclassifed Manufacturers 431311500260 Datasheet HTML 2Page - List of Unclassifed Manufacturers 431311500260 Datasheet HTML 3Page - List of Unclassifed Manufacturers 431311500260 Datasheet HTML 4Page - List of Unclassifed Manufacturers 431311500260 Datasheet HTML 5Page - List of Unclassifed Manufacturers 431311500260 Datasheet HTML 6Page - List of Unclassifed Manufacturers 431311500260 Datasheet HTML 7Page - List of Unclassifed Manufacturers 431311500260 Datasheet HTML 8Page - List of Unclassifed Manufacturers 431311500260 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
2002 July 08 Rev.0
8
www.phycomp-components.com
Phycomp
Product specification
Surface-mount ceramic
multilayer antennas
2.45 GHz ISM-band antenna for Bluetooth and
WLAN IEEE 802.11b (Long Shape)
TESTS AND REQUIREMENTS
Table 3
Test procedures and requirements
IEC
60 384-10
CECC
32 100
CLAUSE
IEC
60068-2
TEST
METHOD
TEST
PROCEDURE
REQUIREMENTS
4.4
mounting
The antenna may be mounted on a
printed-circuit boards or ceramic
substrates by applying wave
soldering, reflow soldering (including
vapour phase soldering) or
conductive adhesive
no visual damage
4.5
visual inspection
and dimension
check
any applicable method using
™10
magnification
no cracks or fissures larger than
4mm
4.6.1
antenna
frequency: 2.45 GHz @ 20
•C
standard test board from Fig.3
4.8
adhesion
a force of 5 N applied for 10 s to the
line joining the terminations and in a
plane parallel to the substrate
no visible damage
4.9
bond strength of
plating on end
face
mounted in accordance with
CECC 32 100, paragraph 4.4
no visible damage
conditions: bending 1 mm at a rate of
1 mm/s; radius jig: 340 mm; 2 mm
warp on FR4 board of 90 mm length
no visible damage
4.10
20 (Tb)
resistance to
soldering heat
260
–5 •C for 10 –0.5 s in a static
solder bath
the terminations shall be well
tinned after recovery; center
frequency shift within
–6%
resistance to
leaching
260
–5 •C for 30 –1s in a static
solder bath
using visual enlargement of
™10; dissolution of the
terminations shall not exceed
10%
4.11
20 (Ta)
solderability
zero hour test and test after storage
(20 to 24 months) in original packing
in normal atmosphere; unmounted
chips completely immersed for
2
–0.5 s in a solder bath at 235 –5 •C
the terminations must be well
tinned for at least 75%
4.12
4 (Na)
rapid change of
temperature
-55 •C (30 minutes) to +125 •C
(30 minutes); 100 cycles
no visual damage; center
frequency shift within
–6%
4.14
3 (Ca)
damp heat
500
–12 hours at 60 •C; 90 to 95%
RH
no visual damage; 2 hours
recovery; center frequency shift
within
–6%
4.15
endurance
500
–12 hours at 125 •C
no visual damage; 2 hours
recovery; center frequency shift
within
–6%


Similar Part No. - 431311500260

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
431311100245 ETC1-431311100245 Datasheet
85Kb / 13P
   2.45 GHz ISM-band antenna for Bluetooth and WLAN IEEE 802.11b
431311100245 ETC2-431311100245 Datasheet
262Kb / 12P
   2.45 GHz ISM-band antenna for Bluetooth and WLAN IEEE 802.11b
431311100260 ETC1-431311100260 Datasheet
85Kb / 13P
   2.45 GHz ISM-band antenna for Bluetooth and WLAN IEEE 802.11b
431311100260 ETC2-431311100260 Datasheet
262Kb / 12P
   2.45 GHz ISM-band antenna for Bluetooth and WLAN IEEE 802.11b
431311100270 ETC1-431311100270 Datasheet
85Kb / 13P
   2.45 GHz ISM-band antenna for Bluetooth and WLAN IEEE 802.11b
More results

Similar Description - 431311500260

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AN2450000707051K ETC2-AN2450000707051K Datasheet
262Kb / 12P
   2.45 GHz ISM-band antenna for Bluetooth and WLAN IEEE 802.11b
431111100245 ETC1-431111100245 Datasheet
85Kb / 13P
   2.45 GHz ISM-band antenna for Bluetooth and WLAN IEEE 802.11b
GW715153 ETC2-GW715153 Datasheet
752Kb / 26P
   2.4GHz/5.8GHz Dipole Antenna for ISM Band and WLAN IEEE 802.11a/b/g/h
logo
Johanson Technology Inc...
2450BP18C100BE JOHANSON-2450BP18C100BE Datasheet
122Kb / 3P
   2.45 GHz ISM Band Pass Filter
2450BP18C100B JOHANSON-2450BP18C100B Datasheet
122Kb / 3P
   2.45 GHz ISM Band Pass Filter
logo
NXP Semiconductors
SA2400A PHILIPS-SA2400A Datasheet
325Kb / 34P
   Single chip transceiver for 2.45 GHz ISM band
2002 Nov 04
logo
List of Unclassifed Man...
NA0108B ETC2-NA0108B Datasheet
529Kb / 2P
   High Performance Transceiver for the 2.45 GHz ISM Band
logo
Tyco Electronics
1307031 MACOM-1307031 Datasheet
75Kb / 2P
   2.4 GHz Patch Antenna for ISM Band
logo
Johanson Technology Inc...
2450AT43B100 JOHANSON-2450AT43B100 Datasheet
528Kb / 4P
   2.4 GHz WLAN, Home RF, Bluetooth Antenna
logo
STMicroelectronics
BAL-2690D3U STMICROELECTRONICS-BAL-2690D3U Datasheet
265Kb / 8P
   50 / 30j25 balun transformer for 2.45 GHz ISM band
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com