Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

431211500260 Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # 431211500260
Description  2.45 GHz ISM-band antenna for Bluetooth and WLAN IEEE 802.11b (Long Shape)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

431211500260 Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  431211500260 Datasheet HTML 1Page - List of Unclassifed Manufacturers 431211500260 Datasheet HTML 2Page - List of Unclassifed Manufacturers 431211500260 Datasheet HTML 3Page - List of Unclassifed Manufacturers 431211500260 Datasheet HTML 4Page - List of Unclassifed Manufacturers 431211500260 Datasheet HTML 5Page - List of Unclassifed Manufacturers 431211500260 Datasheet HTML 6Page - List of Unclassifed Manufacturers 431211500260 Datasheet HTML 7Page - List of Unclassifed Manufacturers 431211500260 Datasheet HTML 8Page - List of Unclassifed Manufacturers 431211500260 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
2002 July 08 Rev.0
7
www.phycomp-components.com
Phycomp
Product specification
Surface-mount ceramic
multilayer antennas
2.45 GHz ISM-band antenna for Bluetooth and
WLAN IEEE 802.11b (Long Shape)
ORDERING INFORMATION
Components may be ordered by using either a simple 16-digit clear text code or Phycomp’s unique 12NC.
Ordering example for a 2.45 GHz antenna, 1000 pieces supplied in blister tape on 180 mm reel.
Clear text ordering code
EXAMPLE: AN2450000708031K
12NC ordering code
EXAMPLE: 4311 115 00245
PRODUCT
CENTER
FREQUENCY
BANDWIDTH
MATERIAL
SIZE
QUANTITY
PACKING
AN
2450
00
07
0803
1
K
AN = antenna
2450 = 2.45 GHz
2600 = 2.60 GHz
2700 = 2.70 GHz
00 = 100 MHz
07 = K7
0803 =
8.0
™ 3.5 ™ 0.9 mm
1 = 1000 pcs
4 = 4000 pcs
K = 180 mm; 7" blister
F = 330 mm; 13" blister
B = bulk case
4 3 XX 1 1 5
0 0 XXX
Family
Center frequency
43 antenna
245
260
270
2.45 GHz
2.60 GHz
2.70 GHz
Packing
Tolerance
11
12
13
180 mm / 7” reel, blister, 1000 pcs
330 mm / 13” reel, blister, 4000 pcs
bulk, 1000 pcs
00
100 MHz bandwidth
(VSWR
<2)
Material
Size
1
high-frequency material
15
8.0
™ 3.5 ™ 0.9 mm


Similar Part No. - 431211500260

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
431211100245 ETC2-431211100245 Datasheet
262Kb / 12P
   2.45 GHz ISM-band antenna for Bluetooth and WLAN IEEE 802.11b
431211100260 ETC2-431211100260 Datasheet
262Kb / 12P
   2.45 GHz ISM-band antenna for Bluetooth and WLAN IEEE 802.11b
431211100270 ETC2-431211100270 Datasheet
262Kb / 12P
   2.45 GHz ISM-band antenna for Bluetooth and WLAN IEEE 802.11b
More results

Similar Description - 431211500260

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AN2450000707051K ETC2-AN2450000707051K Datasheet
262Kb / 12P
   2.45 GHz ISM-band antenna for Bluetooth and WLAN IEEE 802.11b
431111100245 ETC1-431111100245 Datasheet
85Kb / 13P
   2.45 GHz ISM-band antenna for Bluetooth and WLAN IEEE 802.11b
GW715153 ETC2-GW715153 Datasheet
752Kb / 26P
   2.4GHz/5.8GHz Dipole Antenna for ISM Band and WLAN IEEE 802.11a/b/g/h
logo
Johanson Technology Inc...
2450BP18C100BE JOHANSON-2450BP18C100BE Datasheet
122Kb / 3P
   2.45 GHz ISM Band Pass Filter
2450BP18C100B JOHANSON-2450BP18C100B Datasheet
122Kb / 3P
   2.45 GHz ISM Band Pass Filter
logo
NXP Semiconductors
SA2400A PHILIPS-SA2400A Datasheet
325Kb / 34P
   Single chip transceiver for 2.45 GHz ISM band
2002 Nov 04
logo
List of Unclassifed Man...
NA0108B ETC2-NA0108B Datasheet
529Kb / 2P
   High Performance Transceiver for the 2.45 GHz ISM Band
logo
Tyco Electronics
1307031 MACOM-1307031 Datasheet
75Kb / 2P
   2.4 GHz Patch Antenna for ISM Band
logo
Johanson Technology Inc...
2450AT43B100 JOHANSON-2450AT43B100 Datasheet
528Kb / 4P
   2.4 GHz WLAN, Home RF, Bluetooth Antenna
logo
STMicroelectronics
BAL-2690D3U STMICROELECTRONICS-BAL-2690D3U Datasheet
265Kb / 8P
   50 / 30j25 balun transformer for 2.45 GHz ISM band
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com