Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS3808G09DBVTG4 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # TPS3808G09DBVTG4
Description  Low Quiescent Current, Programmable-Delay Supervisory Circuit
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS3808G09DBVTG4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TPS3808G09DBVTG4 Datasheet HTML 4Page - Texas Instruments TPS3808G09DBVTG4 Datasheet HTML 5Page - Texas Instruments TPS3808G09DBVTG4 Datasheet HTML 6Page - Texas Instruments TPS3808G09DBVTG4 Datasheet HTML 7Page - Texas Instruments TPS3808G09DBVTG4 Datasheet HTML 8Page - Texas Instruments TPS3808G09DBVTG4 Datasheet HTML 9Page - Texas Instruments TPS3808G09DBVTG4 Datasheet HTML 10Page - Texas Instruments TPS3808G09DBVTG4 Datasheet HTML 11Page - Texas Instruments TPS3808G09DBVTG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
www.ti.com
DEVICE OPERATION
SENSE INPUT
RESET OUTPUT
V
IN
TPS3808G01
V
D D
SENSE
GND
RESET
R
1
R
2
1nF
V
IT
= (1 +
)0.405
R
1
R
2
V
OUT
MANUAL RESET (MR) INPUT
2.5V
T PS 380 8G 25
O M AP 1510
V
DD
SENSE
V
DDSHV 1, 3, 6, 7, 9
GND
GND
C
T
MR
RESET
1M
RESPWRON
TPS3808
SBVS050F – MAY 2004 – REVISED OCTOBER 2006
pull-up resistor from the open drain RESET to the
The TPS3808 microprocessor supervisory product
supply line can be used to allow the reset signal for
family is designed to assert a RESET signal when
the microprocessor to have a voltage higher than
either the SENSE pin voltage drops below VIT or the
VDD (up to 6.5V). The pull-up resistor should be no
manual reset (MR) is driven low. The RESET output
smaller than 10k
Ω as a result of the finite impedance
remains asserted for a user-adjustable time after
of the RESET line.
both the manual reset (MR) and SENSE voltages
return above their thresholds. A broad range of
voltage threshold and reset delay time adjustments
are available, allowing these devices to be used in a
The SENSE input provides a terminal at which any
wide array of applications. Reset threshold voltages
system voltage can be monitored. If the voltage on
can be factory-set from 0.82V to 3.3V or from 4.4V to
this pin drops below VIT, then RESET is asserted.
5.0V, while the TPS3808G01 can be set to any
The comparator has a built-in hysteresis to ensure
voltage above 0.405V using an external resistor
smooth RESET assertions and de-assertions. It is
divider.
Two
preset
delay
times
are
also
good analog design practice to put a 1nF to 10nF
user-selectable: connecting the CT pin to VDD results
bypass capacitor on the SENSE input to reduce
in a 300ms reset delay, while leaving the CT pin
sensitivity to transients and layout parasitics.
open yields a 20ms reset delay. In
addition,
The TPS3808G01 can be used to monitor any
connecting a capacitor between CT and GND allows
voltage rail down to 0.405V using the circuit shown in
the designer to select any reset delay period from
Figure 11.
1.25ms to 10s.
A typical application of the TPS3808G25 used with
the OMAP1510 processor is shown in Figure 10. The
open drain RESET output is typically connected to
the RESET input of a microprocessor. A pull-up
resistor must be used to hold this line high when
RESET is not asserted. The RESET output is
undefined for voltage below 0.8V, but this is normally
not a problem since most microprocessors do not
function below this voltage. RESET remains high
Figure 11. Using the TPS3808G01 to Monitor a
(unasserted) as long as SENSE is above its
User-Defined Threshold Voltage
threshold (VIT) and the manual reset (MR) is logic
high. If either SENSE falls below VIT or MR is driven
low, RESET is asserted, driving the RESET pin to a
low impedance.
The manual reset (MR) input allows a processor or
other logic circuits to initiate a reset. A logic low
(0.3VDD) on MR causes RESET to assert. After MR
returns to a logic high and SENSE is above its reset
threshold, RESET is de-asserted after the user
defined reset delay expires. Note that MR is
internally tied to VDD using a 90kΩ resistor so this pin
can be left unconnected if MR will not be used.
See Figure 12 for how MR can be used to monitor
multiple system voltages. Note that if the logic signal
driving MR does not go fully to VDD, there will be
some additional current draw into VDD as a result of
Figure 10. Typical Application of the TPS3808
the internal pull-up resistor on MR. To minimize
with an OMAP Processor
current draw, a logic-level FET can be used as
illustrated in Figure 13.
Once MR is again logic high and SENSE is above
VIT + VHYS (the threshold hysteresis), a delay circuit
is enabled which holds RESET low for a specified
reset delay period. Once the reset delay has expired,
the RESET pin goes to a high impedance state. The
8
Submit Documentation Feedback


Similar Part No. - TPS3808G09DBVTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3808G09DBVTG4 TI-TPS3808G09DBVTG4 Datasheet
417Kb / 15P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808G09DBVTG4 TI-TPS3808G09DBVTG4 Datasheet
545Kb / 21P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808G09DBVTG4 TI-TPS3808G09DBVTG4 Datasheet
486Kb / 18P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808G09DBVTG4 TI-TPS3808G09DBVTG4 Datasheet
689Kb / 20P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808G09DBVTG4 TI-TPS3808G09DBVTG4 Datasheet
680Kb / 21P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
More results

Similar Description - TPS3808G09DBVTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS3808_101 TI-TPS3808_101 Datasheet
696Kb / 22P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
logo
Monolithic Power System...
MPQ6400 MPS-MPQ6400 Datasheet
285Kb / 10P
   Low Quiescent Current Programmable-Delay Supervisory Circuit
logo
Texas Instruments
TPS3808-EP TI1-TPS3808-EP Datasheet
464Kb / 15P
[Old version datasheet]   LOW QUIESCENT CURRENT, PROGRAMMABLE DELAY SUPERVISORY CIRCUIT
TPS3808 TI1-TPS3808_17 Datasheet
1Mb / 32P
[Old version datasheet]   Low-Quiescent-Current, Programmable-Delay Supervisory Circuit
TPS3808 TI-TPS3808 Datasheet
417Kb / 15P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808 TI-TPS3808_07 Datasheet
545Kb / 21P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808G01-Q1 TI1-TPS3808G01-Q1_16 Datasheet
1Mb / 25P
[Old version datasheet]   Low-Quiescent-Current Programmable-Delay Supervisory Circuit
logo
Monolithic Power System...
MP6400 MPS-MP6400 Datasheet
300Kb / 12P
   Low Quiescent Current Programmable-Delay Supervisory Circuit
logo
Texas Instruments
TPS3808 TI-TPS3808_10 Datasheet
680Kb / 21P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
TPS3808_0808 TI-TPS3808_0808 Datasheet
689Kb / 20P
[Old version datasheet]   Low Quiescent Current, Programmable-Delay Supervisory Circuit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com