Part Name
         Description
FXL2TD245

 Low Voltage Dual Supply 2-Bit Signal Translator with Configurable Voltage Supplies and Signal Levels 3-STATE Outputs and Independent ( 12 Page)


FAIRCHILD
100% 
Zoom Out Zoom In
 
 2 page
background image
©2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FXL2TD245 Rev. 1.0.4
2
Functional Diagram
Connection Diagram
(Top View)
Pin Assignment
Pin Descriptions
Truth Table
H
= HIGH Voltage Level
L
= LOW Voltage Level
X
= Don't Care
Power-Up/Power-Down Sequencing
FXL translators offer an advantage in that either VCC
may be powered up first. This benefit derives from the
chip design. When either VCC is at 0 volts, outputs are in
a HIGH-Impedance state. The control inputs (T/Rn and
OE) are designed to track the VCCA supply. A pull-up
resistor tying OE to VCCA should be used to ensure that
bus contention, excessive currents, or oscillations do not
occur during power-up/power-down. The size of the pull-
up resistor is based upon the current-sinking capability
of the OE driver.
The recommended power-up sequence is the following:
1. Apply power to either VCC.
2. Apply power to the T/Rn inputs (Logic HIGH for A-to-B
operation; Logic LOW for B-to-A operation) and to the
respective data inputs (A Port or B Port). This may
occur at the same time as Step 1.
3. Apply power to other VCC.
4. Drive the OE input LOW to enable the device.
The recommended power-down sequence is the follow-
ing:
1. Drive OE input HIGH to disable the device.
2. Remove power from either VCC.
3. Remove power from other VCC.
Pin Number
Terminal Name
1VCCA
2A0
3A1
4
T/R0
5
GND
6
T/R1
7OE
8B1
9B0
10
VCCB
VCCA
A0
A1
T/R0
OE
T/R1
VCCB
B0
B1
9
8
7
6
2
10
1
VCCA
A0
A1
T/R0
B0
VCCB
GND
B1
OE
T/R1
5
3
4
Pin Names
Description
OE
Output Enable Input
T/Rn
Transmit/Receive Inputs
An
Side A Inputs or 3-STATE Outputs
Bn
Side B Inputs or 3-STATE Outputs
VCCA
Side A Power Supply
VCCB
Side B Power Supply
Inputs
Outputs
OE
T/R0 T/R1
LL
X
B0 Data to A0 Output
LH
X
A0 Data to B0 Output
LXL
B1 Data to A1 Output
LX
H
A1 Data to B1 Output
HX
X
3-STATE



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ATR08414-channel Laser Driver with 2 Outputs 3 LVDS Inputs and Internal Termination 1 2 3 4 5 MoreATMEL Corporation
M306V5ME-XXXSPSINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
CY7C4282V64K/128Kx9 Low Voltage Deep Sync FIFOs w/ Retransmit & Depth Expansion 1 2 3 4 5 MoreCypress Semiconductor
54F191Up/Down Binary Counter with Preset and Ripple Clock 1 2 3 4 5 MoreNational Semiconductor
WS628128VERY LOW POWER / VOLTAGE COMS SRAM 128K X 8 BIT 1 2 3 4 5 MoreWing Shing Computer Components
SI7842DPDual N-Channel 30-V D-S MOSFET with Schottky Diode 1 2 3 4 5 Vishay Siliconix
MN54ACTQ574-XOctal D Flip-Flop with TRI-STATE Outputs 1 2 3 4 5 MoreNational Semiconductor
ZXTDCM832MPPS Miniature Package Power Solutions DUAL 50V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR 1 2 3 4 5 MoreZetex Semiconductors
FAN41131.2V 36MHz Low Power Rail-to-Rail Amplifier 1 2 3 4 5 MoreFairchild Semiconductor
HMC585MS8GHIGH IP3 GaAs MMIC MIXER with INTEGRATED LO AMPLIFIER 400 - 650 MHz 1 2 3 4 5 MoreHittite Microwave Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl