Part Name
         Description
FXL2TD245

 Low Voltage Dual Supply 2-Bit Signal Translator with Configurable Voltage Supplies and Signal Levels 3-STATE Outputs and Independent ( 12 Page)


FAIRCHILD
100% 
Zoom Out Zoom In
 
 1 page
background image
tm
November 2006
©2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FXL2TD245 Rev. 1.0.4
1
FXL2TD245
Low Voltage Dual Supply 2-Bit Signal Translator with
Configurable Voltage Supplies and Signal Levels and 3-STATE
Outputs and Independent Direction Controls
General Description
The FXL2TD245 is a configurable dual-voltage-supply
translator designed for both uni-directional and bi-direc-
tional voltage translation between two logic levels. The
device allows translation between voltages as high as
3.6V to as low as 1.1V. The A Port tracks the VCCA
level, and the B Port tracks the VCCB level. This allows
for bi-directional voltage translation over a variety of volt-
age levels: 1.2V, 1.5V, 1.8V, 2.5V, and 3.3V.
The device remains in 3-STATE until both VCCs reach
active levels allowing either VCC to be powered-up first.
Internal power down control circuits place the device
in 3-STATE if either VCC is removed.
The Transmit/Receive inputs independently determine
the direction of data through each of the two bits. The
OE input, when HIGH, disables both the A and B
Ports by placing them in a 3-STATE condition. The
FXL2TD245 is designed so that the control pins (T/R and
OE) are supplied by VCCA.
Features
Bi-directional interface between any 2 levels
from 1.1V to 3.6V
Fully configurable: Inputs track VCC level
Non-preferential power-up sequencing;
either VCC may be powered-up first
Outputs remain in 3-STATE until active VCC level is
reached
Outputs switch to 3-STATE if either VCC is at GND
Power-off protection
Control inputs (T/Rn, OE) levels are referenced to
VCCA voltage
Packaged in the Chipscale MicroPak10
(1.6mm x 2.1mm)
ESD protections exceeds:
– 4kV HBM ESD
(per JESD22-A114 & Mil Std 883e 3015.7)
– 8kV HBM I/O to GND ESD
(per JESD22-A114 & Mil Std 883e 3015.7)
– 1kV CDM ESD (per ESD STM 5.3)
– 200V MM ESD (per JESD22-A115 & ESD STM5.2)
Ordering Information
Pb-Free package per JEDEC J-STD-020B.
Order Number
Package Number
Pb-Free
Package Description
FXL2TD245L10X
MAC010A
Yes
10-Lead MicroPak, 1.6mm x 2.1mm



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ATR08414-channel Laser Driver with 2 Outputs 3 LVDS Inputs and Internal Termination 1 2 3 4 5 MoreATMEL Corporation
M306V5ME-XXXSPSINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
CY7C4282V64K/128Kx9 Low Voltage Deep Sync FIFOs w/ Retransmit & Depth Expansion 1 2 3 4 5 MoreCypress Semiconductor
54F191Up/Down Binary Counter with Preset and Ripple Clock 1 2 3 4 5 MoreNational Semiconductor
WS628128VERY LOW POWER / VOLTAGE COMS SRAM 128K X 8 BIT 1 2 3 4 5 MoreWing Shing Computer Components
SI7842DPDual N-Channel 30-V D-S MOSFET with Schottky Diode 1 2 3 4 5 Vishay Siliconix
MN54ACTQ574-XOctal D Flip-Flop with TRI-STATE Outputs 1 2 3 4 5 MoreNational Semiconductor
ZXTDCM832MPPS Miniature Package Power Solutions DUAL 50V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR 1 2 3 4 5 MoreZetex Semiconductors
FAN41131.2V 36MHz Low Power Rail-to-Rail Amplifier 1 2 3 4 5 MoreFairchild Semiconductor
HMC585MS8GHIGH IP3 GaAs MMIC MIXER with INTEGRATED LO AMPLIFIER 400 - 650 MHz 1 2 3 4 5 MoreHittite Microwave Corporation

Link URL

Sponsor of Alldatasheet


Alldistributor will be your best source to find out the prices for your daily purchasing of Electronic Components.
Alldistributor.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Japanese Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICBAIBAI.com

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl