Part Name
         Description
FXL2TD245

 Low Voltage Dual Supply 2-Bit Signal Translator with Configurable Voltage Supplies and Signal Levels 3-STATE Outputs and Independent ( 12 Page)


FAIRCHILD
100% 
Zoom Out Zoom In
 
 5 page
background image
©2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FXL2TD245 Rev. 1.0.4
5
Notes:
3. VCCI = the VCC associated with the data input under test.
4. VCCO = the VCC associated with the output under test.
5. Don't Care
= Any valid logic level.
6. Reflects current per supply, VCCA or VCCB.
IOFF
Power Off Leakage
Current
An, VI or VO = 0V to 3.6V
0
3.6
±10.0
µA
Bn, VI or VO = 0V to 3.6V
3.6
0
±10.0
IOZ
3-STATE Output
Leakage(5)
0
≤ VO ≤ 3.6V
VI = VIH or VIL
An, Bn
OE
= VIH
3.6
3.6
±10.0
µA
Bn,
OE
= Don't Care
0
3.6
+10.0
An,
OE
= Don't Care
3.6
0
+10.0
ICCA/B
Quiescent Supply
Current(6)
VI = VCCI or GND; IO = 0
1.1–3.6
1.1–3.6
20.0
µA
ICCZ
Quiescent Supply
Current(6)
VI = VCCI or GND; IO = 0
1.1–3.6
1.1–3.6
20.0
µA
ICCA
Quiescent Supply
Current
VI = VCCA or GND; IO = 0
0
1.1–3.6
-10.0
µA
VI = VCCA or GND; IO = 0
1.1–3.6
0
10.0
µA
ICCB
Quiescent Supply
Current
VI = VCCB or GND; IO = 0
1.1–3.6
0
-10.0
µA
VI = VCCB or GND; IO = 0
0
1.1–3.6
10.0
µA
∆ICCA/B Increase in ICC per
Input; Other Inputs
at VCC or GND
VIH = 3.0
3.6
3.6
500
µA
Symbol
Parameter
Conditions
VCCI (V) VCCO (V)
Min.
Max.
Units
DC Electrical Characteristics (Continued)



Html Pages

1  2  3  4  5  6  7  8  9  10  11  12 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ATR08414-channel Laser Driver with 2 Outputs 3 LVDS Inputs and Internal Termination 1 2 3 4 5 MoreATMEL Corporation
M306V5ME-XXXSPSINGLE-CHIP 16-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER 1 2 3 4 5 MoreMitsubishi Electric Semiconductor
CY7C4282V64K/128Kx9 Low Voltage Deep Sync FIFOs w/ Retransmit & Depth Expansion 1 2 3 4 5 MoreCypress Semiconductor
54F191Up/Down Binary Counter with Preset and Ripple Clock 1 2 3 4 5 MoreNational Semiconductor
WS628128VERY LOW POWER / VOLTAGE COMS SRAM 128K X 8 BIT 1 2 3 4 5 MoreWing Shing Computer Components
SI7842DPDual N-Channel 30-V D-S MOSFET with Schottky Diode 1 2 3 4 5 Vishay Siliconix
MN54ACTQ574-XOctal D Flip-Flop with TRI-STATE Outputs 1 2 3 4 5 MoreNational Semiconductor
ZXTDCM832MPPS Miniature Package Power Solutions DUAL 50V NPN SILICON LOW SATURATION SWITCHING TRANSISTOR 1 2 3 4 5 MoreZetex Semiconductors
FAN41131.2V 36MHz Low Power Rail-to-Rail Amplifier 1 2 3 4 5 MoreFairchild Semiconductor
HMC585MS8GHIGH IP3 GaAs MMIC MIXER with INTEGRATED LO AMPLIFIER 400 - 650 MHz 1 2 3 4 5 MoreHittite Microwave Corporation

Link URL

Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Partner program   |   Contact us   |   Privacy Policy   |   Bookmark   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com 2003 - 2013    


Mirror Sites
English : Alldatasheet.com  , Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com
Korean : Alldatasheet.co.kr   |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl