Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS62403DRCR Datasheet(PDF) 2 Page - Texas Instruments

Part # TPS62403DRCR
Description  2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
Download  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS62403DRCR Datasheet(HTML) 2 Page - Texas Instruments

  TPS62403DRCR Datasheet HTML 1Page - Texas Instruments TPS62403DRCR Datasheet HTML 2Page - Texas Instruments TPS62403DRCR Datasheet HTML 3Page - Texas Instruments TPS62403DRCR Datasheet HTML 4Page - Texas Instruments TPS62403DRCR Datasheet HTML 5Page - Texas Instruments TPS62403DRCR Datasheet HTML 6Page - Texas Instruments TPS62403DRCR Datasheet HTML 7Page - Texas Instruments TPS62403DRCR Datasheet HTML 8Page - Texas Instruments TPS62403DRCR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 39 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
DISSIPATION RATINGS
RECOMMENDED OPERATING CONDITIONS
TPS62400
,, TPS62401
TPS62403
SLVS681C – JUNE 2006 – REVISED DECEMBER 2006
ORDERING INFORMATION
TA
PART
DEFAULT OUTPUT
OUTPUT
QFN(2)
ORDERING
PACKAGE
NUMBER
VOLTAGE (1)
CURRENT
PACKAGE
MARKING
OUT1
400mA
TPS62400
Adjustable
DRC
TPS62400DRC
BQE
OUT2
600mA
DEF_1 = High 1.1V
Fixed
OUT1
400mA
default
TPS62401
DEF_1 = Low 1.575V
DRC
TPS62401DRC
BRN
–40
°C to 85°C
OUT2
Fixed default 1.8V
600mA
OUT1
DEF_1 = High 1.1V
Fixed
400mA
default
TPS62403
DEF_1 = Low 1.575V
DRC
TPS62403DRC
BYI
OUT2
Fixed default 2.8V
600mA
(1)
Contact TI for other fixed output voltage options.
(2)
The DRC (QFN 10 PIN) package is available in tape on reel. Add R suffix to order quantities of 3000 parts per reel.
over operating free-air temperature range (unless otherwise noted)(1)
VALUE
UNIT
Input voltage range on VIN(2)
–0.3 to 7
V
Voltage range on EN, MODE/DATA, DEF_1
–0.3 to VIN +0.3, ≤7
V
current into MODE/DATA
≤ 0.5
mA
Voltage on SW1, SW2
–0.3 to 7
V
Voltage on ADJ2, FB1
–0.3 to VIN +0.3, ≤7
V
HBM Human body model
2
kV
ESD
Charge device model CDM
1
kV
rating(3)
Machine model
200
V
TJ(max)
Maximum operating junction temperature
150
°C
TA
Operating ambient temperature range
–40 to 85
°C
Tstg
Storage temperature range
–65 to 150
°C
(1)
Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating
conditions is not implied. Exposure to absolute–maximum–rated conditions for extended periods may affect device reliability.
(2)
All voltage values are with respect to network ground terminal.
(3)
The human body model is a 100pF capacitor discharged through a 1.5k
Ω resistor into each pin. The machine model is a 200pF
capacitor discharged directly into each pin.
PACKAGE
RθJA
POWER RATING FOR TA≤ 25°C
DERATING FACTOR ABOVE TA = 25°C
DRC
49
°C/W
2050mW
21mW/
°C
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VIN
Supply voltage
2.5
6
V
Output voltage range for adjustable voltage
0.6
VIN
V
TA
Operating ambient temperature
-40
85
°C
TJ
Operating junction temperature
-40
125
°C
2
Submit Documentation Feedback


Similar Part No. - TPS62403DRCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62403DRCR TI-TPS62403DRCR Datasheet
1Mb / 43P
[Old version datasheet]   2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
TPS62403DRCR TI-TPS62403DRCR Datasheet
1Mb / 43P
[Old version datasheet]   2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
TPS62403DRCR TI-TPS62403DRCR Datasheet
1Mb / 44P
[Old version datasheet]   2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
TPS62403DRCRG4 TI-TPS62403DRCRG4 Datasheet
1Mb / 43P
[Old version datasheet]   2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
TPS62403DRCRG4 TI-TPS62403DRCRG4 Datasheet
1Mb / 43P
[Old version datasheet]   2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
More results

Similar Description - TPS62403DRCR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS62400_101 TI-TPS62400_101 Datasheet
1Mb / 44P
[Old version datasheet]   2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
TPS62400 TI-TPS62400_07 Datasheet
1Mb / 43P
[Old version datasheet]   2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
TPS62400 TI-TPS62400_10 Datasheet
1Mb / 43P
[Old version datasheet]   2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
TPS62400 TI1-TPS62400_14 Datasheet
1Mb / 43P
[Old version datasheet]   2.25MHz 400mA/600mA Dual Step-Down Converter In Small 3x3mm QFN Package
TPS62420 TI1-TPS62420_14 Datasheet
1Mb / 37P
[Old version datasheet]   2.25MHz 600mA/1000mA Dual Step Down Converter In Small 3x3mm QFN Package
TPS62420 TI-TPS62420 Datasheet
1Mb / 32P
[Old version datasheet]   2.25MHz 600mA/1000mA Dual Step Down Converter In Small 3x3mm QFN Package
TPS62410-Q1 TI1-TPS62410-Q1 Datasheet
1Mb / 35P
[Old version datasheet]   2.25MHz 2x800mA Dual Step Down Converter In Small 3x3mm QFN Package
TPS62410 TI-TPS62410 Datasheet
1Mb / 34P
[Old version datasheet]   2.25MHz 2x800mA Dual Step Down Converter In Small 3x3mm QFN Package
TPS62410-Q1 TI-TPS62410-Q1_15 Datasheet
1Mb / 36P
[Old version datasheet]   2.25MHz 2x800mA Dual Step Down Converter In Small 3x3mm QFN Package
logo
Union Semiconductor, In...
UM3521DA UNIONSEMI-UM3521DA Datasheet
609Kb / 10P
   600mA, 2.25MHz, Synchronous Step-Down DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com