Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS23841 Datasheet(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
Part # TPS23841
Description  HIGH-POWER, WIDE VOLTAGE RANGE, QUAD-PORT ETHERNET POWER SOURCING EQUIPMENT MANAGER
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TPS23841 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TPS23841 Datasheet HTML 5Page - Texas Instruments TPS23841 Datasheet HTML 6Page - Texas Instruments TPS23841 Datasheet HTML 7Page - Texas Instruments TPS23841 Datasheet HTML 8Page - Texas Instruments TPS23841 Datasheet HTML 9Page - Texas Instruments TPS23841 Datasheet HTML 10Page - Texas Instruments TPS23841 Datasheet HTML 11Page - Texas Instruments TPS23841 Datasheet HTML 12Page - Texas Instruments TPS23841 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 45 page
background image
www.ti.com
TPS23841
SLUS745 – NOVEMBER 2006
TERMINAL FUNCTIONS (continued)
TERMINAL
NO.
I/O
DESCRIPTION
NAME
PAP
PJD
ANALOG SIGNALS
This is a dual-purpose pin. When tied to an external capacitor this pin sets the internal clock. When
the CT pin is grounded the SYN pin turns from a output to an input (see SYN pin description)
The timing capacitor and the resistor on the RBIAS pin sets the internal clock frequency of the
CT
53
12
I
device. This internal clock is used for the internal state machine, integrating A/D counters, POR time
out, faults and delay timers of each port. Using a 220-pF capacitor for CT and a 124-k
Ω resistor for
RBIAS sets the internal clock to 245 kHz and ensure IEEE 802.3af compliance along with maximizing
the rejection of 60-Hz line frequency noise from A/D measurements.
Bias set resistor. This resistor sets all precision bias currents within the chip. This pin will regulate to
1.25V (V2.5/2) when a resistor is connected between RBIAS and RG. This voltage and RBIAS
generate a current which is replicated and used throughout the chip. This resistor also works in
RBIAS
55
10
I
conjunction with the capacitors on CT and CINT to set internal timing values. The RBIAS resistor
should be connected RG. RBIAS is a high impedance input and care needs to be taken to avoid
signal injection from the SYN pin or I2C signals.
This is a dual purpose pin. When the CT pin is connected to a timing capacitor this output pin is a 0v
to 3.3V pulse of the internal clock which can be used to drive other TPS23841 SYN pins for
SYN
52
13
I/O
elimination of a timing capacitor. When the CT pin is grounded this pin becomes an input pin that can
be driven from a master TPS23841 or any other clock generator signal.
AC_LO
51
14
O
Totem-pole output pin for AC Disconnect excitation.
AC_HI
50
15
O
Totem-pole output pin for AC Disconnect excitation.
DIGITAL SIGNALS
SCL
25
40
I
Serial clock input pin for the I2C interface.
Serial data input pin for the I2C interface. When tied to the SDA_O pin, this connection becomes the
SDA_I
26
39
I
standard bi-directional serial data line (SDA)
Serial data open drain output for the I2C interface. When tied to the SDA_I pin, this connection
SDA_O
27
38
O
becomes the standard bi-directional serial data line (SDA). This is a open drain output that can
directly drive opto-coupler.
The WD_DIS pin disables the watchdog timer function when connected to 3.3 V. The pin has internal
WD_DIS
22
43
I
50-k. resistor to digital ground. The watchdog timer monitors the I2C clock pin (SCL) and the internal
oscillator activity in power management mode and only the internal oscillator activity in auto mode.
INTB
20
45
O
This is an open-drain output that goes low if a fault condition occurs on any of the 4 ports.
When this input is set to logic low there is no back-off time after a discovery failure. When this pin set
ALTA/B
21
44
I
to a logic high there is a back-off time (approximately 2 seconds) before initiating another discovery
cycle. This pin has an internal 50-k
Ω resistor pull-down to digital ground.
A1
28
37
I
A2
29
36
I
Address 1 through 5 These are the I2C address select inputs. Select the appropriate binary address
A3
30
35
I
on these pins by connecting to the chip ground for a logic low or tying to the V3.3 pin for a logic high.
Each address line has an internal current source pull-down to digital ground.
A4
31
34
I
A5
32
33
I
The MS pin selects either the auto mode (MS low) or the power management mode, PMM, (MS
high). This pin can be held low for controller-less standalone applications. When MS is low and the
MS
63
2
I
POR timing cycle is complete the chip will sequentially Discover, Classify and Power on each port.
When MS is set high the ports are controlled by register setting via the I2C bus. The MS pin has an
internal 50-k
Ω resistor pull-down to analog ground.
This pin can be used to override the internal POR. When held low, the I2C interface, all the state
machines, and registers are held in reset. When all internal and external supplies are within
specification, and this pin is set to a logic high level, the POR delay will begin. The I2C interface and
PORB
62
3
I
registers will become active within 70
µs of this event and communications to read or preset registers
can begin. The reset delay for the remainder of the chip then extinguishes in 1 second. This pin has
an internal 50-k
Ω resistor pull-down to analog ground.
9
Submit Documentation Feedback


Similar Part No. - TPS23841

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS23841 TI-TPS23841 Datasheet
1Mb / 52P
[Old version datasheet]   HIGH-POWER, WIDE VOLTAGE RANGE, QUAD-PORT ETHERNET POWER SOURCING EQUIPMENT MANAGER
TPS23841 TI1-TPS23841 Datasheet
1Mb / 49P
[Old version datasheet]   HIGH-POWER, WIDE VOLTAGE RANGE, QUAD-PORT ETHERNET POWER SOURCING EQUIPMENT MANAGER
TPS23841PAP TI-TPS23841PAP Datasheet
1Mb / 52P
[Old version datasheet]   HIGH-POWER, WIDE VOLTAGE RANGE, QUAD-PORT ETHERNET POWER SOURCING EQUIPMENT MANAGER
TPS23841PAPG4 TI1-TPS23841PAPG4 Datasheet
1Mb / 49P
[Old version datasheet]   HIGH-POWER, WIDE VOLTAGE RANGE, QUAD-PORT ETHERNET POWER SOURCING EQUIPMENT MANAGER
TPS23841PAPR TI1-TPS23841PAPR Datasheet
1Mb / 49P
[Old version datasheet]   HIGH-POWER, WIDE VOLTAGE RANGE, QUAD-PORT ETHERNET POWER SOURCING EQUIPMENT MANAGER
More results

Similar Description - TPS23841

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS23841 TI1-TPS23841_16 Datasheet
1Mb / 49P
[Old version datasheet]   HIGH-POWER, WIDE VOLTAGE RANGE, QUAD-PORT ETHERNET POWER SOURCING EQUIPMENT MANAGER
TPS23841 TI-TPS23841_07 Datasheet
1Mb / 52P
[Old version datasheet]   HIGH-POWER, WIDE VOLTAGE RANGE, QUAD-PORT ETHERNET POWER SOURCING EQUIPMENT MANAGER
TPS2384 TI1-TPS2384_13 Datasheet
1Mb / 51P
[Old version datasheet]   QUAD INTEGRATED POWER SOURCING EQUIPMENT POWER MANAGER
TPS2384 TI-TPS2384 Datasheet
727Kb / 46P
[Old version datasheet]   QUAD INTEGRATED POWER SOURCING EQUIPMENT POWER MANAGER
logo
Microsemi Corporation
PD64004AH MICROSEMI-PD64004AH_1 Datasheet
759Kb / 19P
   4-Port Power Sourcing Equipment Manager for Power over Ethernet Systems
logo
Texas Instruments
TPS2383 TI-TPS2383 Datasheet
394Kb / 27P
[Old version datasheet]   OCTAL POWER SOURCING EQUIPMENT POWER MANAGER
logo
Infineon Technologies A...
IRFHM3911TRPBF INFINEON-IRFHM3911TRPBF Datasheet
583Kb / 10P
   POE Power Sourcing Equipment Switch
2016-2-23
logo
Silver Telecom 2019
AG6100 SILVERTEL-AG6100 Datasheet
571Kb / 13P
   POE Power-Sourcing-Equipment Module
logo
Broadcom Corporation.
BCM5912X BOARDCOM-BCM5912X Datasheet
141Kb / 2P
   Octal Power Sourcing Equipment Controller
October 5, 2018
logo
Silver Telecom 2019
AG6400 SILVERTEL-AG6400 Datasheet
769Kb / 40P
   POE Power-Sourcing-Equipment Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com