Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ATR0841 Datasheet(PDF) 1 Page - ATMEL Corporation

Part # ATR0841
Description  4-channel Laser Driver with 2 Outputs, 3 LVDS Inputs and Internal Termination
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

ATR0841 Datasheet(HTML) 1 Page - ATMEL Corporation

  ATR0841 Datasheet HTML 1Page - ATMEL Corporation ATR0841 Datasheet HTML 2Page - ATMEL Corporation ATR0841 Datasheet HTML 3Page - ATMEL Corporation ATR0841 Datasheet HTML 4Page - ATMEL Corporation ATR0841 Datasheet HTML 5Page - ATMEL Corporation ATR0841 Datasheet HTML 6Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Rev. 4818AS–DVD–09/04
Features
Current-controlled Output Current Source with 4 Input Channels
LVDS Compatible Inputs, Channel 2, 3, and 4, with On-chip 100
Ω Termination
Two Selectable Outputs for Grounded Laser Diodes
Output Current per Channel up to 350 mA
Total Output Current up to 500 mA
On-chip RF Oscillator
Control of 2 Different Swings and Frequencies by Use of 4 External Resistors
Oscillator Frequency Range from 200 MHz to 500 MHz
Maximum Oscillator Current Amplitude 100 mApp
Single 5 V Power Supply
Small Pb-free QFN24 4 mm
× 4 mm Package
Applications
DVD Blue Laser
DVD-RAM/DVD-RW/DVD+RW with CD-RW Capability
Recordable Optical Drives
Description
The ATR0841 is a laser diode driver designed to operate two differently grounded
laser diodes for DVD-RW/+RW (650 nm) and CD-RW (780 nm). The device includes
four channels for four different optical power levels. The write channels (channel 2 to
4) can be controlled by fast LVDS (Low Voltage Differential Signaling). Due to the inte-
grated termination external resistors are not needed.
The function of the read channel is to generate a continuous output current, channels
2 to 4 are designed as write channels with very fast switching speed. All channels are
summed together and routed to one of the two outputs, IOUTA or IOUTB, controlled
by the select input SELA. Each write channel (channels 2 to 4) can contribute up to
350 mA to the total output current of up to 500 mA. The read channel can contribute
up to 150 mA. Total gain of 100 (read channel) and 250 (channel 2, 3 and 4), respec-
tively, are provided between each reference current input and the selected output.
Although the reference inputs are current inputs, voltage control is possible by using
external resistors. An on-chip RF oscillator is available to reduce laser-mode hopping
noise during read mode. The oscillator current amplitude can be set independently for
the two selectable outputs with two different resistors. Oscillation is enabled by a high
signal at the ENOSC pin. Complete shut down of the output currents is achieved by a
low signal at the ENABLE input.
In case of uncertain (balanced) enable signals, a built-in protection circuit keeps the
laser diode output current within the defined range.
4-channel Laser
Driver with
2 Outputs,
3 LVDS Inputs
and Internal
Termination
ATR0841
Summary


Similar Part No. - ATR0841

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
ATR0849 ATMEL-ATR0849 Datasheet
172Kb / 6P
   4-Channel LVDS Laser Driver for Dual-layer Application
ATR0849-PFQG ATMEL-ATR0849-PFQG Datasheet
172Kb / 6P
   4-Channel LVDS Laser Driver for Dual-layer Application
More results

Similar Description - ATR0841

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
T0806 ATMEL-T0806 Datasheet
241Kb / 7P
   3 CHANNEL LASER DRIVER WITH RF OSCILLATOR AND 2 OUTPUTS
T0806 ATMEL-T0806_05 Datasheet
282Kb / 8P
   3-channel Laser Driver with RF Oscillator and 2 Outputs
logo
Integrated Device Techn...
889474 IDT-889474 Datasheet
216Kb / 16P
   2:1 LVDS Multiplexer With 1:2 Fanout and Internal Termination
logo
Renesas Technology Corp
889474 RENESAS-889474 Datasheet
407Kb / 17P
   2:1 LVDS Multiplexer With 1:2 Fanout and Internal Termination
11/11/15
logo
ATMEL Corporation
T0800 ATMEL-T0800 Datasheet
290Kb / 14P
   5-CHANNEL LASER DRIVER WITH RF OSCILLATOR AND 2 OUTPUTS
logo
Micrel Semiconductor
SY89474UMG MICREL-SY89474UMG Datasheet
424Kb / 11P
   Precision LVDS 2:1 Multiplexer with 1 2 Fanout and Internal Termination
logo
ON Semiconductor
NB7L11M ONSEMI-NB7L11M_16 Datasheet
229Kb / 11P
   CML Outputs and Internal Termination
August, 2016 ??Rev. 4
logo
Micrel Semiconductor
SY89547L MICREL-SY89547L_09 Datasheet
218Kb / 11P
   3.3V, 3.2Gbps DIFFERENTIAL 4:1 LVDS MULTIPLEXER with 1:2 FANOUT and INTERNAL TERMINATION
SY89546U MICREL-SY89546U Datasheet
184Kb / 10P
   2.5V, 3.2Gbps DIFFERENTIAL 4:1 LVDS MULTIPLEXER WITH 1:2 FANOUT AND INTERNAL TERMINATION
SY89547L MICREL-SY89547L Datasheet
685Kb / 11P
   3.3V, 3.2Gbps DIFFERENTIAL 4:1 LVDS MULTIPLEXER with 1:2 FANOUT and INTERNAL TERMINATION
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com