Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MS5F6058 Datasheet(PDF) 11 Page - Fuji Electric

Part # MS5F6058
Description  IGBT MODULE
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJI [Fuji Electric]
Direct Link  http://www.fujielectric.co.jp/eng/fdt/scd
Logo FUJI - Fuji Electric

MS5F6058 Datasheet(HTML) 11 Page - Fuji Electric

Back Button MS5F6058 Datasheet HTML 5Page - Fuji Electric MS5F6058 Datasheet HTML 6Page - Fuji Electric MS5F6058 Datasheet HTML 7Page - Fuji Electric MS5F6058 Datasheet HTML 8Page - Fuji Electric MS5F6058 Datasheet HTML 9Page - Fuji Electric MS5F6058 Datasheet HTML 10Page - Fuji Electric MS5F6058 Datasheet HTML 11Page - Fuji Electric MS5F6058 Datasheet HTML 12Page - Fuji Electric MS5F6058 Datasheet HTML 13Page - Fuji Electric  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
H04-004-03a
MS5F6058
13
a
11
Transient thermal resistance (max.)
Forward current vs. Forward on voltage (typ.)
Reverse recovery characteristics (typ.)
chip
Vcc=600V, VGE=±15V, RG=2.0Ω
0
100
200
300
400
500
600
700
800
0
1
2
3
4
Forward on voltage : VF [ V ]
Tj=25oC
Tj=125oC
10
100
1000
0
100
200
300
400
500
600
Forward current : IF [ A ]
trr(125oC)
trr(25oC)
Irr(125oC)
Irr(25oC)
0.001
0.010
0.100
1.000
0.001
0.010
0.100
1.000
Pulse width : Pw [ sec ]
IGBT
FWD


Similar Part No. - MS5F6058

ManufacturerPart #DatasheetDescription
logo
Fuji Electric
MS5F6015 FUJI-MS5F6015 Datasheet
462Kb / 13P
   IGBT MODULE
MS5F6040 FUJI-MS5F6040 Datasheet
437Kb / 13P
   IGBT MODULE
More results

Similar Description - MS5F6058

ManufacturerPart #DatasheetDescription
logo
eupec GmbH
FS10R06VL4B2 EUPEC-FS10R06VL4B2 Datasheet
634Kb / 7P
   IGBT-Module IGBT-modules
FS10R12VT3 EUPEC-FS10R12VT3 Datasheet
653Kb / 8P
   IGBT-Module IGBT-modules
FS10R12YT3 EUPEC-FS10R12YT3 Datasheet
706Kb / 7P
   IGBT-Module IGBT-modules
FZ400R12KS4 EUPEC-FZ400R12KS4 Datasheet
287Kb / 8P
   IGBT-Module / IGBT-inverter
logo
Fuji Electric
1MBI400F-060 FUJI-1MBI400F-060 Datasheet
140Kb / 5P
   IGBT MODULE
1MBI600PX-120-01 FUJI-1MBI600PX-120-01 Datasheet
313Kb / 8P
   IGBT Module
2MBI200LB-060 FUJI-2MBI200LB-060 Datasheet
144Kb / 5P
   IGBT MODULE
6MBI150FB-060 FUJI-6MBI150FB-060 Datasheet
151Kb / 5P
   IGBT MODULE
logo
SanRex Corporation
GAE75AA120 SANREX-GAE75AA120 Datasheet
505Kb / 3P
   IGBT MODULE
logo
List of Unclassifed Man...
FD800R33KF2 ETC1-FD800R33KF2 Datasheet
123Kb / 9P
   IGBT-Module
logo
Fuji Electric
6MBI100FA-060 FUJI-6MBI100FA-060 Datasheet
182Kb / 4P
   IGBT MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com