Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Z89C6501ZEM Datasheet(PDF) 6 Page - Zilog, Inc.

Part # Z89C6501ZEM
Description  ICEBOX FAMILY Z8 IN-CIRCUIT EMULATOR -C65
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z89C6501ZEM Datasheet(HTML) 6 Page - Zilog, Inc.

  Z89C6501ZEM Datasheet HTML 1Page - Zilog, Inc. Z89C6501ZEM Datasheet HTML 2Page - Zilog, Inc. Z89C6501ZEM Datasheet HTML 3Page - Zilog, Inc. Z89C6501ZEM Datasheet HTML 4Page - Zilog, Inc. Z89C6501ZEM Datasheet HTML 5Page - Zilog, Inc. Z89C6501ZEM Datasheet HTML 6Page - Zilog, Inc.  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
6
Z89C6501ZEM
CP96TAD00403
Zilog’s products are not authorized for use as critical compo-
nents in life support devices or systems unless a specific written
agreement pertaining to such intended use is executed between
the customer and Zilog prior to use. Life support devices or
systems are those which are intended for surgical implantation
into the body, or which sustains life whose failure to perform,
when properly used in accordance with instructions for use
provided in the labeling, can be reasonably expected to result in
significant injury to the user.
Zilog, Inc. 210 East Hacienda Ave.
Campbell, CA 95008-6600
Telephone (408) 370-8000
Telex 910-338-7621
FAX 408 370-8056
Internet: http://www.zilog.com
© 1996 by Zilog, Inc. All rights reserved. No part of this document
may be copied or reproduced in any form or by any means
without the prior written consent of Zilog, Inc. The information in
this document is subject to change without notice. Devices sold
by Zilog, Inc. are covered by warranty and patent indemnification
provisions appearing in Zilog, Inc. Terms and Conditions of Sale
only. Zilog, Inc. makes no warranty, express, statutory, implied or
by description, regarding the information set forth herein or
regarding the freedom of the described devices from intellectual
property infringement. Zilog, Inc. makes no warranty of mer-
chantability or fitness for any purpose. Zilog, Inc. shall not be
responsible for any errors that may appear in this document.
Zilog, Inc. makes no commitment to update or keep current the
information contained in this document.
PRECAUTION LIST
1.
All Z8 control registers are write only unless stated
otherwise.
2.
Power Supply ramp-up/rise time must be such that
when minimum power-on reset time (T
POR)
expires,
then the V
CC
must be in the supported specified
operating range of the device.
3.
Check the T
POR and
T
WDT
specifications of the device
that you wish to emulate. The actual specification may
differ from the ICE chip specifications.
4.
The general-purpose registers after Power-On Reset
or at initial emulator use will be different than the actual
device. The emulator self test will always leave the
same values in the general-purpose registers, while
the real device will have a random/undefined value in
the general-purpose registers.
5.
The Emulator cannot be operated while performing
ESD/EMI testing on the target board.
6 .
GUI software versions prior to 3.00 are incompatible
with hardware containing BOOTROM 3.00. The GUI
software may still boot, but will fail at some later point
of the session.
7 .
The status color bar in OTP dialog box will be cleared
in the area where a new window opens on top of it.
8 .
For 386 PCs, set the baud rate to 19.2K or less
because Windows’ communication driver does not
guarantee “reliable” operation at more than 9600
baud. Selecting a high baud rate on some slower 386
machines may crash the Windows environment.
9.
If DSP programs and Z8 programs are to be executed
concurrently, the DSP program must be started first,
then the Z8 program.


Similar Part No. - Z89C6501ZEM

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z89C6700ZEM ZILOG-Z89C6700ZEM Datasheet
36Kb / 6P
   Z8 GUI Emulator Software
More results

Similar Description - Z89C6501ZEM

ManufacturerPart #DatasheetDescription
logo
Zilog, Inc.
Z8611600ZEM ZILOG-Z8611600ZEM Datasheet
212Kb / 5P
   ICEBOX FAMILY Z8 IN-CIRCUIT EMULATOR - 116
Z8917500ZEM ZILOG-Z8917500ZEM Datasheet
16Kb / 4P
   ICEBOX FAMILY IN-CIRCUIT EMULATOR - 175
Z86K1500ZEM ZILOG-Z86K1500ZEM Datasheet
14Kb / 3P
   KEYBOARD FAMILY ICEBOX IN-CIRCUIT EMULATOR
Z86L7103ZEM ZILOG-Z86L7103ZEM Datasheet
45Kb / 7P
   ICEBOX FAMILY IN-CIRCUIT EMULATOR-L71
Z86L99ZEM ZILOG-Z86L99ZEM Datasheet
122Kb / 8P
   Z8 In-Circuit Emulator
Z86L98ZEM ZILOG-Z86L98ZEM Datasheet
140Kb / 10P
   Z8 In-Circuit Emulator
Z89C6700ZEM ZILOG-Z89C6700ZEM Datasheet
36Kb / 6P
   Z8 GUI Emulator Software
logo
Renesas Technology Corp
QB-RL78L1C RENESAS-QB-RL78L1C Datasheet
1,014Kb / 42P
   In-Circuit Emulator
logo
EM Microelectronic - MA...
EME66XX EMMICRO-EME66XX Datasheet
136Kb / 24P
   IN-CIRCUIT EMULATOR HARDWARE DESCRIPTION
logo
Renesas Technology Corp
HS0005KCU11H RENESAS-HS0005KCU11H Datasheet
1Mb / 56P
   SuperH??Family E10A-USB Emulator
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com