Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZR28503 Datasheet(PDF) 4 Page - Zetex Semiconductors

Part # ZR28503
Description  PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZR28503 Datasheet(HTML) 4 Page - Zetex Semiconductors

  ZR28503 Datasheet HTML 1Page - Zetex Semiconductors ZR28503 Datasheet HTML 2Page - Zetex Semiconductors ZR28503 Datasheet HTML 3Page - Zetex Semiconductors ZR28503 Datasheet HTML 4Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
ZR285-2.5
SO8
Package Suffix – N8
Top View
SOT23
Package Suffix – F
Top View –
Pin 1 floating or connected to pin 2
E-Line, 3 pin,Rev
Package Suffix – R
Bottom View –
Pin 3 floating or connected to pin 1
E-Line, 2 pin
Package Suffix – Y
Bottom View
CONNECTION DIAGRAMS
Part No
Tol% Package
Partmark
ZR285F03
3
SOT23
28A
ZR285F02
2
SOT23
28B
ZR285F01
1
SOT23
28C
ZR285N803
3
SO8
ZR285803
ZR285N802
2
SO8
ZR285802
ZR285N801
1
SO8
ZR285801
ZR285R03
3
E-Line *
ZR28503
ZR285R02
2
E-Line *
ZR28502
Part No
Tol% Package
Partmark
ZR285R01
1
E-Line *
ZR28501
ZR285Y03
3
E-Line †
ZR28503
ZR285Y02
2
E-Line †
ZR28502
ZR285Y01
1
E-Line †
ZR28501
* E-Line 3 pin Reversed
† E-Line 2 pin
ORDERING INFORMATION
4-168


Similar Part No. - ZR28503

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZR285 DIODES-ZR285 Datasheet
97Kb / 5P
   PRECISION 2.5V MICROPOWER VOLTAGE REFERNCE
ZR285F01TA DIODES-ZR285F01TA Datasheet
97Kb / 5P
   PRECISION 2.5V MICROPOWER VOLTAGE REFERNCE
ZR285F02TA DIODES-ZR285F02TA Datasheet
97Kb / 5P
   PRECISION 2.5V MICROPOWER VOLTAGE REFERNCE
ZR285F03TA DIODES-ZR285F03TA Datasheet
97Kb / 5P
   PRECISION 2.5V MICROPOWER VOLTAGE REFERNCE
More results

Similar Description - ZR28503

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZR40402N825TA DIODES-ZR40402N825TA Datasheet
69Kb / 4P
   PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
ZREF25 DIODES-ZREF25 Datasheet
75Kb / 4P
   PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
ZR25D DIODES-ZR25D Datasheet
65Kb / 4P
   PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
logo
Zetex Semiconductors
ZR25D ZETEX-ZR25D Datasheet
54Kb / 4P
   PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
logo
Diodes Incorporated
ZR4040-2.5 DIODES-ZR4040-2.5 Datasheet
90Kb / 5P
   PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
logo
Zetex Semiconductors
ZRA250 ZETEX-ZRA250 Datasheet
128Kb / 5P
   PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
ZRA250 ZETEX-ZRA250_06 Datasheet
155Kb / 5P
   PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
logo
Diodes Incorporated
ZR4040_2.5 DIODES-ZR4040_2.5 Datasheet
90Kb / 5P
   PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
logo
Zetex Semiconductors
ZREF25 ZETEX-ZREF25 Datasheet
64Kb / 4P
   PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
ZR4040-25 ZETEX-ZR4040-25 Datasheet
66Kb / 4P
   PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com