Electronic Components Datasheet Search |
|
ZR28503 Datasheet(PDF) 1 Page - Zetex Semiconductors |
|
ZR28503 Datasheet(HTML) 1 Page - Zetex Semiconductors |
1 / 4 page SCHEMATIC DIAGRAM PRECISION 2.5 VOLT MICROPOWER VOLTAGE REFERENCE ISSUE 5 – FEBRUARY 1998 DEVICE DESCRIPTION The ZR285 uses a bandgap circuit d e s i gn to achieve a precisi o n micropower voltage reference of 2.5 volts. The device is available in small outline surface mount packages, ideal for applications where space saving is important, as well as packages for through hole requirements. The ZR285 design provides a stable voltage without an external capacitor and is stable with capacitive loads. The ZR285 is recommended for operation between 20 µA and 20mA and so is ideally suited to low power and battery powered applications. Excellent performance is maintained to an absolute maximum of 30mA, however the rugged design and 20 volt processing allows the reference to wi t h st an d trans i e nt effects and currents up to 200mA. Superior switching capability allows the device to reach stable operating conditions in only a few microseconds. FEATURES • Small outline SOT23 and SO8 packages • TO92 style packages • No stabilising capacitor required • Low knee current, 15µA typical • Typical TC 30ppm/°C • Typical slope resistance 0.4Ω • ± 3%, 2% and 1% tolerance • Industrial temperature range • Operating current 20µA to 20mA APPLICATIONS • Battery powered and portable equipment. • Metering and measurement systems. • Instrumentation. • Test equipment. • Data acquisition systems. • Precision power supplies. V R G nd ZR285-2.5 4-165 |
Similar Part No. - ZR28503 |
|
Similar Description - ZR28503 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |