Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PT78ST115H Datasheet(PDF) 2 Page - Texas Instruments

Part # PT78ST115H
Description  1.5 Amp Positive Step-Down Integrated Switching Regulator
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PT78ST115H Datasheet(HTML) 2 Page - Texas Instruments

  PT78ST115H Datasheet HTML 1Page - Texas Instruments PT78ST115H Datasheet HTML 2Page - Texas Instruments PT78ST115H Datasheet HTML 3Page - Texas Instruments PT78ST115H Datasheet HTML 4Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
For technical support and more information, see inside back cover or visit www.ti.com/powertrends
Typical Characteristics
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
913
17
21
25
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
9
12
1518212427
30333639
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
16
19
22
25
28
31
34
37
40
PT78ST133, 3.3 VDC
(See Note 1)
PT78ST105, 5.0 VDC (See Note 1)
PT78ST112, 12.0 VDC
(See Note 1)
Efficiency vs Output Current
Ripple vs Output Current
Thermal Derating (Ta)
(See Note 2)
Power Dissipation vs Output Current
Iout-(Amps)
Iout-(Amps)
Iout-(Amps)
Iout-(Amps)
Iout-(Amps)
Iout-(Amps)
Iout-(Amps)
Iout-(Amps)
Iout-(Amps)
Vin-(Volts)
Vin-(Volts)
Vin-(Volts)
40
50
60
70
80
90
100
0
0.25
0.5
0.75
1
1.25
1.5
9.0V
12.0V
15.0V
20.0V
26.0V
Vin
40
50
60
70
80
90
100
0
0.25
0.5
0.75
1
1.25
1.5
16.0V
18.0V
24.0V
30.0V
38.0V
Vin
0
50
100
150
200
250
300
0
0.25
0.5
0.75
1
1.25
1.5
38.0V
30.0V
24.0V
18.0V
16.0V
Vin
0
20
40
60
80
100
00.25
0.5
0.7511.25
1.5
26.0V
20.0V
15.0V
12.0V
9.0V
Vin
0
0.5
1
1.5
2
2.5
3
0
0.25
0.5
0.75
1
1.25
1.5
38.0V
30.0V
24.0V
18.0V
16.0V
Vin
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
00.25
0.5
0.7511.25
1.5
26.0V
20.0V
15.0V
12.0V
9.0V
Vin
85°C
60°C
70°C
85°C
85°C
70°C
Note 1:
All data listed in the above graphs, except for derating data, has been developed from actual products tested at 25°C. This data is considered typical data for the ISR.
Note 2:
Thermal derating graphs are developed in free air convection cooling of 40-60 LFM. (See Thermal Application Notes.)
40
50
60
70
80
90
100
0
0.25
0.5
0.75
1
1.25
1.5
9.0V
12.0V
18.0V
24.0V
30.0V
38.0V
Vin
0
30
60
90
120
150
0
0.25
0.5
0.75
1
1.25
1.5
38.0V
30.0V
24.0V
18.0V
12.0V
9.0V
Vin
0
0.5
1
1.5
2
2.5
0
0.25
0.5
0.75
1
1.25
1.5
38.0V
30.0V
24.0V
18.0V
12.0V
9.0V
Vin
60°C
70°C
60°C
Efficiency vs Output Current
Efficiency vs Output Current
Ripple vs Output Current
Ripple vs Output Current
Thermal Derating (Ta)
(See Note 2)
Thermal Derating (Ta)
(See Note 2)
Power Dissipation vs Output Current
Power Dissipation vs Output Current
1.5 Amp Positive Step-Down
Integrated Switching Regulator
PT78ST100 Series


Similar Part No. - PT78ST115H

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PT78ST115H TI-PT78ST115H Datasheet
177Kb / 7P
[Old version datasheet]   1.5 Amp Positive Step-Down Integrated Switching Regulator
PT78ST115H TI1-PT78ST115H Datasheet
496Kb / 6P
[Old version datasheet]   1.5 Amp Positive Step-Down Integrated Switching Regulator
PT78ST115H TI1-PT78ST115H Datasheet
496Kb / 5P
[Old version datasheet]   Very Small Footprint
More results

Similar Description - PT78ST115H

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
78SR153 TI-78SR153 Datasheet
189Kb / 3P
[Old version datasheet]   1.5 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
78ST105 TI1-78ST105 Datasheet
244Kb / 5P
[Old version datasheet]   1.5 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
78SR100 TI1-78SR100_14 Datasheet
232Kb / 5P
[Old version datasheet]   1.5 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
PT78ST100 TI-PT78ST100_07 Datasheet
177Kb / 7P
[Old version datasheet]   1.5 Amp Positive Step-Down Integrated Switching Regulator
PT78ST105 TI1-PT78ST105 Datasheet
496Kb / 6P
[Old version datasheet]   1.5 Amp Positive Step-Down Integrated Switching Regulator
78SR100 TI-78SR100_07 Datasheet
193Kb / 6P
[Old version datasheet]   1.5 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
78SR100 TI-78SR100 Datasheet
214Kb / 3P
[Old version datasheet]   1.5 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
78ST100 TI-78ST100 Datasheet
229Kb / 6P
[Old version datasheet]   1.5 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
78SR153HC TI1-78SR153HC Datasheet
232Kb / 5P
[Old version datasheet]   1.5 AMP POSITIVE STEP-DOWN INTEGRATED SWITCHING REGULATOR
SLTS061A TI-SLTS061A Datasheet
488Kb / 3P
[Old version datasheet]   1.5 Amp Negative Step-Down Integrated Switching Regulator
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com