Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZXCD50STEVAL Datasheet(PDF) 8 Page - Zetex Semiconductors

Part # ZXCD50STEVAL
Description  50W CLASS D AUDIO AMPLIFIER EVALUATION BOARD
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZXCD50STEVAL Datasheet(HTML) 8 Page - Zetex Semiconductors

Back Button ZXCD50STEVAL Datasheet HTML 3Page - Zetex Semiconductors ZXCD50STEVAL Datasheet HTML 4Page - Zetex Semiconductors ZXCD50STEVAL Datasheet HTML 5Page - Zetex Semiconductors ZXCD50STEVAL Datasheet HTML 6Page - Zetex Semiconductors ZXCD50STEVAL Datasheet HTML 7Page - Zetex Semiconductors ZXCD50STEVAL Datasheet HTML 8Page - Zetex Semiconductors ZXCD50STEVAL Datasheet HTML 9Page - Zetex Semiconductors ZXCD50STEVAL Datasheet HTML 10Page - Zetex Semiconductors ZXCD50STEVAL Datasheet HTML 11Page - Zetex Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
ZETEX CLASS D 50W STEREO DISTRIBUTOR BOARD BOM - REV1
PCB ID
Value
Case
Specific
Part Number
Note
Manufacturer
Resistors :-
R123
47k
1% 0.1W
SMD 0805
Generic
R124
22k
1% 0.1W
SMD 0805
Generic
R125
100k
1% 0.1W
SMD 0805
Generic
R126
62k
1% 0.1W
SMD 0805
Generic
R127
11k
1% 0.1W
SMD 0805
Generic
R128
11k
1% 0.1W
SMD 0805
Generic
R132
11k
1% 0.1W
SMD 0805
Generic
RV1
10k
0.05W
SMD 3mm
Meggitt
3203 Series Cermet
preset pot
trimer Farnell 107-133
RV101
10k
0.05W
SMD 3mm
Meggitt
3203 Series Cermet
preset pot
trimer Farnell 107-133
Capacitors :-
C1
22u
±20%
7mmHx5mmD
Multicomp
MCMHR Series
THC 105
16VElect
x2mmP
Farnell 301-7564
C2
1n
50V X7R
SMD 0805
Generic
C3
47p
16V COG
SMD 0805
Generic
C4
22u
±20%
7mmHx5mmD
Multicomp
MCMHR Series
THC 105
16V Elect
x2mmP
Farnell 301-7564
C5
100n 50V X7R
SMD 0805
Generic
C6
22u
±20%
7mmHx5mmD
Multicomp
MCMHR Series
THC 105
16V Elect
x2mmP
Farnell 301-7564
C7
22u
±20%
7mmHx5mmD
Multicomp
MCMHR Series
THC 105
16V Elect
x2mmP
Farnell 301-7564
C8
330p 16V COG/NPO SMD 0805
Generic
C9
47n
16V X7R
SMD 0805
Generic
C10
47n
16V X7R
SMD 0805
Generic
C11
6n8
16V X7R
SMD 0805
Generic
C12
22u
±20%
7mmHx5mmD
Multicomp
MCMHR Series
THC 105
16V Elect
x2mmP
Farnell 301-7564
C13
100n 50V X7R
SMD 0805
Generic
C14
6n8
16V X7R
SMD 0805
Generic
C15
100n 50V X7R
SMD 0805
Generic
C16
22u
±20%
7mmHx5mmD
Multicomp
MCMHR Series
THC 105
16V Elect
x2mmP
Farnell 301-7564
C17
100n 50V X7R
SMD 0805
Generic
C18
22u
±20%
7mmHx5mmD
Multicomp
MCMHR Series
THC 105
16V Elect
x2mmP
Farnell 301-7564
C19
100u ±20%
11mmHx6.3mmD Rubycon
YXF series
THC 105
16V Elect
x2.5mmP
Farnell 580--417
C20
1u
25V X7R
SMD 1206
Generic
C21
1u
25V X7R
SMD 1206
Generic
C22
1u
25V X7R
SMD 1206
Generic
C23
1u
25V X7R
SMD 1206
Generic
C24
470n 50V X7R
SMD 1812
Generic
C25
1u
63V Polyester
5mm pitch
Generic
C26
470n 50V X7R
SMD 1812
Generic
C27
1u
63V Polyester
5mm pitch
Generic
C28
100n 50V X7R
SMD 0805
Generic
C29
22u
±20%
7mmHx5mmD
Multicomp
MCMHR Series
THC 105
16V Elect
x2mmP
Farnell 301-7564
C30
22u
±20%
7mmHx5mmD
Multicomp
MCMHR Series
THC 105
16V Elect
x2mmP
Farnell 301-7564
C31
100n 50V X7R
SMD 0805
C32
100u ±20%
11.5mmHx8mmD Rubycon
ZL series
THC 105
50V Elect
x3.5mmP
Farnell 778-679
C33
220n 50V X7R
SMD 0805
Generic
ZXCD50STEVAL
ISSUE 1 - JULY 2002
9


Similar Part No. - ZXCD50STEVAL

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXCD1000 ZETEX-ZXCD1000 Datasheet
1Mb / 16P
   HIGH FIDELITY CLASS D AUDIO AMPLIFIER SOLUTION
ZXCD1000EQ16 ZETEX-ZXCD1000EQ16 Datasheet
1Mb / 16P
   HIGH FIDELITY CLASS D AUDIO AMPLIFIER SOLUTION
ZXCD1000EQ16 ZETEX-ZXCD1000EQ16 Datasheet
1Mb / 16P
   HIGH FIDELITY CLASS D AUDIO AMPLIFIER SOLUTION
ZXCD1000EQ16TA ZETEX-ZXCD1000EQ16TA Datasheet
1Mb / 16P
   HIGH FIDELITY CLASS D AUDIO AMPLIFIER SOLUTION
ZXCD100MOEVAL ZETEX-ZXCD100MOEVAL Datasheet
459Kb / 8P
   100W CLASS D AUDIO AMPLIFIER EVALUATION BOARD
More results

Similar Description - ZXCD50STEVAL

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
EV7782DF-00A MPS-EV7782DF-00A Datasheet
321Kb / 5P
   50W Class D Mono Bridged Audio Amplifier Evaluation Board
logo
Zetex Semiconductors
ZXCD100MOEVAL ZETEX-ZXCD100MOEVAL Datasheet
459Kb / 8P
   100W CLASS D AUDIO AMPLIFIER EVALUATION BOARD
logo
Analog Devices
EVAL-SSM2301 AD-EVAL-SSM2301_15 Datasheet
496Kb / 8P
   Evaluation Board for Filterless Class-D Audio Amplifier
logo
Monolithic Power System...
MP7782 MPS-MP7782 Datasheet
344Kb / 8P
   50W Class D Mono Bridged Audio Amplifier
EV7782DF-02 MPS-EV7782DF-02 Datasheet
403Kb / 6P
   40W Class D Stereo Bridged Audio Amplifier Evaluation Board
EV7782DF-02B MPS-EV7782DF-02B Datasheet
537Kb / 7P
   40W Class D Stereo Bridged Audio Amplifier Evaluation Board
EV7741DQ-00A MPS-EV7741DQ-00A Datasheet
273Kb / 6P
   2x10W Stereo Single Ended Class D Audio Amplifier Evaluation Board
EV1720DQ-009-00A MPS-EV1720DQ-009-00A Datasheet
323Kb / 6P
   2.7W Low-EMI Mono Class D Audio Amplifier Evaluation Board
EV7747DQ-00A MPS-EV7747DQ-00A Datasheet
259Kb / 6P
   2x20W Stereo Single Ended Class D Audio Amplifier Evaluation Board
EV7720DS-00A MPS-EV7720DS-00A Datasheet
403Kb / 7P
   20W Stereo Class D Single Ended Audio Amplifier Evaluation Board
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com