Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZNBG4000 Datasheet(PDF) 1 Page - Zetex Semiconductors

Part # ZNBG4000
Description  FET BIAS CONTROLLER
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZETEX [Zetex Semiconductors]
Direct Link  http://www.diodes.com/
Logo ZETEX - Zetex Semiconductors

ZNBG4000 Datasheet(HTML) 1 Page - Zetex Semiconductors

  ZNBG4000 Datasheet HTML 1Page - Zetex Semiconductors ZNBG4000 Datasheet HTML 2Page - Zetex Semiconductors ZNBG4000 Datasheet HTML 3Page - Zetex Semiconductors ZNBG4000 Datasheet HTML 4Page - Zetex Semiconductors ZNBG4000 Datasheet HTML 5Page - Zetex Semiconductors ZNBG4000 Datasheet HTML 6Page - Zetex Semiconductors ZNBG4000 Datasheet HTML 7Page - Zetex Semiconductors ZNBG4000 Datasheet HTML 8Page - Zetex Semiconductors ZNBG4000 Datasheet HTML 9Page - Zetex Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
FET BIAS CONTROLLER
ISSUE 2 - JUNE 1998
DEVICE DESCRIPTION
The ZNBG series of devices are designed to
meet the bias requirements of GaAs and
HEMT FETs commonly used in satellite
receiver LNBs, PMR, cellular telephones etc.
with a minimum of external components.
With the addition of two capacitors and
resistors the devices provide drain voltage
and current control for a number of external
grounded source FETs, generating the
regulated negative rail required for FET gate
biasing whilst operating from a single
supply. This negative bias, at -3 volts, can
also be used to supply other external
circuits.
The ZNBG4000/1 and ZNBG6000/1 contain
four and six bias stages respectively. In
setting drain current the ZNBG4000/1 two
resistors allows individual FET pair control
to different levels, the ZNBG6000/1 two
resistors split control between two and four
FETs. This allows the operating current of
input FETs to be adjusted to minimise noise,
whilst the following FET stages can
separately be adjusted for maximum gain.
The series also offers the choice of drain
v o lta g e to be se t f o r t h e FETs, t h e
ZNBG4000/6000 gives 2.2 volts drain whilst
the ZNBG4001/6001 gives 2 volts.
These devices are unconditionally stable
over the full working temperature with the
FETs in place, subject to the inclusion of the
recommended gate and drain capacitors.
These ensure RF stability and minimal
injected noise.
It is possible to use less than the devices full
complement of FET bias controls, unused
drain and gate connections can be left open
circuit without affecting operation of the
remaining bias circuits.
In order to protect the external FETs the
circuits have been designed to ensure that,
under any conditions including power
up/down transients, the gate drive from the
bias circuits cannot exceed the range -3.5V
to 0.7V. Furthermore if the negative rail
experiences a fault condition, such as
overload or short circuit, the drain supply to
the FETs will shut down avoiding excessive
current flow.
The ZNBG4000/1 and ZNBG6000/1 are
available in QSOP16 and 20 pin packages
respectively for the minimum in devices size.
Device operating temperature is -40 to 70°C
to suit a wide range of environmental
conditions.
FEATURES
Provides bias for GaAs and HEMT FETs
Drives up to four or six FETs
Dynamic FET protection
Drain current set by external resistor
Regulated negative rail generator
requires only 2 external capacitors
Choice in drain voltage
Wide supply voltage range
QSOP surface mount package
APPLICATIONS
Satellite receiver LNBs
Private mobile radio (PMR)
Cellular telephones
ZNBG4000
ZNBG4000 ZNBG4001
ZNBG6000 ZNBG6001
4-137


Similar Part No. - ZNBG4000

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZNBG4000 ZETEX-ZNBG4000 Datasheet
406Kb / 10P
   FET BIAS CONTROLLER
logo
Diodes Incorporated
ZNBG4000 DIODES-ZNBG4000 Datasheet
419Kb / 10P
   FET BIAS CONTROLLER
logo
Zetex Semiconductors
ZNBG4000Q16 ZETEX-ZNBG4000Q16 Datasheet
406Kb / 10P
   FET BIAS CONTROLLER
logo
Diodes Incorporated
ZNBG4000Q16 DIODES-ZNBG4000Q16 Datasheet
419Kb / 10P
   ABSOLUTE MAXIMUM RATINGS
More results

Similar Description - ZNBG4000

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ZNBG3000 DIODES-ZNBG3000 Datasheet
216Kb / 9P
   FET BIAS CONTROLLER
logo
Aimtron Technology
AT1504 AIMTRON-AT1504 Datasheet
237Kb / 6P
   FET BIAS CONTROLLER
AT1506 AIMTRON-AT1506 Datasheet
237Kb / 6P
   FET BIAS CONTROLLER
logo
Unisonic Technologies
L8401 UTC-L8401_15 Datasheet
231Kb / 5P
   FET BIAS CONTROLLER
logo
Diodes Incorporated
ZNBG4000 DIODES-ZNBG4000 Datasheet
419Kb / 10P
   FET BIAS CONTROLLER
logo
Zetex Semiconductors
ZNBG4000 ZETEX-ZNBG4000 Datasheet
406Kb / 10P
   FET BIAS CONTROLLER
ZNBR4000 ZETEX-ZNBR4000 Datasheet
183Kb / 10P
   FET BIAS CONTROLLER
ZNBG2000 ZETEX-ZNBG2000 Datasheet
516Kb / 7P
   FET BIAS CONTROLLER
logo
Unisonic Technologies
L8001 UTC-L8001_17 Datasheet
181Kb / 6P
   FET BIAS CONTROLLER
L8002 UTC-L8002 Datasheet
176Kb / 6P
   FET BIAS CONTROLLER
logo
Diodes Incorporated
ZNBG2000 DIODES-ZNBG2000 Datasheet
525Kb / 7P
   FET BIAS CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com