Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BLV58 Datasheet(PDF) 3 Page - NXP Semiconductors

Part # BLV58
Description  UHF linear push-pull power transistor
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BLV58 Datasheet(HTML) 3 Page - NXP Semiconductors

  BLV58 Datasheet HTML 1Page - NXP Semiconductors BLV58 Datasheet HTML 2Page - NXP Semiconductors BLV58 Datasheet HTML 3Page - NXP Semiconductors BLV58 Datasheet HTML 4Page - NXP Semiconductors BLV58 Datasheet HTML 5Page - NXP Semiconductors BLV58 Datasheet HTML 6Page - NXP Semiconductors BLV58 Datasheet HTML 7Page - NXP Semiconductors BLV58 Datasheet HTML 8Page - NXP Semiconductors BLV58 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
September 1991
3
Philips Semiconductors
Product specification
UHF linear push-pull power transistor
BLV58
LIMITING VALUES (per transistor section unless otherwise specified)
In accordance with the Absolute Maximum System (IEC 134).
Note
1. Total device, both sections equally loaded.
SYMBOL
PARAMETER
CONDITIONS
MIN.
MAX.
UNIT
VCBO
collector-base voltage
open emitter
50
V
VCEO
collector-emitter voltage
open base
27
V
VEBO
emitter-base voltage
open collector
3.5
V
IC,IC(AV)
collector current
DC or average value
4A
ICM
collector current
peak value;
f
> 1 MHz
8A
Ptot
total power dissipation
DC operation;
Tmb =70 °C
(note 1)
87
W
Tstg
storage temperature range
−65
150
°C
Tj
junction operating temperature
200
°C
Fig.2 DC SOAR.
Total device, both sections equally loaded.
handbook, halfpage
MRA354
1
10
110
(A)
50
o
V
(V)
CE
IC
= 25
C
h
T
T
= 70 C
o
mb
Fig.3 Power derating curve.
(I) Continuous DC operation.
(II) Short time operation during mismatch.
Total device, both sections equally loaded.
handbook, halfpage
MRA355
0
40
80
120
160
200
0
20
40
60
80
100
120
(W)
I
II
( C)
o
Th
P
tot


Similar Part No. - BLV58

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
BLV58 NJSEMI-BLV58 Datasheet
127Kb / 4P
   UHF linear push-pull power transistor
More results

Similar Description - BLV58

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
BLV58 NJSEMI-BLV58 Datasheet
127Kb / 4P
   UHF linear push-pull power transistor
logo
NXP Semiconductors
BLV861 PHILIPS-BLV861 Datasheet
129Kb / 12P
   UHF linear push-pull power transistor
1998 Jan 16
BLV57 PHILIPS-BLV57 Datasheet
152Kb / 24P
   UHF linear push-pull power transistor
1998 Feb 09
logo
New Jersey Semi-Conduct...
BLV62 NJSEMI-BLV62 Datasheet
134Kb / 4P
   UHF linear push-pull power transistor
BLV859 NJSEMI-BLV859 Datasheet
95Kb / 3P
   UHF linear push-pull power transistor
logo
NXP Semiconductors
BLV857 PHILIPS-BLV857 Datasheet
138Kb / 12P
   UHF linear push-pull power transistor
1997 Jan 16
BLV859 PHILIPS-BLV859 Datasheet
126Kb / 16P
   UHF linear push-pull power transistor
1996 Jul 26
BLV862 PHILIPS-BLV862 Datasheet
89Kb / 12P
   UHF linear push-pull power transistor
1999 Jun 25
logo
New Jersey Semi-Conduct...
BLV861 NJSEMI-BLV861 Datasheet
124Kb / 4P
   UHF linear push-pull power transistor
logo
NXP Semiconductors
BLV950 PHILIPS-BLV950 Datasheet
109Kb / 16P
   UHF push-pull power transistor
1997 Oct 27
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com