Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PDA320240D-02 Datasheet(PDF) 7 Page - Varitronix international limited

Part # PDA320240D-02
Description  SPECIFICATION OF LCD MODULE TYPE
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VARITRONIX [Varitronix international limited]
Direct Link  http://www.varitronix.com
Logo VARITRONIX - Varitronix international limited

PDA320240D-02 Datasheet(HTML) 7 Page - Varitronix international limited

Back Button PDA320240D-02 Datasheet HTML 3Page - Varitronix international limited PDA320240D-02 Datasheet HTML 4Page - Varitronix international limited PDA320240D-02 Datasheet HTML 5Page - Varitronix international limited PDA320240D-02 Datasheet HTML 6Page - Varitronix international limited PDA320240D-02 Datasheet HTML 7Page - Varitronix international limited PDA320240D-02 Datasheet HTML 8Page - Varitronix international limited PDA320240D-02 Datasheet HTML 9Page - Varitronix international limited PDA320240D-02 Datasheet HTML 10Page - Varitronix international limited PDA320240D-02 Datasheet HTML 11Page - Varitronix international limited Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
VL-PS-PDA320240D-02 REV. A
(PDA320240D-02)
JUN/2005
PAGE 7 OF 16
3.
Absolute Maximum Ratings
3.1
Electrical Maximum Ratings – for IC Only
Table 2
Parameter
Symbol
Min.
Max.
Unit
Supply voltage range (Logic)
VDD - VSS
-0.3
+7.0
V
Supply voltage (LCD)
V0
-0.3
+30.0
V
Input voltage range
VIN
-0.3
VDD+0.3
V
Note: 1.) The module may be destroyed if they are used beyond the absolute maximum ratings.
2.) All voltage values are referenced to VSS= 0V.
3.2
Environmental Conditions
Table 3
Operating
Temperature
(Topr)
Storage
Temperature
(Tstg)
(Note1)
Item
Min.
Max.
Min.
Max.
Remark
Ambient Temperature
(Except Touch Panel)
0
°C
+50
°C-20°C
+70
°C Dry
Humidity
90% max. RH for Ta
≤ 40°C
No condensation
Vibration (IEC 68-2-6)
cells must be mounted
on a suitable connector
Frequency: 10
∼ 55 Hz
Amplitude: 0.75 mm
Duration: 20 cycles in each direction.
3 directions
Shock (IEC 68-2-27)
Half-sine pulse shape
Pulse duration: 11 ms
Peak acceleration: 981 m/s
2 = 100 g
Number of shocks: 3 shocks in 3
mutually perpendicular axes.
3 directions
Note 1: Product cannot sustain in extreme storage conditions for a long time.


Similar Part No. - PDA320240D-02

ManufacturerPart #DatasheetDescription
logo
Varitronix internationa...
PDA320240D-03 VARITRONIX-PDA320240D-03 Datasheet
1Mb / 17P
   SPECIFICATION OF LCD MODULE TYPE
PDA320240D-04 VARITRONIX-PDA320240D-04 Datasheet
190Kb / 1P
   LCM Module Specification
More results

Similar Description - PDA320240D-02

ManufacturerPart #DatasheetDescription
logo
Varitronix internationa...
VL-FS-MGLS12864T-54 VARITRONIX-VL-FS-MGLS12864T-54 Datasheet
286Kb / 14P
   SPECIFICATION OF LCD MODULE TYPE
VL-PS-OLM-O095CNC-02 VARITRONIX-VL-PS-OLM-O095CNC-02 Datasheet
884Kb / 25P
   SPECIFICATION OF LCD MODULE TYPE
VL-FS-MDLS12433P-01 VARITRONIX-VL-FS-MDLS12433P-01 Datasheet
168Kb / 10P
   SPECIFICATION OF LCD MODULE TYPE
VL-FS-MGLS128128-29C VARITRONIX-VL-FS-MGLS128128-29C Datasheet
432Kb / 11P
   SPECIFICATION OF LCD MODULE TYPE
VL-PS-PDA320240D-03 VARITRONIX-VL-PS-PDA320240D-03 Datasheet
1Mb / 17P
   SPECIFICATION OF LCD MODULE TYPE
VL-FS-MDLS16163-04 VARITRONIX-VL-FS-MDLS16163-04 Datasheet
482Kb / 12P
   SPECIFICATION OF LCD MODULE TYPE
VL-FS-MGLS12864T-14 VARITRONIX-VL-FS-MGLS12864T-14 Datasheet
201Kb / 10P
   SPECIFICATION OF LCD MODULE TYPE
VL-FS-MDLS16119D-01 VARITRONIX-VL-FS-MDLS16119D-01 Datasheet
131Kb / 12P
   SPECIFICATION OF LCD MODULE TYPE
VL-FS-MDLS16165D-02 VARITRONIX-VL-FS-MDLS16165D-02 Datasheet
290Kb / 13P
   SPECIFICATION OF LCD MODULE TYPE
VL-FS-MDLS16166D-11 VARITRONIX-VL-FS-MDLS16166D-11 Datasheet
177Kb / 13P
   SPECIFICATION OF LCD MODULE TYPE
VL-FS-MDLS161615D-02 VARITRONIX-VL-FS-MDLS161615D-02 Datasheet
323Kb / 13P
   SPECIFICATION OF LCD MODULE TYPE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com