Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PCLH-401D1MSL000 Datasheet(PDF) 2 Page - Tyco Electronics

Part # PCLH-401D1MSL000
Description  3A, 5A, 10A, 15A General Purpose Miniature Relay
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

PCLH-401D1MSL000 Datasheet(HTML) 2 Page - Tyco Electronics

  PCLH-401D1MSL000 Datasheet HTML 1Page - Tyco Electronics PCLH-401D1MSL000 Datasheet HTML 2Page - Tyco Electronics PCLH-401D1MSL000 Datasheet HTML 3Page - Tyco Electronics PCLH-401D1MSL000 Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
714
Dimensions are shown for
reference purposes only.
Dimensions are in inches over
(millimeters) unless otherwise
specified.
Specifications and availability
subject to change.
OEG
Catalog 1308242
Issued 3-03 (PDF Rev. 3-04)
www.tycoelectronics.com
Technical support:
Refer to inside back cover.
Ordering Information
Typical Part Number
PCL
-2 02A
1
S
,000
1. Basic Series:
PCL = 3A, 5A type
PCLH = 10A,15A type
2. Number of Poles:
1 = 1 pole (PCLH only)
2 = 2 pole
4 = 4 pole (PCL only)
3. Coil Voltage:
01A=6VAC
02A=12VAC
03A=24VAC
04A=48VAC
05A=100VAC
06A=110/120VAC
07A=200VAC
08A=220/240VAC
01D=6VDC
02D=12VDC
03D=24VDC
04D=48VDC
05D=100/110VDC
4. Contact Material:
Blank = Ag (only available on 4 pole model)
1 = Ag Alloy (available with all versions)
5. Contact Arrangement:
Blank = Form C
M = Form A
6. Case Type:
S = Standard (Smoke color)
F = Flange mount (Smoke color)
7. Terminal Type:
Blank = Plug-in
P = PCB
8. Indicator Lamp:
Blank = None
L = Indicator Lamp
9. Option:
,000 = Standard model
Other suffix = Custom model.
PCL 2c, 2a type (PCB Terminal)
PCL 2c, 2a type (Plug-in Terminal)
NOT PRESENT ON FORM A MODEL
.02
(.5)
.059
(1.5)
.197
± .012
(5.0
± .3)
1.32
± .02
(33.6
± .5)
1.08
± .02
(27.5
± .5)
.835
± .02
(21.2
± .5)
.157
± .008
(4.0
± .2)
.157
± .008
(4.0
± .2)
.520
± .008
(13.2
± .2)
.02
(.5)
.02
(.5)
.059
(1.5)
.02
(.5)
.248
(6.3)
.25
(6.35)
.498
(12.65)
.659
(16.75)
.02
(.5)
.098
(2.5)
.22
± .012
(5.6
± .3)
1.32
± .02
(33.6
± .5)
.835
± .02
(21.2
± .5)
.520
± .008
(13.2
± .2)
.02
(.5)
.02
(.5)
.098
(2.5)
.02
(.5)
.248
(6.3)
.25
(6.35)
.498
(12.65)
.659
(16.75)
1.08
± .02
(27.5
± .5)
.157
± .008
(4.0
± .2)
Our authorized distributors are more likely to stock the following items for immediate delivery.
Outline Dimsisions
PCLH-202A1S,000
PCLH-203A1S,000
PCLH-206A1S,000
PCLH-208A1S,000
PCLH-202D1S,000
PCLH-203D1S,000
PCLH-204D1S,000
PCLH-205D1S,000
PCLH-206A1SP,000
PCLH-202D1SP,000
PCLH-203D1SP,000
PCLH-205D1SP,000


Similar Part No. - PCLH-401D1MSL000

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PCLH-202A1S000 MACOM-PCLH-202A1S000 Datasheet
320Kb / 4P
   3A, 5A, 10A, 15A General Purpose Miniature Relay
PCLH-202D1S000 MACOM-PCLH-202D1S000 Datasheet
320Kb / 4P
   3A, 5A, 10A, 15A General Purpose Miniature Relay
PCLH-202D1SP000 MACOM-PCLH-202D1SP000 Datasheet
320Kb / 4P
   3A, 5A, 10A, 15A General Purpose Miniature Relay
PCLH-203A1S000 MACOM-PCLH-203A1S000 Datasheet
320Kb / 4P
   3A, 5A, 10A, 15A General Purpose Miniature Relay
PCLH-203D1S000 MACOM-PCLH-203D1S000 Datasheet
320Kb / 4P
   3A, 5A, 10A, 15A General Purpose Miniature Relay
More results

Similar Description - PCLH-401D1MSL000

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
PCL MACOM-PCL Datasheet
320Kb / 4P
   3A, 5A, 10A, 15A General Purpose Miniature Relay
logo
DB Lectro Inc
HG4104 DBLECTRO-HG4104 Datasheet
144Kb / 4P
   Miniature General Purpose Relay
logo
American Zettler, Inc.
AZ420 AZETTLER-AZ420 Datasheet
292Kb / 8P
   MINIATURE GENERAL PURPOSE RELAY
logo
DB Lectro Inc
HG4104L DBLECTRO-HG4104L Datasheet
133Kb / 4P
   Miniature General Purpose Relay
logo
List of Unclassifed Man...
AZ429-C07-10LUS ETC2-AZ429-C07-10LUS Datasheet
321Kb / 8P
   MINIATURE GENERAL PURPOSE RELAY
logo
CamdenBoss Ltd.
CSM3 CAMDENBOSS-CSM3 Datasheet
507Kb / 1P
   V3 type microswitches 5A, 10A and 15A
logo
Tyco Electronics
K10 MACOM-K10 Datasheet
290Kb / 3P
   15 Amp General Purpose Miniature Relay
logo
Picker Components
PC113 PICKER-PC113_17 Datasheet
456Kb / 2P
   Miniature 12 & 20 Amp General Purpose Relay
logo
Tyco Electronics
OMIT-SS-112LM MACOM-OMIT-SS-112LM Datasheet
130Kb / 2P
   10A Miniature Power PC Board Relay
logo
Picker Components
PC118 PICKER-PC118_17 Datasheet
1Mb / 2P
   Miniature 4 Pole 5 Amp General Purpose Relay
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com